Part Number Hot Search : 
1N5692 5KE15 XHXXX MA816001 OP462 V271HA32 AVR750U KBP158G
Product Description
Full Text Search
 

To Download VRB3-D12-S12-DIP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1/3
VRB3-DIP Series Dc-Dc Converter
Rev. 12-2006 Features
*Wide (2:1) input range *Isolated & regulated 3W output *Efficiency up to 83% *Single voltage output *DIP package style *Industry standard pinout *metal case *No heatsink required *1K Vdc isolation *MTBF >1,000,000 hours *Temperature range: -40C~+85C *RoHS Compliant
Model Number VRB3-D5-S5-DIP VRB3-D5-S9-DIP VRB3-D5-S12-DIP VRB3-D5-S15-DIP VRB3-D12-S5-DIP VRB3-D12-S9-DIP VRB3-D12-S12-DIP VRB3-D12-S15-DIP VRB3-D24-S5-DIP VRB3-D24-S9-DIP VRB3-D24-S12-DIP VRB3-D24-S15-DIP VRB3-D48-S5-DIP VRB3-D48-S9-DIP VRB3-D48-S12-DIP VRB3-D48-S15-DIP Nominal 5 Vdc 5 Vdc 5 Vdc 5 Vdc 12 Vdc 12 Vdc 12 Vdc 12 Vdc 24 Vdc 24 Vdc 24 Vdc 24 Vdc 48 Vdc 48 Vdc 48 Vdc 48 Vdc
Input Voltage Range 4.5~9 Vdc 4.5~9 Vdc 4.5~9 Vdc 4.5~9 Vdc 9~18 Vdc 9~18 Vdc 9~18 Vdc 9~18 Vdc 18~36 Vdc 18~36 Vdc 18~36 Vdc 18~36 Vdc 36~72 Vdc 36~72 Vdc 36~72 Vdc 36~72 Vdc Max. 11 Vdc 11 Vdc 11 Vdc 11 Vdc 22 Vdc 22 Vdc 22 Vdc 22 Vdc 40 Vdc 40 Vdc 40 Vdc 40 Vdc 80 Vdc 80 Vdc 80 Vdc 80 Vdc
Output Voltage 5 Vdc 9 Vdc 12 Vdc 15 Vdc 5 Vdc 9 Vdc 12 Vdc 15 Vdc 5 Vdc 9 Vdc 12 Vdc 15 Vdc 5 Vdc 9 Vdc 12 Vdc 15 Vdc
Output Current Max. 600 mA 330 mA 250 mA 200 mA 600 mA 330 mA 250 mA 200 mA 600 mA 330 mA 250 mA 200 mA 600 mA 330 mA 250 mA 200 mA Min. 60 mA 33 mA 25 mA 20 mA 60 mA 33 mA 25 mA 20 mA 60 mA 33 mA 25 mA 20 mA 60 mA 33 mA 25 mA 20 mA Efficiency 70% 72% 73% 75% 70% 75% 76% 78% 70% 75% 81% 81% 78% 82% 82% 83%
Package Style DIP DIP DIP DIP DIP DIP DIP DIP DIP DIP DIP DIP DIP DIP DIP DIP
General Specifications
Output short circuit protection Temperature rise at full load Cooling No-load power consumption Operating temperature range Storage temperature range Soldering temperature Storage humidity range Case material MTBF continuous 30C typ. Free air convection 100 mW (typ.) -40C to +85C -55C to +125C 300C max. <95% Metal >1,000,000 hrs.
Isolation Specifications
Item Isolation Voltage Isolation Resistance Test Conditions Min. Flash tested for 1 min. 1500 Vdc Test at 500 Vdc 1000 M Typ. Max.
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
2/3
VRB3-DIP Series Dc-Dc Converter
Rev. 12-2006
Output Specifications
Item Output power Line Regulation Load Regulation Output voltage accuracy Temperature drift Ripple Noise Switching frequency Test conditions See below Input voltage from low to high From 10% to 100% load refer to recommended circuit refer to recommended circuit 20 Hz-300 KHz Bandwidth DC-20MHz Bandwidth 100% load 10% load Min. 0.3 W Typ. 0.2% 0.5% 1% 30 mVp-p 80 mVp-p 80 KHz 250 KHz Max. 3W 0.5% 0.75% 3% 0.03%/C 60 mVp-p 150 mVp-p 300 KHz 600 KHz
Notes: 1. All specifications measured at TA=25 C, humidity <75%, nominal input voltage and rated output load unless otherwise specified. 2. See recommended circuits below for more details.
Applications: The VRB3-DIP Series are specially designed for applications where wide range input voltage power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is wide range (voltage range: 2:1); 2) Where isolation is necessary between input and output (Isolation Voltage = 1500 Vdc) 3) Where the regulation of the output voltage and the output ripple noise are demanding. These products don't apply to: 1) Where the input voltage t is required to be more than 2:1; 2) Where the isolation voltage between input and output is required to be >1500VDC; 3) The output load's actual power consumption is less than 1W.
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
3/3
VRB3-DIP Series Dc-Dc Converter
Rev. 12-2006 Typical Characteristics
Temperature Derating Graph
Cin
Vin
Vout
DC
DC
0V
GND
Input Current(A)
Ip
Operating Temp.( C )
Pin Connections
Bottom View
Input Voltage Range
Pin
2,3 GND NC +Vo 0V Vin Vin 9,10,11,15 14 16
Input Voltage (V)
23
9 1011
External Capacitor Although this series of DC/DC converter can work without external capacitor, in order to keep an optimum performance, however, it needs external capacitor. (See Table 1) Requirement on Output Load
2322
16 1514
22 23
Outline Dimensions & Recommended Footprint Details
31.80 0.50 20.30
23 22 1615 14
To ensure this module operate efficiently and reliably, a minimum load is specified for this kind of DC/DC converter in addition to a
9.45 MP:10.5
maximum load (namely full load). During operation, make sure the specified range of input voltage is not exceeded, the minimum out put load is not less than 10% Of the full load, and that this product should never be operated under no load!!! If the actual load is less below the specified minimum load. the output ripple of this type of DC/DC converter will increase drastically and at the same time efficiency & reliability of the circuit will
23
9 10 11
15.24
2.54 22.86
2 x 2.54 4.00
decrease deeply .If the actual output power from the load in your circuit is very small. please connect a resistor with proper resistance at the output end to in parallel to increase the load, or use our company's other products with a lower rated output power. The products cannot be used in parallel. Table 1
(Bottom View)
(Side View)
Note: All Pins on a 2.54mm pitch; All Pin diameters are 0.50 mm(Tolerance:0.10); All dimensions in mm.
Application Note Recommended circuit All the VRB3-DIP Series have been tested according to the following recommended testing circuit before leaving factory. This series should be tested under load. Never be tested under no load (See Figure 1 & 2). If you want to further decrease the input/output ripple, you can increase capacitance properly or choose capacitors with low ESR. However, the capacitance should not be too high.(See table 1).If you want to use the products in high EMI, please choose our metal packaged products. Input Current When it is used in unregulated power supply., be sure that the fluctuating range of the power supply and the rippled voltage do not exceed the module standard. Input current of power supply should afford the startup current of this kind of DC/DC module. (See figure 2)
Vin 5V & 12V 24V & 48V
Cin 100uF
Cout (0+70C) 100uF (electrolytic capacitor)
Cout (-40+85C) 47uF (tantalum capacitor)
10uF
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258


▲Up To Search▲   

 
Price & Availability of VRB3-D12-S12-DIP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X