Part Number Hot Search : 
10N15 85102 RT100 7C144 IRFP254B 10BQ015 MAX150 FH22NJ
Product Description
Full Text Search
 

To Download VFSD2-DIP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1/3
VFSD2-DIP Series DC-DC Converter Rev. 06-2006
Description
Designed to convert fixed voltages into an isolated voltage, the VFSD2-DIP series is well suited for providing board-mount local supplies in a wide range of applications, including mixed analog/digital circuits, test & measurement equip., process/machine controls, datacom/telecom fields, etc... The semi-regulated output can be followed by 3-terminal regulators to provide output protection, in addition to output regulation. Model Number VFSD2-S5-S5-DIP VFSD2-S5-S9-DIP VFSD2-S5-S12-DIP VFSD2-S5-S15-DIP VFSD2-S12-S5-DIP VFSD2-S12-S9-DIP VFSD2-S12-S12-DIP VFSD2-S12-S15-DIP VFSD2-S24-S5-DIP VFSD2-S24-S9-DIP VFSD2-S24-S12-DIP VFSD2-S24-S15-DIP
Features
*Isolated 2 W output *Temperature range: -40C~+85C *Unregulated *High efficiency to 81% *Single voltage output *Small footprint *DIP package style *Industry standard pinout *UL94-V0 package *No heatsink required *3K Vdc isolation *Power density 1.42 W/cm *No external component required *Low cost Output Voltage 5 Vdc 9 Vdc 12 Vdc 15 Vdc 5 Vdc 9 Vdc 12 Vdc 15 Vdc 5 Vdc 9 Vdc 12 Vdc 15 Vdc Output Current Max. Min. 400 mA 40 mA 222 mA 22.2 mA 167 mA 16.7 mA 133 mA 13.3 mA 400 mA 400 mA 222 mA 22.2 mA 167 mA 16.7 mA 133 mA 13.3 mA 400 mA 40 mA 222 mA 22.2 mA 167 mA 16.7 mA 133 mA 13.3 mA Package Style DIP DIP DIP DIP DIP DIP DIP DIP DIP DIP DIP DIP
Input Voltage Nominal Range 5 Vdc 4.5~5.5 Vdc 5 Vdc 4.5~5.5 Vdc 5 Vdc 4.5~5.5 Vdc 5 Vdc 4.5~5.5 Vdc 12 Vdc 10.8~13.2 Vdc 12 Vdc 10.8~13.2 Vdc 12 Vdc 10.8~13.2 Vdc 12 Vdc 10.8~13.2 Vdc 24 Vdc 21.6~26.4 Vdc 24 Vdc 21.6~26.4 Vdc 24 Vdc 21.6~26.4 Vdc 24 Vdc 21.6~26.4 Vdc
Efficiency 80% 81% 82% 84% 80% 83% 84% 85% 81% 84% 85% 86%
Output Specifications
Item Output power Line Regulation Load Regulation Output voltage accuracy Temperature drift Output ripple Switching frequency Test conditions For Vin change of 1% 10% to 100% full load See tolerance envelope graph 100% load 20 MHz Bandwidth Full load, nominal input Min. 0.2 Typ. Max. 2 1.2 15 0.03 150 100 Units W % % %/C mVp-p KHz
10
75 75
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
2/3
VFSD2-DIP Series DC-DC Converter Rev. 06-2006 General Specifications
Short circuit protection Temperature rise at full load Cooling Operating temperature range Storage temperature range Soldering temperature Storage humidity range Case material Safety MTBF Burn-in 1 second 25C Max, 15C Typ. Free air convection -40C to +85C -55C to +125C 300C (1.5mm from case for 10 sec.) <95% Plastic (UL94-V0) approved to UL60950 (E222736) >3,500,000 hrs. Full load at +85C, for 4 hours at no-load and 4 hours at full load.
Isolation Specifications
Item Isolation Voltage Insulation Resistance Note: 1. All specifications measured at TA=25C, humidity <75%, nominal input voltage and rated output load unless otherwise specified. Test Conditions Tested for 1 min. Test at 500 Vdc Min. 3000 1000 Typ. Max. Units Vdc M
Typical Characteristics
Ambient Temperature ( C )
Outline Dimensions & Recommended Layout Pattern
Side View
Pin
1 7 8 10 14 -Vin NC +Vout -Vout +Vin
Bottom View
1 14 10 7 8 1 7 14 8
Note: All Pins on a 2.54mm pitch; All Pin diameters are 0 50 mm; all dimensions in mm
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
3/3
VFSD2-DIP Series DC-DC Converter Rev. 06-2006
Application Notes:
- Input filtering To reduce the reflected ripple current and minimize EMI, especially when the converter input is more than 2" away from the DC source, it is recommended to connect a low ESR electrolytic capacitor between Vin and Gnd. The values suggested are as shown in Table 1. If additional filtering is required, the capacitance may be increased, or expanded to an LC network as shown in Figure 1.
- Minimum loading The converter needs a minimum of 10% loading to maintain output regulation. Operation under no-load conditions will not cause immediate damages but may reduce reliability, and cause performance not to meet specifications. - Regulation With a semi-regulated design, the converter's output voltage varies with load current and will change proportionally to the input voltage. If regulated output is needed, an external regulator can be used as shown in Figure 2. - Protection The converter has minimal protection against input over-voltage or output over-load, and may be permanently damaged if exposed to these conditions. An input clamping device can be used for input voltage limiting. An input fuse or an output fuse can also be used to protect against over-loading.
Table 1
Input Voltage 5V 12 V 24 V External Input Capacitance 4.7 F 2.2 F 1.0 F
- Output filtering An output capacitor is needed to meet output ripple requirements as shown in Table 2. Output capacitance may be increased for additional filtering, but should not exeed 10F or expanded to an LC network as in Figure 1.
- External Regulator An external 3-terminal regulator can be connected to the output of the converter to achieve full regulation. Make sure the converter's output voltage provides sufficient head room for the regulator. An additional benefit is that the built-in protection features in the regulator, such as OCP, OTP, etc, will protect the converter also. In a complimentory supply, a negative output regulator must be used to
Table 2
Vout 5V 9V 12 V 15 V
External Ouput Capacitance 4.7 F 2.2 F 1.0 F 0.47 F
achieve the negative regulated output.
+Vin -Vin
REG
+Vout
DC DC
-Vout
REG
+Vin -Vin
+Vout
DC DC
-Vout
L
+Vin
L
+Vout
C
-Vin
DC DC

C
-Vout
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258


▲Up To Search▲   

 
Price & Availability of VFSD2-DIP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X