Part Number Hot Search : 
IA175 MAX4372 25DMB TMP88 2SK11 ID245K0 LBT11524 AH293YA
Product Description
Full Text Search
 

To Download USB-DIO-48 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PC/104 - USB USB Digital Input/Output Module 96 or 48 Digital I/O's
FEATURES
* * * * * * * * * * * * * * *
96 or 48 lines of digital I/O High retention type B USB connector Mini USB header connector in parallel with type B for stacking and embedded applications High-speed USB 2.0 device, USB 1.1 backwards compatible Twelve (12) or Six (6) 8-bit ports independently selectable for inputs or outputs All I/O lines buffered with 32 mA source, 64mA sink current capabilities I/O Buffers can be enabled or tri-stated under program control Drivers and sample application provided Jumper selectable I/O pulled up to 5V for contact monitoring, pulled down to ground or floating Jumper selectable power provided via USB cable or external power supply for higher source current capabilities Resettable fused +5VDC outputs per 50-pin connector Standard 50-pin IDC-type shrouded connectors with key PC/104 size (3.550 by 3.775 in.) Rugged industrial enclosure Compatible with Industry-Standard I/O Racks such as Gordos, OPTO22, Potter & Brumfield, etc. with optional cable
FACTORY OPTIONS
* * * * *
Board only version with no enclosure DIN rail mounting bracket industrial environments Extended operating temperature -40 to +85C On-board regulator, DC power jack and AC/DC adapter This product is available in a RoHS compliant version
FUNCTIONAL DESCRIPTION
This USB board is an ideal solution for adding portable, easy-to-install digital I/O capabilities to any computer with a USB port. The board is a USB 2.0 high speed device, offering the fastest speed available with the USB bus. It is fully compatible with both USB 1.1 and USB 2.0 ports. The card is plug-and-play allowing quick connect/disconnect whenever you need additional I/O on your USB port. The board features 96 or 48 bits of TTL-compatible digital I/O with high-current capabilities. Each digital port can be programmed to accept inputs or to drive outputs in twelve or six 8-bit ports. Power is supplied to the card via the USB cable, or for higher source current capabilities, an external power option may be ordered. The I/O wiring connections are via two or four industry standard 50-pin connectors. For external circuits, fused +5VDC power is available at pin 49 of each I/O connector. The resettable fuse is rated at 0.5A. All I/O lines are buffered by a type 74ABT543A tristate buffer transceiver capable of sourcing 32 mA or sinking 64 mA. The buffers are configured under program control for input or output. Jumper selected resistors permit configuration of each 24-bit / 50-pin connector group for pull-up (to +5 VDC), pull-down (to ground) or floating depending on the application requirement. Pull-ups are useful for contact monitoring and assure that there are no erroneous outputs at power-up until the card is initialized by system software. Unlike most USB digital I/O products which primarily use a human interface device (HID) driver, we provide an easy to use, Windows/Linux-based, custom function driver capable of updating all 96-bits approximately 4000 times per second. OEM USB/104 FORM FACTOR The OEM (board only) version is perfect for a variety of embedded applications. What makes the OEM option unique is that its PCB size and pre-drilled mounting holes match the PC/104 form factor (without the bus connections). This ensures easy installation using standard standoffs inside most enclosures or systems. The board can be added to any PC/104, PCI-104, or PCI/104-Express stack by connecting it to a USB 2.0 port usually included on-board with embedded CPU form factors such as EBX, EPIC, and PC/104. This is especially important since many newer CPU chipsets do not support ISA and have plenty of USB ports. The USB-DIO-96 and USB-DIO-48 OEM board can also be installed using standoffs inside other enclosures or systems. For embedded OEM type applications, an additional miniature USB input header is provided in parallel with the type B connector.
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345 Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
PC/104 - USB
ACCESSORIES Available accessories include flat ribbon cables and DIN-rail mountable screw terminal boards. Also available is our low cost IIB-24 which will add optical isolation to any standard 24-channel digital I/O port on a 50 pin connector. To make use of the miniature embedded USB header connector, we offer a 6' type A to mini cable. SOFTWARE The USB-DIO-96 and USB-DIO-48 are plug-and-play which allows quick connect or disconnect whenever you need additional I/O on your USB port. The module utilizes a high-speed custom function driver optimized for a maximum data throughput that is 50-100 times faster than the USB human interface device (HID) driver used by many competing products. This approach maximizes the full functionality of the hardware along with capitalizing the advantage of highspeed USB 2.0. These boards are supported for use in most USB supported operating systems and includes a free Linux and Windows 98se/Me/2000/ XP/2003 compatible software package. This package contains sample programs and source code in Visual Basic, Delphi and Visual C++ for Windows. Also incorporated is a graphical setup program in Windows. Third party support includes a Windows standard DLL interface usable from the most popular application programs and includes example LabView VIs. Embedded OS support includes Windows XPe.
Block Diagram
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345 Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
PC/104 - USB
Specifications
TTL Digital Input/Output Lines Channels / Groups: 96 or 48 in 8-bit groups Inputs: Logic High: 2.0 VDC minimum, 5.5 VDC max. Logic Low: -0.5 VDC min., +0.8 VDC max. Outputs: Logic High: 2.0 VDC minimum, source 32 mA Logic Low: 0.55 VDC maximum, sink 64 mA Bus Type Environmental Operating Temp.: Storage Temp.: Humidity: Board Dimension: Box Dimension: Power Basic Unit: Auxiliary Outputs: Bus Powered: Externally Powered: USB 2.0 high-speed 0C to 70C -40C to +85C 0%-90% RH, non-condensing 3.550 x 3.775 inches 4.00 x 4.00 x 1.4 inches 318mA typical (no load) +5VDC via 0.5A resettable fuse per 50 pin connector +5VDC provided via USB bus up to 500mA ** Optional on-board external power circuitry with voltage regulator and 9V AC/DC adapter can be ordered ("-P" option) if current use is expected to be greater than what can be supplied by the USB bus.
Ordering Information
USB-DIO-96 USB-DIO-48 Model Options -P -OEM -RoHS -DIN -T Accessories STB-50 IIB-24 CAB50F-6 CAB50-6 MP104-DIN CUSB-EMB-6 96 High-Speed Digital I/O's in rugged enclosure 48 High-Speed Digital I/O's in rugged enclosure AC/DC adapter (power jack/regulator installed) Board only (no enclosure) Compliant board Includes MP104-DIN installed on enclosure Extended operating temperature -40C to +85C Screw terminal board 24-channel optical isolator board 6' flat ribbon cable female 50-pin connector 6' flat ribbon cable female to edge connector DIN rail mounting provision 6' USB Cable with Type A to mini connector
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345 Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com


▲Up To Search▲   

 
Price & Availability of USB-DIO-48

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X