Part Number Hot Search : 
0150CT B105M CR201 16P04 13374 40020 CFRB204 C8051F
Product Description
Full Text Search
 

To Download TVM4G-0168M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Precision VCTCXO 5.0x7.0mm Clipped Sinewave Output
Description
2111 Comprehensive Drive Aurora, Illinois 60505 Phone: 630-851-4722 Fax: 630-851-5040 www.conwin.com US Headquarters 630-851-4722: European Headquarters: +353-61-472221
TV
Features
The Connor Winfield model TVM4G is a 5.0x7.0mm Surface Mount Voltage Controlled Temperature Compensated Crystal Oscillator (VCTCXO). Through the use of Analog Temperature Compensation, the TVM4G is capable of holding sub 1-ppm stabilities over the -20 to 70C temperature range.
M4 G 16 08 .8M 28 HZ
Model TVM4G
VCTCXO 3.0Vdc Operation Clipped Sinewave Output Logic Frequency Stability: 2.0ppm Temperature Range: -20 to 70C Low Jitter <1pS RMS 5.0 x 7.0mm Surface Mount Package Tape and Reel Packaging
Specification
Absolute Maximum Ratings
PARAMETER Storage Temperature Supply Voltage Input Voltage (Vcc) (Vc) UNITS MINIMUM -55 -0.5 -0.5 NOMINAL MAXIMUM 125 6.0 Vcc+0.5 UNITS C Vdc Vdc NOTE
Operating Specifications
PARAMETER Frequency Range Frequency Stability Temperature Range Power Supply Stability +/-5% Load Stability +/-5% Aging Supply Voltage Supply Current Period Jitter Phase Jitter (BW=12kHz to 20MHz) SSB Phase Noise at 10Hz offset SSB Phase Noise at 100Hz offset SSB Phase Noise at 1KHz offset SSB Phase Noise at >10KHz offset (Vcc) (Icc) MINIMUM -2.00 -20 -0.2 -0.2 -1.0 2.85 NOMINAL 16.8 3.0 3 0.5 -85 -115 -135 -150 MAXIMUM 2.00 70 0.2 0.2 1.0 3.15 2 5 1 UNITS MHz ppm C ppm ppm ppm / year Vdc mA ps rms ps rms dBc/Hz dBc/Hz dBc/Hz dBc/Hz 1 NOTE
Input Characteristics
PARAMETER Control Voltage Frequency Tuning Range Linearity Slope Input Impedance MINIMUM 0.5 +/-10 +/-5 Positive 100K Ohms NOMINAL 1.5 MAXIMUM 2.5 UNITS V ppm % Notes
Clipped Sinewave Output Characteristics
PARAMETER Output Voltage Output Load Resistance Output Load Capacitance MINIMUM 0.8 NOMINAL 10.0K 10.0 MAXIMUM UNITS V Ohm pF Notes 2
Bulletin Page Revision Date
Tx227 1 of 2 00 27 May 2008
Specifications subject to change without notice. All dimensions in inches. (c) Copyright 2008 The Connor-Winfield Corporation
2111 Comprehensive Drive Aurora, Illinois 60505 Phone: 630-851-4722 Fax: 630-851-5040 www.conwin.com
Environmental Characteristics
Vibration: Shock: Soldering: Sollderability Vibration per Mil Std 883E Method 2007.3 Test Condition A Mechanical Shock per Mil Std 883E Method 2002.4, Condition B. See solder profile page 2. Sollderability per Mil Std 883E Method 2003
Ordering Information TVM4G - 016.8M
TCXO SERIES CENTER FREQUENCY
Note: 1) Frequency stability vs. change in temperature, referenced to the mid point between minimum and maximum frequency value over the specified temperature range. 2) AC coupled.
Package Layout
0.276 0.006 (7.0mm) (Top View) 0.079 Max. (2.0mm)
Suggested Pad Layout
Pin Connections
1 2 3 4 Control Voltage Ground Output Supply Voltage (Vcc)
TVM4G 0828 16.8MHZ
Pad 1
0.197 0.006 (5.0mm)
4
3
(Top View)
1 0.033 (0.84mm) (4 Places) 4 0.055 (1.40mm) (4 Places) (Bottom View) 3 2
Test Circuit
DNC DNC DNC 3 10Kohm .01 uF Bypass 1 VC DNC DNC DNC 2 Output Vcc Supply Voltage 4
Dimensional Tolerance: .005 (.127mm) .02 (.508mm)
1
2
10 pF
Typical Phase Noise
Model TVM4G-016.8MHz
Output Waveform
0
200 mV/Div
Solder Profile
Temperature 260C 220C 260C
Tape and Reel Information
4-PAD Ceramic Package 0.197x0.295 (5.0x7.0mm) Standard Orientation Meets EIA-481A and EIJ-1009B 2000 Pieces/Reel Maximum.
Direction of Feed (Customer)
0.157 (4mm) 0.079 (2mm) 0.020 R. (0.5mm) 0.63 (1.6mm) Dia. 0.059 (1.5mm) Dia. 0.069 (1.75mm) 0.295 (7.5mm) 0.642 (16.30mm) 0.626 (15.90mm)
180C 150C 120C
0
0.69 (17.53mm) 8.45 Dia. (214.6mm) 0.08 (2.0mm) 0.08 (2.0mm)
120 S Max.
Time 10 S 60 S Max. 360 Sec. Max.
9.84 (250mm) 0.08 (2.0mm)
3.15 (80mm)
0.059 (1.5mm) Dia. Minimum
1.0 Dia. (25.4mm)
US Headquarters: 630-851-4722 European Headquarters: +353-61-472221
Bulletin Page Revision Date Tx227 2 of 2 00 27 May 2008
3 Typical 0.210 (5.33mm) (Ao)
0.315 (8.0mm) 3 Typical
0.31 (7.87mm) (Bo) 0.014 (+/-.004) (0.36mm +/-.01)
Pocket Size (Ao) (Bo) (Ko) 5.33mm (0.21") 7.87mm (0.31") 3.07mm (0.121")
SM-MECH09
0.121 (3.07mm) (Ko)
16mm (0.630") Width 8mm (0.315") Pitch
Specifications subject to change without notice. All dimensions in inches. (c) Copyright 2008 The Connor-Winfield Corporation


▲Up To Search▲   

 
Price & Availability of TVM4G-0168M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X