Part Number Hot Search : 
CS520 16389I XFATM TC7SZ86F 46000 ECCM1 BT110 RTC72421
Product Description
Full Text Search
 

To Download TSC-1D4815N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
TRUMPower
DC/DC CONVERTERS
7-pin SIP, 0.25 to 1 Watt
TSC-N Series
MODEL NUMBER OUTPUT VOLTAGE 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC OUTPUT CURRENT 150 mA 60 mA 50 mA 75 mA 30 mA 25 mA 303 200 84 67 mA mA mA mA OUTPUT POWER 0.75W 0.75W 0.75W 0.75W 0.75W 0.75W 0.85W 1.0W 1.0W 0.9W 1.0W 1.0W 0.9W 5 VDC IN TSC-3QS0505N TSC-3QS0512N TSC-3QS0515N TSC-3QD0505N TSC-3QD0512N TSC-3QD0515N TSC-1S053.3N TSC-1S0505N TSC-1S0512N TSC-1S0515N TSC-1D0505N TSC-1D0512N TSC-1D0515N 12 VDC IN TSC-3QS1205N TSC-3QS1212N TSC-3QS1215N TSC-3QD1205N TSC-3QD1212N TSC-3QD1215N TSC-1S123.3N TSC-1S1205N TSC-1S1212N TSC-1S1215N TSC-1D1205N TSC-1D1212N TSC-1D1215N 15 VDC IN TSC-3QS1505N TSC-3QS1512N TSC-3QS1515N TSC-3QD1505N TSC-3QD1512N TSC-3QD1515N TSC-1S153.3N TSC-1S1505N TSC-1S1512N TSC-1S1515N TSC-1D1505N TSC-1D1512N TSC-1D1515N 24 VDC IN TSC-3QS2405N TSC-3QS2412N TSC-3QS2415N TSC-3QD2405N TSC-3QD2412N TSC-3QD2415N TSC-1S243.3N TSC-1S2405N TSC-1S2412N TSC-1S2415N TSC-1D2405N TSC-1D2412N TSC-1D2415N 48 VDC IN TSC-3QS4805N TSC-3QS4812N TSC-3QS4815N TSC-3QD4805N TSC-3QD4812N TSC-3QD4815N TSC-1S483.3N TSC-1S4805N TSC-1S4812N TSC-1S4815N TSC-1D4805N TSC-1D4812N TSC-1D4815N
100 mA 42 mA 34 mA
0.25W, 0.5W version and other input/output combinations available.
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25C, Nominal Line, and Full Load Unless Otherwise Noted.
PIN PIN CONNECTIONS FUNCTION +V Input -V Input -V Output Common* +V Output
INPUT SPECIFICATIONS Input Voltage Range.................................................10% Input Filter........................................................Capacitors OUTPUT SPECIFICATIONS Voltage Accuracy..............................................5%, Max. Line Regulation, FL...............................1.2%/%Vin, Max. Load Regulation, FL-20%FL.............................8%, Max.
(For regulated output models, see TSC Series.)
1 2 4 5 6
*No pin on single output models. 0.77 (19.5) 0.40 0.02 (10.2) (0.5) 12 0.09 (2.35) 456 0.10 (2.54) 0.05 (1.27) *0.24 (6.0) 0.12 Min. (3.0)
Ripple and Noise, 20MHz BW..................50 mVp-p, Typ. 100 mVp-p, Max. Short Circuit Protection...................................Short Term GENERAL SPECIFICATIONS Efficiency.............................................................70 - 85% Isolation Voltage, Input to Output.....................1,000 VDC
(For 3K VDC isolation models, see TSC-NH Series.)
Isolation Resistance...................................109 Ohms, Min. Isolation Capacitance...............................................80pF Switching Frequency....................................100 kHz, Min. Operating Temperature, No Derating.......-25C to +71C Storage Temperature Range..................-40C to +125C Cooling...............................................Free Air Convection MTBF per MIL-HDBK-217F @25C..........>2,000k Hours Weight....................................................0.1 oz. (3 grams) Case Material.....................Non-Conductive Black Plastic
*0.285 (7.2) on 48V input models PIN SIZE: 0.02 X 0.01 INCH ALL DIMENSIONS IN INCHES (mm)
Rev. B3 - 01/2008-
Tumbler Technologies + TRUMPower * Santa Clara, CA * 408-988-6616 * sales@trumpower.com * www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of TSC-1D4815N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X