Part Number Hot Search : 
D112E XB501C ST2604B XC402 VDL1518 2SC3166 NJM2193M SUP70N
Product Description
Full Text Search
 

To Download TS53Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS53Y
Vishay Sfernice
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
FEATURES
* 0.25 W at 70 C * For PCB version see T53Y series * Wide ohmic range (10 to 1 M) * Small size for optimum packing density * Suitable for both manual or automatic operation
RoHS
COMPLIANT
The TS53 trimming potentiometer has been designed for surface mount applications and offers volumetric efficiency (5 x 5 x 2.7 mm) with high performance and stability. The TS53 design is suitable for both manual or automatic operation, and can withstand wave, and reflow soldering techniques.
DIMENSIONS in millimeters
TS53YL
2
RECOMMENDED SOLDERING AREAS TS53J
TS53YL
TS53YJ
2
5 0.20 2.7 2.7
5
1.3
b 2 b
0.20
1.3
5.5 2 1.3 c a 2.3
1.3
4
6.4
O 2.5 MAX
5.5
O 2.5 MAX
c
a 2.3
ADHESIVE PAD (detail)
3.2 0.10
1 x 0.20 a b 5
103 A6
0.9 x 0.20
1 x 0.20 b a
0.9 x 0.20
L VERSION
0.10
J VERSION
1.1
2.30 c
5 c
2.30
0.65 O 2.5 adhesive pad
CIRCUIT DIAGRAM
a (1) c (3) b (2) CW
cruciform screwdriver slot o 2.5, width 0.5 deep: 0.55 max deep (center): 0.7
Tolerances unless otherwise specified 0.25 mm Document Number: 51008 Revision: 27-Jun-07
www.vishay.com 18
For technical questions, contact: sfer@vishay.com
TS53Y
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
ELECTRICAL SPECIFICATIONS
Resistive Element Electrical Travel Resistance Range Standard Series Tolerance Standard Power Rating Temperature Coefficient Limiting Element Voltage (Linear Law) Contact Resistance Variation End Resistance (Typical) Dielectric Strength (RMS) Insulation Resistance Linear Logarithmic Cermet 220 15 10 to 1 M 1-2-5 20 % 0.25 W at 70 C not applicable See Standard Resistance Element Data 200 V 1 % or 3 0.1 % or 3 1000 V 1 G
Vishay Sfernice
MECHANICAL SPECIFICATIONS
Mechanical Travel Operating Torque (max. Ncm) End Stop Torque (max. Ncm) Unit Weight (max. g) 270 10 1.5 3.5 0.15
POWER RATING CHART
0.25
0.20 POWER IN WATT
ENVIRONMENTAL SPECIFICATIONS
Temperature Range Climatic Category Sealing - 55 C to + 125 C 55/125/56 sealed container
0.15
0.10
0.05
0
0
20
40
60 70
100
120
140
155
AMBIENT TEMPERATURE IN DEGREES CELSIUS
PERFORMANCE
TYPICAL VALUES AND DRIFTS TESTS CONDITIONS 1000 hours at rated power 90'/30' - ambient temperature + 70 C Phase A dry heat 125 C Phase B damp heat Phase C cold - 55 C Phase D damp heat 5 cycles Temperature 40 C - RH 93 % 56 days 55 C to + 125 C - 5 cycles 100 cycles - rated power 50 g - 11 ms 3 successive shocks in 3 directions 10 - 55 Hz 0.75 mm or 10 g - 6 hours 2% 2% RT (%) RT R1-2 (%) R1-2 3% 3%
Load Life
Contact resistance variation: R < 1 % Rn
Climatic Sequence
2% Dielectric strength: 1000 V RMS Insulation resistance: > 104 M 1% (3 % + 5 ) 1% 1%
3%
Long Term Damp Heat
Thermal Shock Rotational Life (Electrical and Mechanical) Shock Vibration
V1-2 2% V1-3 V1-2 1% V1-3 V1-2 1% V1-3
Document Number: 51008 Revision: 27-Jun-07
For technical questions, contact: sfer@vishay.com
www.vishay.com 19
TS53Y
Vishay Sfernice
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
MARKING
VISHAY trademark, ohmic value, manufacturing date. The ohmic value is indicated by a 3 figure code, the first two are significant figures, the third one is the multiplier. Example: 100 = 10 101 = 100 102 = 1000 503 = 50 000
STANDARD RESISTANCE ELEMENT DATA
STANDARD RESISTANCE VALUES 10 20 50 100 200 500 1K 2K 5K 10K 20K 50K 100K 200K 500K 1M LINEAR LAW MAX. CUR. MAX. MAX. POWER WORKING THROUGH AT 70 C VOLTAGE ELEMENT W 0.25 V 1.58 2.24 3.54 5.00 7.07 11.2 15.8 22.4 35.4 50.0 70.7 112 158 200 200 200 mA 158 112 71 50 35 22 16 11 7 5 3.5 2.2 1.6 1.0 0.4 0.2 TYPICAL TCR - 55 C + 125 C ppm/C
SOLDERING RECOMMENDATIONS
see Application notes
100
0.25 0.20 0.08 0.04
PACKAGING
On tape and reel of 500 pieces, code TR and 2000 pieces, code TR1
3 solts - width 2 to 120 - o ext. 23 O 12.7 2
O 70
O 178 0.3
2 8
13 5.2
12
7.6
5.5 3.2 1.75 4
2 O 1.5
Cover tape panel strength specifications EIA 481 A and CEI 60286-3.
ORDERING INFORMATION
TS53 SERIES YL STYLE 500 K OHMIC VALUE 20 % TOLERANCE TR500 PACKAGING TR: Tape and reel 500 pcs on request: TR1: Tape and reel 2000 pcs e3 LEAD FINISH
e3: pure Sn
SAP PART NUMBERING GUIDELINES
T S 5 3 Y L 5 0 4 M R 1 0
MODEL
STYLE
OHMIC VALUE
TOL
PACKAGING CODE
SPECIAL (IF APPLICABLE)
See the end of this data book for conversion tables
www.vishay.com 20 For technical questions, contact: sfer@vishay.com Document Number: 51008 Revision: 27-Jun-07
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TS53Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X