Part Number Hot Search : 
SGM2306 SAA7377 4AA12 XC3030L CXT2222A Z4692 2SB999 BTS413A
Product Description
Full Text Search
 

To Download TCRB520S-30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TAK CHEONG
(R) SEMICOND UC TOR
200mW SOD-523 SURFACE MOUNT
Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
Absolute Maximum Ratings
Symbol PD TSTG TJ VR IF(AV) Power Dissipation Storage Temperature Range Operating Junction Temperature Reverse Voltage Average Forward Current
TA = 25C unless otherwise noted Value 200 -55 to +125 +125 30 200 Units mW C C V mA
Parameter
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Low Forward Voltage Drop Flat Lead SOD-523 Small Outline Plastic Package Extremely Small SOD-523 Package Surface Device Type Mounting RoHS Compliant Green EMC Matte Tin(Sn) Lead Finish Band Indicates Cathode DEVICE MARKING CODES: Device Type TCRB520S-30 Device Marking 1B
Electrical Characteristics
Symbol BV IR VF Breakdown Voltage
TA = 25C unless otherwise noted Parameter Test Condition IR=500A VR=10V TCBAT42WS, IF=200mA 30 1 0.6 Limits Min Max Volts A Volts Unit
Reverse Leakage Current Forward Voltage
Nov 2008, Revision F Page 1
TCRB520S-30
TAK CHEONG
Typical Performance Characteristics
(R) SEMICOND UC TOR
Total Capacitance
Forward Voltage vs Ambient Temperature
Nov 2008, Revision F Page 2
TAK CHEONG
(R) SEMICOND UC TOR
Reverse Current vs Reverse VoltageReverse
Nov 2008, Revision F Page 3
TAK CHEONG
Flat Lead SOD-523 Package Outline
(R) SEMICOND UC TOR
This datasheet presents technical data of Tak Cheong's Schottky Barrier Diodes. Complete specifications for the individual devices are provided in the form of datasheets. A comprehensive Selector Guide is included to simplify the task of choosing the best set of components required for a specific application. For additional information, please visit our website http://www.takcheong.com. Although information in this datasheet has been carefully checked, no responsibility for the inaccuracies can be assumed by Tak Cheong. Please consult your nearest Tak Cheong's sales office for further assistance. Tak Cheong reserves the right to make changes without further notice to any products herein to further improve reliability, function or design, cost and productivity.
TAK CHEONG
(R)
and
are registered trademarks of Tak Cheong Electronics (Holdings) Co., Ltd.
Nov 2008, Revision F Page 4


▲Up To Search▲   

 
Price & Availability of TCRB520S-30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X