|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
T TRUMPower DC/DC CONVERTERS T2-EH Series 6K VDC Isolation, 2 Watt MODEL NUMBER OUTPUT VOLTAGE 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC OUTPUT CURRENT 400 mA 166 mA 133 mA 200 mA 83 mA 66 mA OUTPUT POWER 2W 2W 2W 2W 2W 2W 5 VDC IN T2-2S0505EH T2-2S0512EH T2-2S0515EH T2-2D0505EH T2-2D0512EH T2-2D0515EH 12 VDC IN T2-2S1205EH T2-2S1212EH T2-2S1215EH T2-2D1205EH T2-2D1212EH T2-2D1215EH 24 VDC IN T2-2S2405EH T2-2S2412EH T2-2S2415EH T2-2D2405EH T2-2D2412EH T2-2D2415EH 1.5W, 3W versions and other input/output combinations are available. ELECTRICAL SPECIFICATIONS All Specifications Typical @+25C, Nominal Line, and Full Load Unless Otherwise Noted. PIN PIN CONNECTIONS SINGLE +V Input No Pin -V Output +V Output No Pin -V Input DUAL +V Input Common No Pin -V Output +V Output -V Input INPUT SPECIFICATIONS Input Voltage Range................................................10% Input Filter............................................................Pi Filter OUTPUT SPECIFICATIONS Voltage Accuracy.............................................2%, Max. Voltage Balance, Balance Load......................2%, Max. Line Regulation.............................................0.5%, Max. Load Regulation, FL-10%FL. ........................0.5%, Max. Ripple and Noise, 20MHz BW................75 mVp-p, Max. Short Circuit Protection..................................Continuous Temperature Coefficient..........................0.02%/C, Max. GENERAL SPECIFICATIONS Efficiency..........................................................60%, Typ. Isolation Voltage, Input to Output...........6,000 VDC, Min. Isolation Resistance, 500 VDC.....................10 G, Min. Isolation Capacitance......................................60pF, Typ. Switching Frequency...................................125 kHz, Typ. Operating Temperature, No Derating.......-25C to +60C Storage Temperature Range..................-40C to +125C Cooling.............................................Free Air Convection MTBF per MIL-HDBK-217F @25C..........>1,000k Hours Weight...............................................0.42 oz. (12 grams) Case Material.....................Non-Conductive Black Plastic 1,2 10,11 12 13 15 23,24 0.08 (2.0) 1.25 (31.8) 0.10 (2.5) 24 1 BOTTOM VIEW 13 0.40 (10.2) 0.15 MIN. (3.8) 12 0.60 (15.2) 0.80 (20.3) PIN SIZE: 0.02 (0.5) DIA. OR 0.02 X 0.01 INCH ALL DIMENSIONS IN INCHES (mm) Rev. B -01/2008- Tumbler Technologies + TRUMPower * Santa Clara, CA * 408-988-6616 * sales@trumpower.com * www.TRUMPower.com |
Price & Availability of T2-2S1212EH |