Part Number Hot Search : 
NFM41 MJD41C11 CB2012T 99000 TM1723 CD5520B PWR1311 SA211
Product Description
Full Text Search
 

To Download STB9NK60ZD06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STB9NK60ZD STF9NK60ZD - STP9NK60ZD
N-channel 600V - 0.85 - 7A - D2PAK/TO-220FP/TO-220 SuperFREDMeshTM Power MOSFET
General features
Type STB9NK60ZD STF9NK60ZD STP9NK60ZD

VDSS 600V 600V 600V
RDS(on) <0.95 <0.95 <0.95
ID 7A 7A 7A
Pw 125W 30W 125W TO-220
3 1
3 1 2
3 1 2
TO-220FP
Very high dv/dt capability 100% avalanche tested Gate charge minimized Low intrinsic capacitances Fast internal recovery diode
DPAK
Description
The SuperFREDMeshTM series associates all advantages of reduced on-resistance, zener gate protection and very high dv/dt capability with a Fast body-drain recovery diode. Such series complements the "FDmeshTM" advanced technology.
Internal schematic diagram
Applications
Switching application
Order codes
Part number STB9NK60ZD STF9NK60ZD STP9NK60ZD Marking B9NK60ZD F9NK60ZD P9NK60ZD Package DPAK TO-220FP TO-220 Packaging Tape & reel Tube Tube
June 2006
Rev 7
1/16
www.st.com 16
Contents
STB9NK60ZD - STF9NK60ZD - STP9NK60ZD
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................ 6
3 4 5 6
Test circuits
.............................................. 9
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
2/16
STB9NK60ZD - STF9NK60ZD - STP9NK60ZD
Electrical ratings
1
Electrical ratings
Table 1.
Symbol VDS VGS ID ID IDM
(2)
Absolute maximum ratings
Value Parameter DPAK/TO-220 Drain-source voltage (VGS = 0) Gate- source voltage Drain current (continuos) at TC = 25C Drain current (continuos) at TC = 100C Drain current (pulsed) Total dissipation at TC = 25C Derating factor 7 4.3 28 125 1 4000 15 -2500 600 30 7 (1) 4.3 28
(1) (1)
Unit TO-220FP V V A A A W W/C V V/ns V
PTOT
30 0.24
VESD(G-S) Gate source ESD (HBM-C=100pF, R=1.5K) dv/dt
(3)
Peak diode recovery voltage slope Insulation withstand voltage (RMS) from all three leads to external heat sink (t=1s;TC=25C) Operating junction temperature Storage temperature
VISO Tj Tstg
-55 to 150
C
1. Limited only by maximum temperature allowed 2. Pulse width limited by safe operating area 3. ISD < 7A, di/dt < 500A/s, VDD =80%V(BR)DSS
Table 2.
Thermal data
TO-220/DPAK TO-220FP -4.16 62.5 300 C/W C/W C/W C Thermal resistance junction-pcb Max (when mounted on minimum footprint)
Rthj-pcb
30 1
Rthj-case Thermal resistance junction-case Max Rthj-amb Thermal resistance junction-ambient Max Tl Maximum lead temperature for soldering purpose
Table 3.
Symbol IAR EAS
Avalanche characteristics
Parameter Avalanche current, repetitive or not-repetitive (pulse width limited by Tj max) Single pulse avalanche energy (starting Tj = 25C, ID = IAR, VDD = 50V) Max value 7 235 Unit A mJ
3/16
Electrical characteristics
STB9NK60ZD - STF9NK60ZD - STP9NK60ZD
2
Electrical characteristics
(Tcase =25C unless otherwise specified) Table 4.
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on)
On /off states
Parameter Drain-source breakdown voltage Test conditions ID = 1mA, VGS = 0 Min. 600 1 50 10 2.5 3.5 0.85 4.5 0.95 Typ. Max. Unit V A A A V
VDS = Max rating Zero gate voltage drain current (VGS = 0) VDS = Max rating, TC = 125C Gate-body leakage current (VDS = 0) VGS = 20V
Gate threshold voltage VDS = VGS, ID = 100A Static drain-source on resistance VGS = 10V, ID = 3.5A
Table 5.
Symbol gfs (1) Ciss Coss Crss COSS eq(2) Qg Qgs Qgd
Dynamic
Parameter Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Equivalent output capacitance Total gate charge Gate-source charge Gate-drain charge Test conditions VDS = 15V, ID = 3.5A Min. Typ. 5.3 1110 135 30 72 41 8.7 21 53 Max. Unit S pF pF pF pF nC nC nC
VDS = 25V, f = 1 MHz, VGS = 0
VGS = 0V, VDS = 0V to 480V VDD = 480V, ID = 7A, VGS = 10V (see Figure 16)
1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 % 2. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS
4/16
STB9NK60ZD - STF9NK60ZD - STP9NK60ZD
Electrical characteristics
Table 6.
Symbol td(on) tr td(off) tf tr(Voff) tf tc
Switching times
Parameter Turn-on delay time Rise time Turn-off-delay time Fall time Off-voltage Rise Time Fall Time Cross-over Time Test Conditions VDD = 300V, ID = 3.5A RG = 4.7, VGS = 10V (see Figure 15) VDD = 480V, ID = 7A, RG = 4.7, VGS = 10V (see Figure 15) Min. Typ. 11.4 13.6 23.1 15 11 8 20 Max Unit ns ns ns ns ns ns ns
Table 7.
Symbol ISD ISDM (1) VSD (2) trr Qrr IRRM trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 7A, VGS = 0 ISD = 7A, di/dt = 100A/s VDD = 30V, Tj = 25C (see Figure 20) ISD = 7A, di/dt = 100A/s VDD = 30V, Tj = 150C (see Figure 20) 130 663 8.3 113 935 10 Test Conditions Min. Typ. Max. Unit 7 28 1.6 A A V ns nC A ns nC A
1. Pulse width limited by safe operating area 2. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
Table 8.
Symbol BVGSO(1)
Gate-source zener diode
Parameter Gate-source breakdown voltage Test conditions Igs= 1mA (open drain) Min 30 Typ Max Unit V
1. The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device's ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device's integrity. These integrated Zener diodes thus avoid the usage of external components
5/16
Electrical characteristics
STB9NK60ZD - STF9NK60ZD - STP9NK60ZD
2.1
Figure 1.
Electrical characteristics (curves)
Safe operating area for TO-220 / DPAK Figure 2. Thermal impedance for TO-220 / DPAK
Figure 3.
Safe operating area for TO-220FP
Figure 4.
Thermal impedance for TO-220FP
Figure 5.
Output characterisics
Figure 6.
Transfer characteristics
6/16
STB9NK60ZD - STF9NK60ZD - STP9NK60ZD Figure 7. Normalized BVDSS vs temperature Figure 8.
Electrical characteristics Static drain-source on resistance
Figure 9.
Gate charge vs gate-source voltage Figure 10. Capacitance variations
Figure 11. Normalized gate threshold voltage vs temperature
Figure 12. Normalized on resistance vs temperature
7/16
Electrical characteristics Figure 13. Source-drain diode forward characteristics
STB9NK60ZD - STF9NK60ZD - STP9NK60ZD Figure 14. Maximum avalanche energy vs temperature
8/16
STB9NK60ZD - STF9NK60ZD - STP9NK60ZD
Test circuits
3
Test circuits
Figure 16. Gate charge test circuit
Figure 15. Switching times test circuit for resistive load
Figure 17. Test circuit for inductive load Figure 18. Unclamped inductive load test switching and diode recovery times circuit
Figure 19. Unclamped inductive waveform
Figure 20. Switching time waveform
9/16
Package mechanical data
STB9NK60ZD - STF9NK60ZD - STP9NK60ZD
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
10/16
STB9NK60ZD - STF9NK60ZD - STP9NK60ZD
Package mechanical data
TO-220 MECHANICAL DATA
DIM. A b b1 c D E e e1 F H1 J1 L L1 L20 L30 mm. MIN. 4.40 0.61 1.15 0.49 15.25 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 TYP MAX. 4.60 0.88 1.70 0.70 15.75 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 MIN. 0.173 0.024 0.045 0.019 0.60 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 0.645 1.137 0.151 0.116 inch TYP. MAX. 0.181 0.034 0.066 0.027 0.620 0.409 0.106 0.202 0.052 0.256 0.107 0.551 0.154
oP
Q
11/16
Package mechanical data
STB9NK60ZD - STF9NK60ZD - STP9NK60ZD
TO-220FP MECHANICAL DATA
mm. MIN. 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 28.6 9.8 2.9 15.9 9 3 30.6 10.6 3.6 16.4 9.3 3.2 1.126 .0385 0.114 0.626 0.354 0.118 TYP MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.141 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
DIM. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 O
A
B
L3 L6 L7
F1 F
D
G1 H
F2
L2 L5
E
123
L4
12/16
G
STB9NK60ZD - STF9NK60ZD - STP9NK60ZD
Package mechanical data
D2PAK MECHANICAL DATA TO-247 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 0 4.88 15 1.27 1.4 2.4 0.4 4 10 8.5 5.28 15.85 1.4 1.75 3.2 0.192 0.590 0.050 0.055 0.094 0.015 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10.4 0.393 0.334 0.208 0.625 0.055 0.068 0.126 TYP MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352 0.315 TYP. MAX. 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 inch
3
1
13/16
Package mechanical data
STB9NK60ZD - STF9NK60ZD - STP9NK60ZD
5
Package mechanical data
D2PAK FOOTPRINT
TAPE AND REEL SHIPMENT
REEL MECHANICAL DATA
DIM. A B C D G N T 1.5 12.8 20.2 24.4 100 30.4 26.4 13.2 mm MIN. MAX. 330 0.059 0.504 0.520 0795 0.960 1.039 3.937 1.197 BULK QTY 1000 inch MIN. MAX. 12.992
TAPE MECHANICAL DATA
DIM. A0 B0 D D1 E F K0 P0 P1 P2 R T W mm MIN. 10.5 15.7 1.5 1.59 1.65 11.4 4.8 3.9 11.9 1.9 50 0.25 23.7 24.3 MAX. 10.7 15.9 1.6 1.61 1.85 11.6 5.0 4.1 12.1 2.1 inch MIN. MAX. 0.413 0.421 0.618 0.626 0.059 0.063 0.062 0.063 0.065 0.073 0.449 0.456 0.189 0.197 0.153 0.161 0.468 0.476 0.075 0.082 1.574 0.35 0.0098 0.0137 0.933 0.956
BASE QTY 1000
* on sales type
14/16
STB9NK60ZD - STF9NK60ZD - STP9NK60ZD
Revision history
6
Revision history
Table 9.
Date 29-Sep-2003 09-Jun-2006 Revision 6 7 Data updated New template Changes
15/16
STB9NK60ZD - STF9NK60ZD - STP9NK60ZD
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZE REPRESENTATIVE OF ST, ST PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS, WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
16/16


▲Up To Search▲   

 
Price & Availability of STB9NK60ZD06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X