Part Number Hot Search : 
25201 28F160 SN74L CV123PVG CXA1635 41WC18VD B6411 20H100
Product Description
Full Text Search
 

To Download SSG4957 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSG4957
Elektronische Bauelemente -7.7A, -30V,RDS(ON) 24m [
P-Channel Enhancement Mode Power Mos.FET
RoHS Compliant Product
SOP-8
Description
The SSG4957 provide the designer with the best Combination of fast switching, ruggedized device design, ultra low on-resistance and cost-effectiveness.
6.20 5.80 0.25 3.80 4.00 0.40 0.90 0.19 0.25
45
o
0.375 REF
0.35 0.49
1.27Typ. 4.80 5.00
0.100.25
Features
* Low on-resistance * Simple drive requirement
D1 8 D1 7 D2 6 D2 5
0 o 8
o
1.35 1.75
Dimensions in millimeters
D1
D1
* Dual P MOSFET Package
Date Code
4957SS
G1
1 S1 2 G1 3 S2 4 G2
G1
S1
S1
Absolute Maximum Ratings
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current 3 Continuous Drain Current 3 Pulsed Drain Current 1 Total Power Dissipation Linear Derating Factor Operating Junction and Storage Temperature Range Tj, Tstg
Symbol
VDS VGS ID@TA=25 C ID@TA=70 C IDM PD@TA=25 C
o o o
Ratings
-30
20 -7.7 - 6.1 -30 2 0.016 -55~+150
Unit
V V A A A W
W/ C
o o
C
Thermal Data
Parameter
Thermal Resistance Junction-ambient3 (Max)
Symbol
Rthj-a
Ratings
62.5
o
Unit
C /W
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 4
SSG4957
Elektronische Bauelemente -7.7A, -30V,RDS(ON) 24m [
P-Channel Enhancement Mode Power Mos.FET
Electrical Characteristics( Tj=25 C Unless otherwise specified)
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Gate Threshold Voltage Gate-Source Leakage Current Drain-Source Leakage Current (Tj=25oC) Drain-Source Leakage Current (Tj=70 C) Static Drain-Source On-Resistance2
o
o
Symbol
BVDSS BVDS/ Tj VGS(th) IGSS IDSS
Min.
-30
_
Typ.
_
Max.
_ _
Unit
V V/ oC V nA uA uA
Test Condition
VGS=0V, ID=-250uA Reference to 25 C ,ID=-1mA VDS=VGS, ID=-250uA VGS= 20V VDS=-30V,VGS=0 VDS=-24V,VGS=0 VGS=-10V, ID=-7A VGS=-4.5V, ID=-5A
o
-0.02
_ _ _ _
-1.0
_ _ _ _
-3.0
100
-1 -25 24 36
45
_ _ _ _ _ _ 2670 _ _
RDS(ON) Qg Qgs Qgd Td(ON) Tr Td(Off) Tf Ciss Coss Crss Gfs
20 30 27 5 18 14 11 38 25 1670 530 435 12
_ _ _ _ _ _ _ _ _ _ _
m[
Total Gate Charge 2 Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time2 Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Forward Transconductance
nC
ID=-7A VDS=-24V VGS=-4.5V
VDD=-15V ID=-1A nS VGS=-10V RG=3.3[ RD=15 [
pF
VGS=0V VDS=-25V f=1.0MHz
_
_
S
VDS=-10V, ID=-7A
Source-Drain Diode
Parameter
Forward On Voltage 2
Reverse Recovery Time 2 Reverse Recovery Charge
Symbol
VDS
Trr Qrr
Min.
_
Typ.
_
Max.
-1.2
Unit
V
Test Condition
IS=1.7A, VGS=0V. Tj=25 C
Is=-7A, V GS=0V dl/dt=100A/uS
o
_ _
35 34
_ _
A A
Notes: 1.Pulse width limited by safe operating area. 2.Pulse widthO 300us, dutycycleO2%.
3.Surface mounted on 1 in copper pad of FR4 board; 135 OC/W when mounted on min. copper pad.
http://www.SeCoSGmbH.com/ Any changing of specification will not be informed individual
2
01-Jun-2002 Rev. A
Page 2 of 4
SSG4957
Elektronische Bauelemente -7.7A, -30V,RDS(ON) 24m
P-Channel Enhancement Mode Power Mos.FET
Characteristics Curve
[
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
Fig 5. Forward Characteristics of Reverse Diode
http://www.SeCoSGmbH.com/
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 3of 4
SSG4957
Elektronische Bauelemente -7.7A, -30V,RDS(ON) 24m
P-Channel Enhancement Mode Power Mos.FET
[
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of SSG4957

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X