Part Number Hot Search : 
12VDC 8HC11 1N5233B 20K15 A3189LLT 12VDC AD7548SE T960026
Product Description
Full Text Search
 

To Download SPL8100PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 60 - 100 Volts CURRENT 8.0 Amperes
APPLICATION
* DC to DC Converters * Switch- Mode Power Supplies * Notbook PC
SPL860PT THRU SPL8100PT
PROVISIONAL SPEC.
FEATURE
* Sm al l S u r f ac e M o u n t i n g T y p e. (SMP) * Hi g h speed (TRR=8.0nSec TYP.) * Low Power Loss, High Efficiency . * Low Forward Voltage Drop . *. Peak F o r w ar d S u r g e C u r ren t I s 100A . * Schottky Diode Ar ray .
SMP
0.081 (2.05) 0.077 (1.95) (3)
0.170 (4.31) 0.163 (4.15)
WEIGHT
0.077 (1.95) 0.073 (1.85)
(1)
(2) 0.019 (0.50 Min.) 0.045 (1.16) 0.042 (1.07)
MARKING
0.005 (0.15 Min.) 0.019 (0.50 Min.) 0.264 (6.70) 0.254 (6.46) 0.212 (5.38) 0.208 (5.29)
CIRCUIT
2
1
0.055 (1.40) 0.051 (1.30)
3
Dimensions in inches and (millimeters)
SMP
SPL8100PT 100 70 100 UNITS Volts Volts Volts Amps Amps pF
o
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TL (SEE FIG.1)(Note 3) Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM CJ R
JL
SPL860PT 60 42 60
SPL880PT 80 56 80 8.0 100 250 15 -65 to +150
C/W
o
TJ,TSTG
C
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 8.0 A DC (Note 1) Maximum Average Reverse Current (Note 1) at Rated DC Blocking Voltage @ TA = 25oC IR @ TA = 100 C
o
SYMBOL VF
SPL860PT 0.70
SPL880PT 0.75 0.5 20
SPL8100PT 0.80
UNITS Volts mAmps mAmps 2004-7
NOTES : 1. Pulse test : 300 us pulse width, 1% duty cycle 2. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts 3. P.C.B. mounted 0.31 x 0.31" ( 8 x 8mm) copper pad areas
RATING CHARACTERISTIC CURVES ( SPL860PT THRU SPL8100PT )
INSTANTANEOUS FORWARD CURRENT, ( A ) FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, (A) 9.0 7.5
SPL860PT~SPL880PT
FIG. 2 - INSTANTANEOUS FORWARD CURRENT, (A) 20 10
6.0
SPL8100PT
SPL860PT SPL880PT
4.5 3.0 1.5 0 40 50 60 70 80 90 100 110 120 130 140 150
o
1.0
SPL8100PT
0.1
TJ =25oC Pulse Width=300us 1% Duty Cycle
.2
.3
.4
.5
.6
.7
.8
.9
1.0
1.1
LEAD TEMPERATURE, ( C ) FIG. 3 - TYPICAL REVERSE CHARACTERISTICS 50 INSTANTANEOUS REVERSE CURRENT, (mA)
INSTANTANEOUS FORWARD VOLTAGE,(V) FIG. 4 - MAXIMUM NON-REPETIVE FORWARD SURGE CURRENT 120
20 10 5 2 1 .5 .2 .10 .05 .02 0
C TJ = 125
o
PEAK FORWARD SURGE CURRETN(A)
100
8.3ms Single Half Sine-Wave (JEDEC Method)
C TJ = 100
o
80
60
o C TJ = 25
40
20
0 5 10 15 20 25 INSTANTANEOUS REVERSE VOLTAGE, (V) 30 1 2 5 10 20 50 NUMBER OF CYCLES AT 60 Hz 100
FIG. 5 - TYPICAL JUNCTION CAPACITANCE 1000 JUNCTION CAPACITANCE, ( pF )
TJ =25oC
100
10 5 .1 .4 1.0 4 10 40 80 REVERSE VOLTAGE, ( V )


▲Up To Search▲   

 
Price & Availability of SPL8100PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X