Part Number Hot Search : 
00111 AMS317A R0100FEA 74HCT4 IRFZ46N AOD476 DTC114E SA130
Product Description
Full Text Search
 

To Download SPL10100CTPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 70 - 100 Volts CURRENT 10 Amperes
APPLICATION
* DC to DC Converters * Switch- Mode Power Supplies * Notbook PC
SPL1070CTPT
THRU
SPL10100CTPT
PROVISIONAL SPEC.
FEATURE
* Sm al l S u r f ac e M o u n t i n g T y p e. (SMP) * Low Power Loss, High Efficiency .
0.081 (2.05) 0.077 (1.95) (3) 0.170 (4.31) 0.163 (4.15)
SMP
* Low Forward Voltage Drop . * Peak F o r w ar d S u r g e C u r ren t I s 100A . *. Schottky Diode Ar ray .
WEIGHT
0.077 (1.95) 0.073 (1.85)
(1)
(2) 0.019 (0.50 Min.) 0.045 (1.16) 0.042 (1.07)
MARKING
0.005 (0.15 Min.) 0.019 (0.50 Min.) 0.264 (6.70) 0.254 (6.46) 0.212 (5.38) 0.208 (5.29)
CIRCUIT
(2)
(1) 0.055 (1.40) 0.051 (1.30) (3)
Dimensions in inches and (millimeters)
SMP
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TL (SEE FIG.1)(Note 3) Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM CJ R
JL
SPL1070CTPT SPL1080CTPT SPL1090CTPT SPL10100CTPT UNITS 70 49 70 80 56 80 10.0 100 250 15 -65 to +125
o
90 63 90
100 70 100
Volts Volts Volts Amps Amps pF C/W
o
TJ,TSTG
C
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 5.0 A DC (Note 1) Maximum Average Reverse Current (Note 1) at Rated DC Blocking Voltage @ TA = 25oC IR @ TA = 100 C
o
SYMBOL VF
SPL1070CTPT SPL1080CTPT SPL1090CTPT SPL10100CTPT UNITS 0.75 0.5 20 0.80 Volts mAmps mAmps 2004-8
NOTES : 1. Pulse test : 300 us pulse width, 1% duty cycle 2. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts 3. P.C.B. mounted 0.31 x 0.31" ( 8 x 8mm) copper pad areas
RATING CHARACTERISTIC CURVES ( SPL670CTPT THRU SPL6100CTPT )
INSTANTANEOUS FORWARD CURRENT, ( A ) FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, (A) 6.0 5.0 4.0 3.0 2.0 1.0 0 0 25 50 75 100 125
o
FIG. 2 - INSTANTANEOUS FORWARD CURRENT, (A) 20 10
SPL1070CTPT~SPL1080CTPT SPL1090CTPT~SPL10100CTPT
1.0
Single Half Wave 60HZ Resistive or Inductive Load
150
175
0.1
TJ =25oC Pulse Width=300us 1% Duty Cycle
.2
.3
.4
.5
.6
.7
.8
.9
1.0
1.1
LEAD TEMPERATURE, ( C ) FIG. 3 - TYPICAL REVERSE CHARACTERISTICS 50 INSTANTANEOUS REVERSE CURRENT, (mA)
INSTANTANEOUS FORWARD VOLTAGE,(V) FIG. 4 - MAXIMUM NON-REPETIVE FORWARD SURGE CURRENT 120
20 PEAK FORWARD SURGE CURRETN(A) 10 5 2 1 .5 .2 .10 .05 .02 0 5 10 15 20 25 INSTANTANEOUS REVERSE VOLTAGE, (V) 30
C TJ = 125
o
100
8.3ms Single Half Sine-Wave (JEDEC Method)
80
o C TJ = 100
60
o C TJ = 25
40
20
0 1 2 5 10 20 50 NUMBER OF CYCLES AT 60 Hz 100
FIG. 5 - TYPICAL JUNCTION CAPACITANCE 1000 JUNCTION CAPACITANCE, ( pF )
TJ =25oC
100
10 5 .1 .4 1.0 4 10 40 80 REVERSE VOLTAGE, ( V )


▲Up To Search▲   

 
Price & Availability of SPL10100CTPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X