Part Number Hot Search : 
7401QN X9526 DMA366A2 STK6877 D1426 N5245B 0603CR12 TDA4665
Product Description
Full Text Search
 

To Download SP2R1224MC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SpectrAlert(R) Selectable Output
Features
* Combines the technologies of two SpectrAlert(R) products: Selectable Output Strobes and SP200 Speakers. * Widest range of candela options: 12 V: 15 and 15/75 candela. 24 V: 15, 15/75, 30, 75, 110 candela. * Operates on either 12 V or 24 V. * Easy candela selection with side viewing window. * 25.0 and 70.7 volt speaker with four field-selectable power taps. * Field-reversible strobe position for left- or right-mounting. * Synchronizable with MDL Sync*CircuitTM module or equipment with SpectrAlert(R) Sync Protocol. * Optional surface-mount backbox skirt available; BBS-SP2R (red) and BBS-SP2W (White).
Wall Speaker/Strobes
Description
SystemSensor SpectrAlert(R) Selectable Output Wall Speaker/Strobes offer enhanced features that include the widest range of candela options available and the ability to recognize and self-adjust for either 12- or 24-volt operation, along with the fidelity sound quality expected from SpectrAlert(R) speaker technology.
SP2R1224MC
6943pho1.jpg
Performance. The selectableoutput speaker/strobe offers average current draws that are not only lower than conventional fixed-candela SpectrAlert(R) products, but also lower than similar selectable-candela products. In addition, the broad-frequency response range and low harmonic distortion provided by SpectrAlert(R) speaker technology provides an accurate and intelligible broadcast of evacuation messages. Installation. SpectrAlert(R) selectable-output speaker/strobes offer a variety of installation-friendly features, such as the ability to mount to a 4" (10.16 cm) square x 2.125" (5.398 cm) deep backbox without an extension ring and with no encroachment into the box. With field-reversible strobe placement, the speaker/strobe may be either left- or right-mounted to avoid obstructions. Flexibility. SpectrAlert(R) selectable-output speaker/
6941dia1.wmf
Listings
Listings and approvals below apply to the basic SpectrAlert(R) Selectrable Output Wall Speaker/ Strobes. In some cases, certain modules may not be listed by certain approval agencies, or listing may be in process. Consult factory for latest listing status. * UL Listed: file S4048. * CSFM approved: file 73201209:186. * MEA approved: file 127-02-E.
For strobe candela selection, adjust slide switch located on the rear of the
strobes offer the broadest range of candela options. In addition, these selectable-output speaker/strobes can operate on either 12 or 24 volts, with no setting required -- the device recognizes and self-adjusts to the correct operating voltage automatically. Speaker voltage (25.0 or 70.7) and power tap settings (1/4, 1/2, 1, or 2 watt) are field-selectable.
Aesthetics. SpectrAlert(R) selectable-output speaker/strobes incorporate the same
stylish, low-profile design of the conventional SpectrAlert(R) products, for a consistent and aesthetically pleasing appearance across the entire product line.
SpectrAlert(R) and Sync*CircuitTM are trademarks of System Sensor.
SpectrAlert(R) Selectable Output Wall Speaker/Strobes
CS-2452 10/21/04
Page 1 of 2
Engineering Specifications
Speaker/Strobe shall be a System Sensor model _____ Listed to UL1480 and UL 1971 and be approved for fire protective signaling systems. Speaker shall be capable of operating at 25.0 or 70.7 nominal VRMS, and shall have a frequency range of 400 - 4000 Hz. Speaker shall have power taps that are selected by DIP switch. The strobe shall consist of a xenon flash tube with associated lens/reflector system and operate on either 12 volts or 24 volts. The strobe shall also feature selectable-candela output, providing options for 15 or 15/75 candela when operating on 12 volts; and 15, 15/75, 30, 75, or 110 when operating on 24 volts. The strobe shall comply with the Americans with Disabilities Act requirement for visible signaling appliances, flashing at 1 Hz over the strobe's entire operating voltage range.
Specifications
Input terminals 12 to 18 AWG (3.25 mm to 0.51 mm). Dimensions 4.875" (12.383 cm) high x 8.25" (20.955 cm) wide x 2.25" (5.715 cm) deep. Mounting 4" x 4" x 2.125" deep (10.16 x 10.16 x 5.398 cm) backbox. Reversible strobe feature Speaker/strobe is shipped in the strobe-right-mounted position. For a left-mounted strobe: Remove the strobe screw and lift the strobe assembly out of the rib slot. Rotate the strobe 180 and remount to the base. Weight 3 lbs (1.361 kg). Operating temperature, indoor 32F to 120F (0C to 49C). Maximum humidity 85%. Strobe operating voltages* 12 or 24 VDC and FWR unfiltered. Operating voltage range:* 12V: 8 - 17.5V. 24V: 16 - 33 V. With SyncCircuitTM module MDL*: 12 V: 9 - 17.5 V. 24 V: 17 - 33 V. Speaker input voltage 25.0 or 70.7 VRMS (nominal). Speaker frequency range:** 400 - 4,000 Hz. **The SP2 Series is UL Listed from 400 to 4,000 Hz but will provide an output from 100 to 10,000 Hz. Speaker power taps 1/4, 1/2, 1, and 2 watts. U.S. Patent Numbers 5,593,569. 5,914,665. 5,850,178. 5,598,139. 6,049,446. 6,127,935. 6,522,261.
Ordering Information
Description Model No. Candela Setting FWR Operating CurrentStrobe (mA RMS) 12 V 15 Wall Speaker/ Strobe Surf acemount back box skirt 15/75 SP2R1224MC SP2W41224MC 30 75 110 BBS-SP2R BBS-SP2W 112 135 24 V 64 74 93 158 208 DC Operating CurrentStrobe (mA RMS) 12 V 127 127 24 V 59 69 90 160 209
Red
White
Sound Output
Pow er Tap Selections: Sound Output (UL Reverberant @ 10 ft./3.048 m): Sound Output (UL Anechoic @ 10 ft./3.048 m): 2 Watt 84 dBA 1 Watt 81 dBA 1/2 Watt 78 dBA 1/4 Watt 75 dBA
87 dBA
84 dBA
81 dBA
78 dBA
Gamewell 12 Clintonville Road Northford, CT 06472-1610 Phone: 203-484-7161 Fax: 203-484-7118 www.gamewell.com A Honeywell Company (c) 2004 Gamewell
Specifications and wiring information are provided for information only and are believed to be accurate. Gamewell assumes no responsibility for their use. Data and design are subject to change without notice. Installation and wiring instructions shipped with the product shall always be used for actual installation. For more information, contact Gamewell.
Page 2 of 2 SpectrAlert(R) Selectable Output Wall Speaker/Strobes CS-2452 10/21/04


▲Up To Search▲   

 
Price & Availability of SP2R1224MC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X