Part Number Hot Search : 
20ESK6 IE0505S 1SV302 A5801024 043045 W86L387D N4751 BU508D
Product Description
Full Text Search
 

To Download SJE1349 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
NPN PLASTIC POWER TRANSISTOR
SJE1349 TO-220 Plastic Package
Power Linear and Switching Applications ABSOLUTE MAXIMUM RATINGS DESCRIPTION Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Collector Current Peak Base Current Continuous Power Dissipation upto Tc=25C Operating And Storage Junction Temperature Range THERMAL RESISTANCE Junction to Ambient in free air Junction to Case SYMBOL VCBO VCEO VEBO IC ICM IB PD Tj, Tstg VALUE 73 63 7 6 10 2 65 - 65 to +150 UNIT V V V A A A W C
Rth (j-a) Rth (j-c)
62.5 1.92
C/W C/W
ELECTRICAL CHARACTERISTICS (Tc=25C Unless Specified Otherwise) DESCRIPTION SYMBOL TEST CONDITION *VCEO (sus) IC=30mA, IB=0 Collector Emitter (sus) Voltage ICBO VCB=63V, IE=0 Collector Cut Off Current ICES VCE=73V, VBE=0 Collector Cut Off Current VEB=5.2V, IC=0 IEBO Emitter Cut Off Current DC Current Gain Collector Emitter Saturation Voltage *hFE *VCE (sat) IC=4A, VCE=4V IC=4A, IB=480mA IC=10A, IB=1A Switching Time DESCRIPTION Small Signal Current Transition Frequency *Pulse test tp <300 s, Duty cycle < 2% SYMBOL hfe fT TEST CONDITION IC=0.5A, VCE=10V, f=1KHz IC=0.5A, VCE=10V, f=1MHz
MIN 63
TYP
MAX 0.3 0.3 0.9
UNIT V mA mA mA V V
43
100 1.07 3.0
MIN 20 3
TYP
MAX
UNIT MHz
SJE1349 TO-220 Plastic Package TO-220 Plastic Package
B H F C E DIM MIN MAX 14.42 16.51 A 9.63 10.67 B C 3.56 4.83 -- 0.90 D 1.15 E 1.40 3.75 3.88 F G 2.29 2.79 2.54 3.43 H -- 0.56 J K 12.70 14.73 2.80 4.07 L M 2.03 2.92 -- 31.24 N O 7 DEG All diminsions in mm.
A N L 1 2 3 D G K 0 J M 0
4
1
2
3
Pin Configuration 1. Base 2. Collector 3. Emitter 4. Collector
TO-220 Tube Packing
Label 536.00 1.5 End Pin 13.74
DEVICE NAME Sr. QTY.
A ll Dimensions in mm
50 Pcs./Tube
AMMO PACK SIZE
6.87 Tube Thickness
Label
92.0
538
.00
75.0
20 Tubes/Ammo Pack 1000 Pcs./Ammo Pack
OUTER CARTON BOX Size 17" x 15" x 13.5" 19" x 19" x 19" Qty 16.0K 10.0K Gr Wt 36 kgs 29 kgs
Packing Detail
PACKAGE Details TO-220 200 pcs/ polybag 50 pcs/ tube STANDARD PACK Net Weight/ Qty 396 gm/ 200 pcs 120 gm/ pcs 50 Size 3" x 7.5" x 7.5" 3.5" x 3.7" x 21.5" INNER CARTON BOX Qty 1.0K 1.0K
32.85


▲Up To Search▲   

 
Price & Availability of SJE1349

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X