Part Number Hot Search : 
GBP20004 MUR1660 2N06CL DCTG4 AT600701 2SC3455N DTB123 EMK32
Product Description
Full Text Search
 

To Download SGM2310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SGM2310
Elektronische Bauelemente 3A, 60V,RDS(ON) 90m[
N-Channel Enhancement Mode Power Mos.FET
RoHS Compliant Product
Description
The SGM2310 utilized advanced processing techniques to achieve the lowest possible on-resistance, extremely efficient and cost-effectiveness device.The SGM2310 is universally used for all commercial-industrial applications.
SOT-89
Features
* Small Package Outline * Simple Drive Requirement
Millimeter Min. Max. 4.4 4.6 4.05 4.25 1.50 1.70 1.30 1.50 2.40 2.60 0.89 1.20 Millimeter Min. Max. 3.00 REF. 1.50 REF. 0.40 0.52 1.40 1.60 0.35 0.41 5 TYP. 0.70 REF.
REF. A B C D E F
REF. G H I J K L M
D
G
S
Absolute Maximum Ratings
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS@4.5V Continuous Drain Current, VGS@4.5V Pulsed Drain Current
1,2 3 3
Symbol
VDS VGS ID@TA=25 C ID@TA=70 C IDM PD@TA=25 C
o o o
Ratings
60
20 3.0 2.3 10 1.5 0.01
Unit
V V A A A W
W / oC
o
Total Power Dissipation Linear Derating Factor Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+150
C
Thermal Data
Parameter
Thermal Resistance Junction-ambient
3
Symbol
Max. Rthj-a
Ratings
83.3
o
Unit
C /W
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 4
SGM2310
Elektronische Bauelemente 3A, 60V,RDS(ON) 90m[
N-Channel Enhancement Mode Power Mos.FET
Electrical Characteristics( Tj=25 C Unless otherwise specified)
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Gate Threshold Voltage Gate-Source Leakage Current Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 oC) Static Drain-Source On-Resistance
o
o
Symbol
BVDSS BVDS/ Tj VGS(th) IGSS IDSS
Min.
60
_
Typ.
_
Max.
_ _
Unit
V V/ C V nA uA uA
o
Test Condition
VGS=0V, ID=250uA Reference to 25 C, ID=1mA VDS=VGS, ID=250uA VGS= 20V VDS=60V,VGS=0 VDS=48V,VGS=0 VGS=10V, ID=3A VGS=4.5V, ID=2A ID=3A VDS=48V VGS=4.5V
o
0.05
_ _ _ _ _ _
1.0
_ _ _ _
3.0
100
10 25 90 120 10
_
_ _
RDS(ON) Qg Qgs Qgd Td(ON) Tr Td(Off) Tf Ciss Coss Crss Gfs
_ _ _ _
m[
Total Gate Charge
2
6 1.6 3 6 5 16 3 490 55 40 5
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Forward Transconductance
2
nC
_ _
_ _ _ _ _
VDS=30V ID=1A nS VGS=10V RG=3.3[ RD=30[
_ _
_
780
_ _
pF
VGS=0V VDS=25V f=1.0MHz
_
_
S
VDS=5V, ID=3A
Source-Drain Diode
Parameter
Forward On Voltage
2
Symbol
VSD Trr
Qrr
Min.
_ _
Typ.
_
Max.
1.2
Unit
V
Test Condition
IS=1.2A, VGS=0V. Is=3A,VGS=0V dl/dt=100A/uS
Reverse Recovery Time
Reverse Recovery Charge
25
_ _
nS
_
26
nC
Notes: 1.Pulse width limited by Max. junction temperature. 2.Pulse widthO 300us, dutycycleO2%. 3.Surface mounted on FR4 board, t O 10sec.
http://www.SeCoSGmbH.com/ Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 4
SGM2310
Elektronische Bauelemente 3A, 60V,RDS(ON) 90m[
N-Channel Enhancement Mode Power Mos.FET
Characteristics Curve
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
Fig 5. Forward Characteristics of Reverse Diode http://www.SeCoSGmbH.com/
01-Jun-2002 Rev. A
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
Any changing of specification will not be informed individual
Page 3 of 4
SGM2310
Elektronische Bauelemente 3A, 60V,RDS(ON) 90m[
N-Channel Enhancement Mode Power Mos.FET
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of SGM2310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X