Part Number Hot Search : 
HE720 ISR2020C 203500 HE720 RHEEBSP3 39288 HT2269 RLPBF
Product Description
Full Text Search
 

To Download SFH620A-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SFH620A-1, SFH620A-2, SFH620A-3
AC INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
APPROVALS l UL recognised, File No. E91231 DESCRIPTION The SFH620A series of optically coupled isolators consist of inverse parallel infrared light emitting diodes and NPN silicon photo transistors in space efficient dual in line plastic packages. FEATURES Options :10mm lead spread - add G after part no. Surface mount - add SM after part no. Tape&reel - add SMT&R after part no. l Low input current 1mA IF l High Current Transfer Ratios (40-320% at 10mA, 13% min at 1mA) l High Isolation Voltage (5.3kVRMS ,7.5kVPK ) l High BVCEO (70V min) l AC or polarity insensitive input l All electrical parameters 100% tested l Custom electrical selections available
l
2.54 7.0 6.0 1.2 5.08 4.08 1 2
Dimensions in mm
4 3
7.62 4.0 3.0 0.5 13 Max 0.26
3.0 0.5 3.35
ABSOLUTE MAXIMUM RATINGS (25C unless otherwise specified) Storage Temperature -55C to + 125C Operating Temperature -55C to + 100C Lead Soldering Temperature (1/16 inch (1.6mm) from case for 10 secs) 260C INPUT DIODE Forward Current Power Dissipation OUTPUT TRANSISTOR Collector-emitter Voltage BVCEO Emitter-collector Voltage BVECO Power Dissipation 70V 6V 150mW 50mA 70mW
APPLICATIONS Computer terminals l Industrial systems controllers l Measuring instruments l Telephone sets, Telephone exchanges l Signal transmission between systems of different potentials and impedances
l
OPTION SM SURFACE MOUNT
OPTION G 7.62
POWER DISSIPATION Total Power Dissipation
(derate linearly 2.67mW/C above 25C)
200mW
0.6 0.1 10.46 9.86
1.25 0.75
0.26 10.16
ISOCOM COMPONENTS LTD Unit 25B, Park View Road West, Park View Industrial Estate, Brenda Road Hartlepool, Cleveland, TS25 1YD Tel: (01429) 863609 Fax :(01429) 863581
7/12/00
DB92511m-AAS/A1
ELECTRICAL CHARACTERISTICS ( TA = 25C Unless otherwise noted ) PARAMETER Input Output Forward Voltage (VF) Collector-emitter Breakdown (BVCEO) 70 ( Note 2 ) Emitter-collector Breakdown (BVECO) 6 Collector-emitter Dark Current (ICEO) SFH620A-1,2 SFH620A-3 Current Transfer Ratio (CTR) (Note 2) SFH620A-1 SFH620A-2 SFH620A-3 SFH620A-1 SFH620A-2 SFH620A-3 MIN TYP MAX UNITS 1.65 V V V 50 100 nA nA TEST CONDITION IF = 50mA IC = 1mA IE = 100A VCE = 10V
Coupled
40 63 100 13 22 34
125 200 320
% % % % % %
10mA IF , 5V VCE
1mA IF , 5V VCE
Collector-emitter Saturation Voltage VCESAT Input to Output Isolation Voltage VISO Input-output Isolation Resistance RISO 5300 7500 5x1010
0.4
V VRMS VPK
10mA IF , 2.5mA IC See note 1 See note 1 VIO = 500V (note 1)
Note 1 Note 2
Measured with input leads shorted together and output leads shorted together. Special Selections are available on request. Please consult the factory.
SWITCHING CHARACTERISTICS
1. Linear Operation (without saturation) Fig 1. IF = 10mA, VCC = 5V, RL = 75, TA = 25C
UNITS Turn-on Time Rise Time Turn-off Time Fall Time Cut-off Frequency
VCC Input RL = 75 Output Output 10% tr tf ton toff
ton tr toff tf FCO
3.0 2.0 2.3 2.0 250
s s s s kHz
10%
90%
90%
FIG 1 DB92511m-AAS/A1
Collector Power Dissipation vs. Ambient Temperature 200 Collector power dissipation P C (mW)
Collector Current vs. Collector-emitter Voltage ( normalized to SFH620A-2 & SFH620A-3 ) 50 TA = 25C
150
Collector current I C (mA)
40 30
50 30 20 15
100
20 10
10
50
IF = 5mA 0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) Forward Current vs. Ambient Temperature 60 50 40 30 20 10 0 -30 0 25 50 75 100 125 Ambient temperature TA ( C ) Relative Current Transfer Ratio vs. Ambient Temperature 1.5 Current transfer ratio CTR (%) 0 0 2 4 6 8 10 Collector-emitter voltage VCE ( V ) Current Transfer Ratio vs. Forward Current 320 280 240 200 160 120 80 40 0 1 2 5 10 20 50 Forward current IF (mA) Collector-emitter Saturation Voltage vs. Ambient Temperature 0.28 0.24 0.20 0.16 0.12 0.08 0.04 0 -30 0 25 50 75 100 Ambient temperature TA ( C )
DB92511m-AAS/A1
Forward current I F (mA)
VCE = 5V TA = 25C SFH620A-3 SFH620A-2 SFH620A-1
Relative current transfer ratio
IF = 10mA VCE = 5V
Collector-emitter saturation voltage V
CE(SAT)
(V)
IF = 10mA IC = 2.5mA
1.0
0.5
0 -30 0 25 50 75 100 Ambient temperature TA ( C )
7/12/00


▲Up To Search▲   

 
Price & Availability of SFH620A-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X