Part Number Hot Search : 
KIA7727P 87C51F NTE5536 EM61400 2SC3927 FR157G 33HCB EC5575
Product Description
Full Text Search
 

To Download SF5007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 915.00 MHz SAW Filter
* * * * *
Designed to AMPS, CDMA, TDMA Selectivity in 915.00 MHz Low-Loss, Coupled-Resonator Quartz Design Simple External Impedance Matching Ultra Miniature Ceramic DCC6C SMD Package Complies with Directive 2002/95/EC (RoHS Compliant)
SF5007
Absolute Maximum Rating (Ta=25C) Parameter Input Power Level DC Voltage VDC Between Any Two Pins Operating Temperature Range Storage Temperature Range Pin
VDC
Rating 15 12 -10 ~ +65 -40 ~ +85
Unit dBm V C C
TA Tstg
Electronic Characteristics Parameter Nominal Frequency (at 25C) (Center frequency between 3dB point) Insertion Loss Usable Bandwidth Amplitude Ripple Absolute Attenuation DC ... 795.00 MHz 795.00 ... 865.00 MHz 950.00 ... 1015.0 MHz 1015.0 ... 1115.0 MHz Frequency Aging Absolute Value during the First Year |fA| 42 50 45 27 48 50 10 dB dB dB dB ppm/yr M 910.00 ... 920.00 MHz 910.00 ... 920.00 MHz Sym fC Minimum NS Typical 915.00 3.5 26.0 0.5 Maximum NS 5.5 1.0 Unit MHz dB MHz dB
IL
BW
rel
36 23 38 1.0 -
DC Insulation Resistance Between any Two Pins Input / Output Impendance (nominal) NS = Not Specified
Notes:
shown above and subject to change or obsolescence without notice. 5. All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale. Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications, processes and circuits implemented within components or assemblies. For questions on technology, prices and delivery please contact our sales offices or e-mail sales@vanlong.com.
1.
The frequency fC is defined as the midpoint between the 3dB frequencies. Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is connected to a 50 test system with VSWR 1.2:1. The test fixture L and C are adjusted for minimum insertion loss at the filter center frequency, fC. Note that insertion loss, bandwidth, and passband shape are dependent on the impedance matching component values and quality. Unless noted otherwise, specifications apply over the entire specified operating temperature range. The specifications of this device are based on the test circuit
2.
6.
3.
7.
4.
Phone: +86 (10) 5820-3910 (c) 2007 by Vanlong Technology Co., Ltd.
Fax: +86 (10) 5820-3915
Email: sales@vanlong.com
Web: http://www.vanlong.com SF5007
915.00 MHz SAW Filter
Package Dimensions (DCC6C)
Electrical Connections
Terminals 2 5 1,3,4,6 Connection Input Output Case Ground
Package Dimensions
Dimensions A B C D Nom (mm) 1.5 0.6 1.5 1.8 Dimensions E F G Nom (mm) 3.0 3.0 1.1
Marking
Test Circuit
1. F5007 - Part Code
F5007 915.0 YWW
2. Frequency (MHz) in 5 digits 3. Date Code: Y : Last digit of year WW : Week No.
From 50 source
To 50 load
Typical Frequency Response
Phone: +86 (10) 5820-3910 (c) 2007 by Vanlong Technology Co., Ltd.
Fax: +86 (10) 5820-3915
Email: sales@vanlong.com
Web: http://www.vanlong.com SF5007


▲Up To Search▲   

 
Price & Availability of SF5007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X