Part Number Hot Search : 
00022 100HS 68HC7 FR902 AD9648 7C102 ELECTRON MAX5805
Product Description
Full Text Search
 

To Download SC869110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S/MON/SC869110/A/30/12/1999
page 1 /2 F/GB
Relais statique monophase de puissance Power Solid State Relay
* Sortie AC synchrone : 24-520VAC-125A * Possibilite de protection IP20 en option : Capot 1K470000 * Adapte a tout types de charges * 24-520VAC -125A Zero-Cross AC Output. * IP20 Protection optional (1K470000). * Designed for all types of loads
Dimensions/Size
28 22,8
0,5
SC869110
5-30VDC control 125A/400VAC output
Application typique/Typical application
24-520VAC
28 O4,7 M5
protection reseau line protection
19,6
1~ 58,2 43,2 2~ 47,6
Entree control 5-30VDC
4-
1
47,5
3+
+
5,1
3+
2
25,8
25,4 44,5
M3
* 1-2 peuvent etre inversees/ 1 -2 can be changed * le relais doit etre monte sur dissipateur thermique / SSR must be mounted on a heatsink * option : couvercle de protection des bornes : 1K460 000 / cover : 1K460 000
CHARGE/ LOAD
Caracteristiques de commande (a 20C) / Control characteristics (at 20C) Parametre / Parameter Tension de commande / Control voltage Courant de commande / Control current (@ Uc ) Tension de relachement/Release voltage Resistance interne / Input internal resistor fig.1 Tension inverse / Reverse voltage Symbol Uc Ic Uc off Rc Urv Min 5 3 1 DC Nom Max 30 30 Unit V mA V V VRMS VRMS V
28 26 24 22 20 18 16 14 12 10 8 6 4 2 0
fig. 1 :Caracteristique d'entree / Control characteristic
fig1 : Caracteristique d'entree / Control characteristic
1000 30
Caracteristiques d'entree-sortie (a 20C) / Input-output characteristics (at 20C) Isolement entree-sortie/Input-output isolation @500m Ui 4000 Isolement sortie-semelle/Output-case isolation @500m Ui 3300 Tension assignee isolement/Rated impuls voltage Uimp 4000 Caracteristiques generales / General characteristics Parametre / Parameter Poids/Weight Plage de temperature de stockage / Storage temperature range Plage de temperature de fonctionnement/Operating temperature range
Ic (mA)
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Uc (V)
Conditions
Symbol
Typ. 90 -40 / +100 -40 / +100
Unit g C C
Proud to serve you
All technical caracteristics are subject to change without previous notice. Caracteristiques sujettes a modifications sans preavis.
celduc
r e l a i
s
S/MON/SC869110/A/30/12/1999
Caracteristiques de sortie(a 20C) / Output characteristics (at 20C) Parametre / Parameter Tension de charge / Load voltage Plage tension de fonctionnement / Operating range Tension crete / Peak voltage Niveau de synchonisation / Synchronizing level Tension d'amorcage / Latching voltage Courant nominal AC-51/ AC-51 nominal current Courant nominal AC-53/ AC-53 nominal current Courant de surcharge non repetitif /Non repetitive overload current Chute tension directe crete/ On state voltage drop Courant de fuite etat bloque/ Off state leakage current Courant de charge minimum / Minimum load current Temps de fermeture/ Turn on time Temps d'ouverture/ Turn off time Plage de frequence / Operating frequency range dv/dt etat bloque / Off state dv/dt dI/dt maximum non repetitif/ Maximum di/dt non repetitive I2t (<10ms) EMC Test d'immunite conduite / Conducted immunity level EMC Test d'immunite conduite / Conducted immunity level Conformite / Conformity
Pd ( watts) 170 160 150 140 130 120 110 100 90 80 70 60 50 40 30 20 10 0 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 RMS load current : I (A) 6K/W 2,2K/W 50% on state 0,95K/W 1,1K/W 0,75K/W Full on state
page 2 / 2 F/GB
Symbol Typ. Unit Ue 400 V rms Ue min-max 24-520 V rms Up 1200 V Usync 12 V Ie nom Ua 10 V ( see Fig. 2 ) Ie AC-51 125 A rms ( see Fig. 2 ) Ie AC-53 25 A rms tp=10ms (Fig. 3) Itsm 2000 A @ Ie nom Vd 1,3 V @Ue,50Hz Ilk <3 mA Ie min 5 mA Uc nom DC ,f=50Hz ton max 10 ms Uc nom DC ,f=50Hz toff max 10 ms f 0,1-440 Hz dv/dt 500 V/s di/dt 50 A/s I2t 20000 A2s IEC 1000-4-4 (burst) 2kV criterion A IEC 1000-4-5(schocks) 2kV crit.A with external VDR EN60947-4-x
T case max (C) 65 70
Conditions
Fig. 2 Courbes thermiques / Thermal characteristics
0,3K/W
0,55K/W 80
90
100 1,6K/W
0
10
20
30 40
50
60 70
80 90 100 110 120
Ambient temperature : Tamb (C)
Fig.3 Surcharge de courant : Itsm (Apeak) = f(t) pour modele 125A(Itsm=2000A) Surge current : Itsm (Apeak) = f(t) for 125A models with Itsm =2000A 2000 Itsm (Apeak) 1500 1000 500 0 0,01
Surcharge de courant repetitive avec tension reappliquee Repetive surge current with voltage reapplied. Surcharge de courant non repetitive sans tension reappliquee / No repetive surge current without voltage reapplied.
1 -Itsm non repetitif sans tension reappliquee est donne pour la determination des protections. No repetitive Itsm is given without voltage reapplied for the determination of the protection. 2 -Itsm repetitif est donne pour des surcharges de courant (Tj initiale=70C). La repetition de ces surcharges de courant diminue la duree de vie du Relais. Repetitive Itsm is given for inrush current with initial Tj = 70C. The repetition of the surge current decrease the lifetime SSR's .
0,1
t (s)
1
10
Precautions : * Les relais a semiconducteurs ne procurent pas d'isolation galvanique entre le reseau et la charge.
Cautions : * Semiconductor relays don't provide any galvanic insulation between the load and the mains.
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19


▲Up To Search▲   

 
Price & Availability of SC869110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X