Part Number Hot Search : 
LA6544H 1N5346B MMBT2222 V103MD 91031 MMBT2222 SMCJ11CA 91031
Product Description
Full Text Search
 

To Download SB5311 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SB5311 / SB5311(B)
LED Lamp
Features
* Colorless transparency lens type * 5mm(T-13/4) all plastic mold type * ESD Protected (2.0KV, 3 Times @100pF, 1.5K)
Outline Dimensions
unit : mm
STRAIGHT TYPE
4.80~5.20
STOPPER
TYPE : (B)
4.80~5.20
0.05 Typ.
8.40~8.80 1.00 Max.
0.05 Typ.
8.40~8.80 1.00 Max
1.20 Min.
0.50 Max.
1.50 Min.
26.00 Min.
1.27 Typ.
0.06 Max
1.50 Min.
26.00 Min.
2.54 Typ.
2.54 Typ.
0.55 Max.
1
2
5.50~6.00
0.55 Max.
1
2
5.60~6.00
PIN Connections 1. Anode 2. Cathode
KSD-O2O005-000
1
SB5311 / SB5311(B)
Absolute Maximum Ratings
Characteristic
Power dissipation Forward current * Peak forward current Reverse voltage Operating temperature range Storage temperature range
2 1
(Ta=25)
Symbol
PD IF IFP VR Topr Tstg
Rating
90 20 50 4 -2585 -30100
Unit
mW mA mA V
* Soldering temperature Tsol 260 for 10 seconds *1.Duty ratio = 1/16, Pulse width = 0.1ms *2.Keep the distance more than 2.0mm from PCB to the bottom of LED package
Recommend document -. LED is very sensitive to ESD.
Electrical / Optical Characteristics
Characteristic
Forward voltage
(Ta=25)
Symbol
VF IV
Test Condition
IF= 20mA IF= 20mA IF= 20mA IF= 20mA VR=4V IF= 20mA
Min.
60 -
Typ.
4.0 435 60 11
Max.
4.6 230 10 -
Unit
V mcd nm nm uA deg
* Luminous intensity
Peak wavelength Spectrum bandwidth Reverse current
4
P IR
1/2
* Half angle
3
*3. 1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity *4. Luminous intensity maximum tolerance for each grade classification limit is 18% *4. Luminous Intensity Classification K 68 ~ 100 L 100 ~ 155 M 155 ~ 230
KSD-O2O005-000
2
SB5311 / SB5311(B)
Characteristic Diagrams
Fig. 1 IF - VF Fig. 2 IV - IF
Forward Voltage VF [V]
Luminous Intensity Iv [mcd]
Forward Current IF [mA]
Forward
Current IF [mA]
Fig. 3 IF - Ta
Fig.4 Spectrum Distribution
Current IF [mA]
Forward
Relative Intensity [%]
Ambient Temperature Ta []
Wavelength [nm]
Fig. 5 Radiation Diagram
Relative Luminous Intensity Iv [%]
KSD-O2O005-000
3
SB5311 / SB5311(B)
The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice.
KSD-O2O005-000
4


▲Up To Search▲   

 
Price & Availability of SB5311

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X