Part Number Hot Search : 
3KP12CA E561UAP SP8910 TT150N TA8473F 332J100 100BG MTRPB
Product Description
Full Text Search
 

To Download RPUP250D6A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RPU Series
Basic pressure sensors
FEATURES * 0...35 mbar to 0...16 bar and 0...0.5 to 0...250 psi gage or differential * High impedance bridge * Miniature package * Different pinning configurations * Usable for wet/wet applications8 * Sensortechnics PRO services
MEDIA COMPATIBILITY
All media compatible with port 1: - polyetherimide - silver-filled silicone - silicon nitride - polyetherimide - fluor-silicone - silicon
port 29:
SPECIFICATIONS
Maximum ratings Supply voltage Temperature limits Storage Operating Lead temperature (10 sec. soldering) Humidity limits Vibration (0 to 2000 Hz) (qualification tested) Mechanical shock (qualification tested) 12 V
ELECTRICAL CONNECTION
+Vs 1
-55 to +100C -40 to +85C
4
300C 0...100 %RH 20 g sine
-
Output 2 3 +
150 g
E / 11702 / A
1/5
www.sensortechnics.com
RPU Series
Basic pressure sensors
PRESSURE SENSOR CHARACTERISTICS
(Vs = 10.0 0.01 V, tamb = 25 C)
Part number
RPUM035... RPUM050... RPUM100... RPUM250... RPUB001... RPUB002... RPUB005... RPUB010... RPUB016... RPUP0x5... RPUP001... RPUP005... RPUP015... RPUP030... RPUP100... RPUP250...
Operating pressure
0...35 mbar 0...50 mbar 0...100 mbar 0...250 mbar 0...1 bar 0...2 bar 0...5 bar 0...10 bar 0...16 bar 0...0.5 psi 0...1 psi 0...5 psi 0...15 psi 0...30 psi 0...100 psi 0...250 psi
Proof pressure1
1.4 bar 1.4 bar 1.4 bar 1.4 bar 3 bar 4 bar 12 bar 35 bar 35 bar 2 0 p si 2 0 p si 2 0 p si 4 5 p si 6 0 p si 2 0 0 p si 5 0 0 p si
Full-scale span2 Min. Typ. Max.
24 mV 21 mV 44 mV 61 mV 159 mV 232 mV 113 mV 84 mV 134 mV 24 mV 30 mV 85 mV 165 mV 240 mV 156 mV 145 mV 35 mV 33 mV 66 mV 83 mV 218 mV 320 mV 163 mV 123 mV 197 mV 35 mV 45 mV 115 mV 225 mV 330 mV 225 mV 212 mV 46 mV 44 mV 88 mV 105 mV 276 mV 410 mV 215 mV 163 mV 260 mV 46 mV 60 mV 145 mV 285 mV 420 mV 294 mV 280 mV
PERFORMANCE CHARACTERISTICS
(Vs = 10.0 0.01 V, tamb = 25 C)
Characteristics
Zero pressure offset Temperature effects (0 to 50 C)4 Temperature effects on bridge impedance4 Non-linearity (BSL)3 Repeatability and hysteresis5 Long term stability7 Input impedance Output impedance Response time6 Offset Span
Min.
-20
Typ.
2.0 -2000 +2200 0.25 0.15 0.5 5.0 5.0
Max.
+20
Unit
mV ppm/C
1.0 % sp a n 6.0 6.0 1.0
4.0 4.0
k ms
E / 11702 / A
2/5
www.sensortechnics.com
RPU Series
Basic pressure sensors
OUTLINE DRAWINGS10
RPU...G6A (single inline pinning, 1 x 4), gage pressure devices
12,7 O 6,4 O 5,1 O 1,93 O 1,27 PIN 1 7,9 2,29 4 x 1,02 P2 1,78 4 x 0,41 NOM 15,2
3 x 2,54
21,8
16,2 9,1
4321
third angle projection dimensions in mm
mass: 2 g
12,7
RPU...G2A (dual inline pinning, 2 x 2), gage pressure devices
12,7 O 6,4 O 5,1 O 1,93 O 1,27 PIN 1 PIN 2 P2 PIN 3 PIN 4 7,9 4 x 1,02 5,1
mass: 2 g
27,9
21,8
16,2 9,1 4 x 0,5 12,7
4 x 0,41 8,4
third angle projection dimensions in mm
E / 11702 / A
3/5
www.sensortechnics.com
RPU Series
Basic pressure sensors
OUTLINE DRAWINGS10
RPU...D6A (single inline pinning, 1 x 4), differential pressure devices
12,7 O 6,4 O 5,1 O 1,93 O 1,27 PIN 1 7,9 2,29 4 x 1,02 16,2 9,1 P2 1,78 4 x 0,41
4321
3 x 2,54
34,4
21,8
11,7
NOM 15,2
P1
mass: 2 g
third angle projection dimensions in mm
12,7
Specification notes:
1. The maximum specified pressure which may be applied to the sensor without causing a permanent change in the output characteristics. 2. Span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure. Span is ratiometric to the supply voltage. 3. Non-linearity refers to the Best Straight Line fit, measured for offset pressure, full scale pressure and 1/2 full scale pressure. 4. Error band of the offset voltage, span or bridge impedance in the specified temperature range, relative to the 25C reading. 5. Repeatability, the deviation in output readings for successive application of any given input pressure (all other conditions remaining constant). Hysteresis, the error defined by the deviation in output signal obtained when a specific pressure point is approached first with increasing pressure, then with decreasing pressure or vice versa (all other conditions remaining constant). 6. Response time for 0 to full-scale pressure step change, readings taken at 10 % and 90 % of full-scale pressure. 7. Long term stability of offset and span over a period over one year. 8. The sensors might be used on both ports for media compatible with the components specified under "Media Compatibility". 9. Other sealing materials are available on request. Minimum order quantities might be required. 10. Other pressure port styles, like barbed ones, luers, modular, M5, needle style or flow through connection, are available on request. Minimum order quantities might be required.
E / 11702 / A
4/5
www.sensortechnics.com
RPU Series
Basic pressure sensors
ORDERING INFORMATION - AVAILABLE LISTINGS
Note: Preferred listings are highlighted in grey
Pressure range 35 mbar 50 mbar 100 mbar 250 mbar 1 bar 2 bar 5 bar 10 bar 16 bar 0.5 psi 1 p si 5 p si 1 5 p si 3 0 p si 6 0 p si 1 0 0 p si 2 5 0 p si
Gage pressure Single inline pinning RPUM035G6A RPUM050G6A RPUM100G6A RPUM250G6A RPUB001G6A RPUB002G6A RPUB005G6A RPUB010G6A RPUB016G6A RPUP0x5G6A RPUP001G6A RPUP005G6A RPUP015G6A RPUP030G6A RPUP100G6A RPUP250G6A Dual inline pinning RPUM050G2A RPUM100G2A RPUM250G2A RPUB001G2A RPUB002G2A RPUB005G2A RPUB010G2A RPUB016G2A RPUP001G2A RPUP005G2A RPUP015G2A RPUP030G2A RPUP100G2A RPUP250G2A
Differential pressure Single inline pinning RPUM035D6A RPUM050D6A RPUM100D6A RPUM250D6A RPUB001D6A RPUB002D6A RPUB005D6A RPUB010D6A RPUB016D6A RPUP0x5D6A RPUP001D6A RPUP005D6A RPUP015D6A RPUP030D6A RPUP100D6A RPUP250D6A
Sensortechnics PRO services: * Extended guarantee period of 2 years * Improved performance characteristics * Custom product modifications and adaptations even for small quantities * Advanced logistics models for supply inventory and short delivery times * Technical support through application engineers on the phone or at your site * Fastest possible technical response for design and QA engineers ... plus other services on request
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others. E / 11702 / A 5/5
www.sensortechnics.com


▲Up To Search▲   

 
Price & Availability of RPUP250D6A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X