Part Number Hot Search : 
CR1612 74LVC652 M948B 10005 P921707 UPD17215 LT350 SD204
Product Description
Full Text Search
 

To Download R1122 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RDC (R)
R1122
RISC DSP Communication
16-BIT RISC MICROCONTROLLER
16-BIT RISC MICROCONTROLLER
R1122 Brief Sheet
Specifications subject to change without notice, contact your sales representatives for the most update information.
Page 1 of 5
REV 1.0
Jun.05 2006
RDC(R)
1. Features
l l l l
R1122
RISC DSP Communication
16-BIT RISC MICROCONTROLLER
Five-stage pipeline RISC architecture Integrated PLL (*1~*8) Maximum frequency: 80 MHz; the external bus, internal bus and core are operating in the same clock base
l Three independent 16-bit timers and one independent watchdog timer l The Interrupt controller with seven maskable external interrupts and one non-maskable external interrupt l Two independent DMA channels l Programmable chip-select logic for memory or I/O bus cycle decoder l Programmable wait-state generators l The I/O pin output is 3.3 volt level and the input 3.3 to 5 volt tolerance. l 3.3V operation voltage l Supports serial port/ DMA transfers l With 8-bit or 16-bit boot ROM bus size l l A green product Package Type - PQFP100 pins & LQFP100 pins
l l
Static & synthesizable design Bus interface - A multiplexed address and data bus which is compatible with the 80C186 microprocessor - Supports a direct address bus A[19:0] - 1M-byte memory address space - 64K-byte I/O space
l l l
Software is compatible with the 80C186 microprocessor Supports two asynchronous serial channels with hardware handshaking signals Supports CPU ID
l Supports 32 PIO pins
Specifications subject to change without notice, contact your sales representatives for the most update information. Page 2 of 5 REV 1.0 Jun.05 2006
RDC(R)
R1122
RISC DSP Communication
16-BIT RISC MICROCONTROLLER
2. Block Diagram
INT2/INTA0_n INT1/SELECT_n CLKOUTA INT3/INTA1_n/IRQ CLKOUTB INT6~4 INT0 NMI TMROUT0 TMROUT1 TMRIN0 TMRIN1 DRQ0 DRQ1
X1
VCC GND
X2 Clock and Power Management
Interrupt Control Unit
Timer Control Unit
DMA Unit
RST_n
LCS_n/ONCE0_n MCS3_n/RFSH_n MCS[2:0] UCS_n/ONCE1_n PCS3_n~PCS0_n PCS5_n/A1 PCS6_n/A2
Chip Select Unit PSRAM Control Unit
Instruction Queue (64bits) Instruction Decoder
Control Signal
Micro ROM
PIO Unit
PIO[31:0]
ARDY SRDY S2_n~S0_n DT/R_n DEN_n
Refresh Control Unit
Register File General, Segment, Eflag Register
EA / LA Address Asynchronous Serial Port0
RTS0_n/RTR0_n CTS0_n/ENRX0_n TXD0 RXD0 RTS1_n/RTR1_n
HOLD HLDA S6/CLKDIV2_n UZI_n
Bus Interface Unit
ALU
(Special, Logic, Adder, BSF)
Execution Unit
Asynchronous Serial Port1
CTS1_n/ENRX1_n TXD1 RXD1
A[19:0] AD[7:0]
RD_n WB_n WR_n
ALE AO[15:8] RFSH2_n/ADEN_n
Specifications subject to change without notice, contact your sales representatives for the most update information. Page 3 of 5 REV 1.0 Jun.05 2006
RDC(R)
3.
R1122
RISC DSP Communication
16-BIT RISC MICROCONTROLLER
Package Information
PQFP 100 pins
D 23.20 0.20 0.10
D1 20.00 "A"
0.10
E1 14.00
SEATING PLANE 0.25 MIN A1 0.25 DETAIL A
0.10
c 0.25~0.38
3.40 Max.
"A"
0.65 BSC
DETAIL A
1.60 REF L1 A2 2.85 0.12 L 0.88 0.15
15 TYP
7 TYP
UNIT:mm
Specifications subject to change without notice, contact your sales representatives for the most update information. Page 4 of 5 REV 1.0 Jun.05 2006
E
17.20
0.20
RDC(R)
R1122
RISC DSP Communication
16-BIT RISC MICROCONTROLLER
LQFP 100 pins
16.00 14.00 0.15 0.10
100
76
1
75
0.10 14.00
25 51 26 50
0.127(TYP)
0.50(TYP) Sealing Plane
0.22
0.05
"A"
0.08(MAX)
1.60(MAX)
0.05
0~7
0.05
0.60 1.00(REF)
0.10
Specifications subject to change without notice, contact your sales representatives for the most update information. Page 5 of 5 REV 1.0 Jun.05 2006
0.2S(TYP) GAUGE PLANE
1.40
0.15
UNIT:mm
16.00
0.15


▲Up To Search▲   

 
Price & Availability of R1122

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X