Part Number Hot Search : 
16CTQ 10D20 FS105M UQFP120 20N60U STIP1506 S70GY9C D4310E
Product Description
Full Text Search
 

To Download PRMG501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRESS FIT ARTOMOTIVE RECTIFIERMOTOROLA
PRMG501 THRU PRMG506
TECHNICAL SPECIFICATION FEATURES
* * * * *
VOLTAGE RANGE CURRENT
100 to 600 Volts 50.0 Amperes
MC-2
0.050 0.002 (1.280.05)
Low Leakage Low forward voltage drop High current capability High forward surge current capacity Glass passivated chip
1.083 -0 0.62 0.004 (15.7 0.01) (27.5
0.02 0.5 -0
)
0.307 0.02 (8.40 0.50) 0.437 0.004 (11.1 0.1) 0.500.504 (12.73-12.79)
MECHANICAL DATA
* * * * * *
Technology: Vacuum soldered Case: Copper case Polarity: As marked of case bottom Lead: Plated lead , solderable per MIL-STD-202E method 208C Mounting: Press Fit Weight: 0.30 ounces, 8.5 grams
Epoxy
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60HZ, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS PRM501 100 70 100 PRM502 200 140 200 PRM503 300 210 300 50 PRM504 400 280 400 PRM506 600 420 600 UNIT Volts Volts Volts Amps
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, At Tc=105 Peak Forward Surge Current 3.3mS single half sine wave superimposed on Rated load (JEDEC method) Rating for fusing (t8.3ms) Maximum instantaneous Forward Voltage at 100A Maximum DC Reverse Current at Rated TA=25 DC Blocking Voltage Typical Thermal Resistance Operating and Storage Temperature Range TA=100
VRRM VRMS VDC I(AV)
IFSM I2t VF IR RJC TJ,TSTG
600 1494 1.05 5.0 450 0.8 (-65 to +175)
Amps A2S Volts UA /W
Notes:
1. Enough heat sink must be considered in application.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
PRESS FIT ARTOMOTIVE RECTIFIERMOTOROLA
PRMG501 THRU PRMG506
VOLTAGE RANGE CURRENT
100 to 600 Volts 50.0 Amperes
RATINGS AND CHARACTERISTIC CURVES PRM501 THRU PRM506
F1G.1 TYPICAL FORWARD CURRENT DERATING GURVE
AVERAGE FORWARD CURRENT, (A)
F1G.2 MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
50 40 30 20 10 0 0 25 50 75 Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375(9.5mm) Lead Length
600 8.3ms Single Half Sine-Wave 500 400 300 200 100 (JEDEC Method) Tj=Tj max
110 100
1 Cycle 125 150 175 1 2 4 6 8 10 20 40 60 80 100
AMBIENT TEMPERATURE, ()
NUMBER OF CYCLES AT 60 Hz
F1G.3 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
1000
F1G.4 FORWARD ROWER DISSIPATION
AVERAGE POWER DISSIPATION (W)
60
INSTANTANEOUS FORWARD CURRENT, (A)
100
40 SQUARE WAVE
DC 20
10
T1=25 PULSE WIDTH=300S 1%DUTY CYCLE 1.0
0 0 10 20 30 40 50
AVERAGE FORWARD CURRENT, (A)
0.1 0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE,(V)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of PRMG501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X