Part Number Hot Search : 
JBT6N81S SH77640 P1300 PCR06A CY7C42 T24C0 014014 CY621
Product Description
Full Text Search
 

To Download PRMG251 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRESS FIT AUTOMOTIVE RECTIFIERMOTOROLA
PRMG251 THRU PRMG256
TECHNICAL SPECIFICATION FEATURES
* * * *
VOLTAGE RANGE CURRENT
100 to 600 Volts 25.0 Amperes
MC-1
0.050 0.002 (1.280.05)
Low Leakage Low forward voltage drop High current capability High forward surge current capacity
1.083 -0 0.62 0.004 (15.7 0.01) (27.5
0.02 0.5 -0
)
0.307 0.02 (7.80 0.50) 0.437 0.004 (11.1 0.1) 0.500.504 (12.73-12.79)
MECHANICAL DATA
* * * * * *
Technology: Cell with vacuum soldered Case: Copper case Polarity: As marked of case bottom Lead: Plated lead , solderable per MIL-STD-202E method 208C Mounting: Press Fit Weight: 0.28 ounces, 8.0 grams
Epoxy
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60HZ, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS PRMG251 100 70 100 PRMG252 200 140 200 PRMG253 300 210 300 25 PRMG254 400 280 400 PRMG256 600 420 600 UNIT Volts Volts Volts Amps
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, At Tc=105 Peak Forward Surge Current 3.3mS single half sine wave superimposed on Rated load (JEDEC method) Rating for fusing (t8.3ms) Maximum instantaneous Forward Voltage at 100A Maximum DC Reverse Current at Rated TA=25 DC Blocking Voltage per element TA=100 Typical Thermal Resistance Operating and Storage Temperature Range
VRRM VRMS VDC I(AV)
IFSM I2t VF IR RJC TJ,TSTG
400 664 1.08 5.0 450 0.8 (-65 to +175)
Amps A2S Volts UA /W
Notes:
1. Enough heatsink must be considered in application.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
PRESS FIT AUTOMOTIVE RECTIFIERMOTOROLA
PRMG251 THRU PRMG256
VOLTAGE RANGE CURRENT
100 to 600 Volts 25.0 Amperes
RATINGS AND CHARACTERISTIC CURVES PRMG251 THRU PRMG256
F1G.1 TYPICAL FORWARD CURRENT DERATING GURVE
30
F1G.2 MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
AVERAGE FORWARD CURRENT, (A)
25
PEAK FORWARD SURGE CURRENT,(A)
600 8.3ms Single Half Sine-Wave 500 400 300 200 100 (JEDEC Method) Tj=Tj max
20
Single Phase Half Wave 60Hz 10 Resistive or Inductive Load 0.375(9.5mm) Lead Length 0 0 25 50 75
110 100
1 Cycle 125 150 175 1 2 4 6 8 10 20 40 60 80 100
AMBIENT TEMPERATURE, ()
NUMBER OF CYCLES AT 60 Hz
F1G.3 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
1000
F1G.4 FORWARD ROWER DISSIPATION
AVERAGE POWER DISSIPATION (W)
60
INSTANTANEOUS FORWARD CURRENT, (A)
100
40 SQUARE WAVE
DC 20
10
T1=25 PULSE WIDTH=300S 1%DUTY CYCLE 1.0
0 0 10 20 30 40 50
AVERAGE FORWARD CURRENT, (A)
0.1 0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE,(V)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of PRMG251

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X