Part Number Hot Search : 
MC74ACT AD7523TD ADM483E YB1314 HMC121 X1205 MPC5634M 0924DH
Product Description
Full Text Search
 

To Download PIPD131005031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Pigtail Integrated InGaAs PIN Photodiode
PIPD Series
Features High Responsivity Low Dark Current Quick Response Wide Operating Wavelength High Reliability Laser Welding & Soldering
Pigtail Integrated InGaAs PIN Photodiode
Oplink's PIPD series PIN photodiode is based on InGaAs process. It is designed for power level monitoring in optical network systems. The product features low dark current and high responsivity and wide operating wavelength range. Oplink can provide customized designs to meet specialized feature applications. Also, Oplink offers modular assemblies that integrate other components to form a full function module or subsystem.
Applications Power Monitoring DWDM Systems "Smart" Optical Amplifiers Network Links and Optical Cross-connects Re-configurable Optical Add/Drop Multiplexers Protection/Restoration System
Performance Specifications
Parameter Symbol Min Typical Max Units
Operating Wavelength Range @1550nm Responsivity @1310nm Polarization Dependent Responsivity Dark Current Bandwidth=2.0G @VR=5 V (70C) Bandwidth=0.5G Bandwidth=2.0G Capacitance @VR=5 V (1MHz) Bandwidth=0.5G Return Loss Fiber Type Package Dimension
op R1550 R1310 PDR Id Id C C RL Package 1 Package 3/4
131050 or/and 155050 0.80 0.90 0.75 0.85 0.1 2.5 10 1 8
0.7 0.7 40 Corning SMF-28 O5.6 x 26.0 O3.3 x 17.0
nm A/W A/W dB nA nA pF pF dB mm mm
Environmental Conditions
Parameter Min Typical Max Units
Operational Temperature * Storage Temperature * Soldering Temperature (<5s, >2mm from device)
0 -40
70 85 260
C C C
* Not to exceed 0.024 kg water per kg of dry air. Non-condensing Conditions.
Oplink Communications, Inc.
R3.20080131
Pigtail Integrated InGaAs PIN Photodiode
PIPD Series
Mechanical Drawing / Package Dimensions (dimension in mm) Package 1 (Bare Fiber or Loose Tube) Package 3 (Bare Fiber)
Input
>12.0
Package 4 (900m Loose Tube)
Input
46335 Landing Parkway Fremont, CA 94538-6407 Tel: (510 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200.
PIPD
0
Wavelength
Dual window= DUAL 1310nm= 1310 1550nm= 1550
Bandwidth
0.5G= 05 2.0G= 20
Fiber Length
0.5 1.0 1.5 2.0 meter= meter= meter= meter= H 1 5 2
Connector Type
None= 1 FC/PC= 2 FC/SPC= 3 FC/APC= 4 SC/PC= 5 SC/SPC= 6 SC/APC= 7 ST= 8 LC= 9 MU= A
Package & Fiber Type
P1+ 250m bare fiber= 11 P1+ 900m loose tube= 12 P3+ 250m bare fiber= 31 P4+ 900m loose tube= 42
R3.20080131
Product Lines
Mux/Demux
Switching/Routing
Coupling/Splitting
Monitoring/Conditioning
Amplification
Interconnect
RGB Laser Modules


▲Up To Search▲   

 
Price & Availability of PIPD131005031

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X