Part Number Hot Search : 
C680R 1102C 00MHZ ML60124R SM260 FMG4N EPC1PI8 0N06S
Product Description
Full Text Search
 

To Download P4KE11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P4KE Series
TRANSIENT VOLTAGE SUPPRESSORS
Features * Glass passivated junction * 400 W pulse capability on 10/1000 s wave form * Excellent clamping capability * Low Zener impedance * Fast response time
Mechanical Data * Case: DO-41 molded plastic body * Terminals: Solder axial plated, solderable per MIL-STD-750, method 2026 * Polarity: Color band denotes cathode end
Devices for bidirectional applications * For bidirectional use C or CA suffix for types P4KE6.8 thru types P4KE440A (e.g. P4KE6.8C, P4KE440CA) * Electrical characteristics apply in both directions
Absolute Maximum Ratings (Ta = 25 OC unless otherwise specified)
Parameter
Peak Power Dissipation
1)
O
Symbol
PPPK
2)
Value
Min. 400 1 40 3.5 / 6.5 - 55 to + 175
Unit
W W A V
O
Steady State Power Dissipation at Tj = 75 C Lead Length 0.375"(9.5 mm)
PD IFSM VF Tj, Tstg
Peak Forward Surge Current 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method), Unidirectional only 3) Maximum Instantaneous Forward Voltage at 25 A, for unidirectional only 4) Operating Junction and Storage Temperature Range
1)
O
C
Non-repetitive current pulse and derated above TA = 25 C. Mounted on Copper pads area of 1.6 X 1.6" (40 X 40 mm). 3) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. For uni-directional devices only. 4) VF: 3.5 V Max. for types of V(BR) 200 V, and VF: 6.5 V Max. for types of V(BR) > 200 V.
2)
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 13/12/2008 J
P4KE Series
Electrical Characteristics (Ta = 25 OC unless otherwise specified)
Uni-directional / Bi-directional Type 3) P4KE6.8 / C P4KE6.8A / CA P4KE7.5 / C P4KE7.5A / CA P4KE8.2 / C P4KE8.2A / CA P4KE9.1 / C P4KE9.1A / CA P4KE10 / C P4KE10A / CA P4KE11 / C P4KE11A / CA P4KE12 / C P4KE12A / CA P4KE13 / C P4KE13A / CA P4KE15 / C P4KE15A / CA P4KE16 / C P4KE16A / CA P4KE18 / C P4KE18A / CA P4KE20 / C P4KE20A / CA P4KE22 / C P4KE22A / CA P4KE24 / C P4KE24A / CA P4KE27 / C P4KE27A / CA P4KE30 / C P4KE30A / CA P4KE33 / C P4KE33A / CA P4KE36 / C P4KE36A / CA P4KE39 / C P4KE39A / CA P4KE43 / C P4KE43A / CA P4KE47 / C P4KE47A / CA P4KE51 / C P4KE51A / CA P4KE56 / C P4KE56A / CA Stand-off Voltage VWM (V) 5.5 5.8 6.05 6.4 6.63 7.02 7.37 7.78 8.1 8.55 8.92 9.4 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8 Breakdown Voltage 1) VBR (V) Min. at IT 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9 9.5 9.9 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18 19 19.8 20.9 21.6 22.8 24.3 25.7 27 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2 VBR (V) Max. at IT 7.48 7.14 8.25 7.88 9.02 8.61 10 9.55 11 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22 21 24.2 23.1 26.4 25.2 29.7 28.4 33 31.5 36.3 34.7 39.6 37.8 42.9 41 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8 Test Current IT (mA) 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Maximum Clamping Voltage VC (V) at IPPM 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15 14.5 16.2 15.6 17.3 16.7 19 18.2 22 21.2 23.5 22.5 26.5 25.5 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77 Maximum Peak Pulse Current IPPM (A) 38 40 35 37 33 34 30 31 28 29 26 27 24 25 22 23 19 20 17.8 18.6 16 16.5 14 15 13 13.7 12 12.6 10.7 11 9.6 10 8.8 9 8 8.4 7.4 7.7 6.7 7 6.2 6.4 5.7 6 5.2 5.4 Maximum Reverse Leakage 2) ID (A) at VWM 1000 1000 500 500 200 200 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 13/12/2008 J
P4KE Series
Electrical Characteristics (Ta = 25 OC unless otherwise specified)
Maximum Maximum Peak Pulse Clamping VBR (V) VBR (V) Current Voltage IPPM (A) VC (V) at IPPM Min. at IT Max. at IT P4KE62 / C 50.2 55.8 68.2 1 89 4.7 P4KE62A / CA 53 58.9 65.1 1 85 5 P4KE68 / C 55.1 61.2 74.8 1 98 4.2 P4KE68A / CA 58.1 64.6 71.4 1 92 4.5 P4KE75 / C 60.7 67.5 82.5 1 108 3.8 P4KE75A / CA 64.1 71.3 78.8 1 103 4 P4KE82 / C 66.4 73.8 90.2 1 118 3.5 P4KE82A / CA 70.1 77.9 86.1 1 113 3.7 P4KE91 / C 73.7 81.9 100 1 131 3.2 P4KE91A / CA 77.8 86.5 95.5 1 125 3.3 P4KE100 / C 81 90 110 1 144 2.9 P4KE100A / CA 85.5 95 105 1 137 3 P4KE110 / C 89.2 99 121 1 158 2.6 P4KE110A / CA 94 105 116 1 152 2.7 P4KE120 / C 97.2 108 132 1 173 2.4 P4KE120A / CA 102 114 126 1 165 2.5 P4KE130 / C 105 117 143 1 187 2.2 P4KE130A / CA 111 124 137 1 179 2.3 P4KE150 / C 121 135 165 1 215 1.9 P4KE150A / CA 128 143 158 1 207 2 P4KE160 / C 130 144 176 1 230 1.8 P4KE160A / CA 136 152 168 1 219 1.9 P4KE170 / C 138 153 187 1 244 1.7 P4KE170A / CA 145 162 179 1 234 1.8 P4KE180 / C 146 162 198 1 258 1.6 P4KE180A / CA 154 171 189 1 246 1.7 P4KE200 / C 162 180 220 1 287 1.4 P4KE200A / CA 171 190 210 1 274 1.51 P4KE220 / C 175 198 242 1 344 1.2 P4KE220A / CA 185 209 231 1 328 1.3 P4KE250 / C 202 225 275 1 360 1.1 P4KE250A / CA 214 237 263 1 344 1.2 P4KE300 / C 243 270 330 1 430 0.97 P4KE300A / CA 256 285 315 1 414 1 P4KE350 / C 284 315 385 1 504 0.83 P4KE350A / CA 300 332 368 1 482 0.87 P4KE400 / C 324 360 440 1 574 0.73 P4KE400A / CA 342 380 420 1 548 0.76 P4KE440 / C 356 396 484 1 631 0.66 P4KE440A / CA 376 418 462 1 602 0.69 1) VBR measured after IT applied for 300 s square wave pulse or equivalent. 2) For bidirectional types having VRWM of 10 V and less, the ID limit is doubled. 3) For bidirectional use C or CA suffix types, the electrical characteristics apply in both directions. Uni-directional / Bi-directional 3) Type Stand-off Voltage VWM (V) Breakdown Voltage 1) Test Current IT (mA) Maximum Reverse Leakage 2) ID (A) at VWM 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 13/12/2008 J
P4KE Series
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 13/12/2008 J


▲Up To Search▲   

 
Price & Availability of P4KE11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X