Part Number Hot Search : 
38001 BF1202 KIC9421F M5R13ZLJ 12018 P6SMB27A ASRD740 BA1405P
Product Description
Full Text Search
 

To Download P4KE11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
P4KE6.8 --- P4KE440CA
BREAKDOWN VOLTAGE: 6.8 --- 440 V PEAK PULSE POWER: 400 W
TRANSIENT VOLTAGE SUPPRESSOR
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Glass passivated junction 400W peak pulse power capability with a 10/1000s waveform, repetition rate (duty cycle): 0.01% Excellent clamping capability Fast response time: typically less than 1.0ps from 0 Volts to V(BR) for uni-directional and 5.0ns for bi-directional types Devices with V(BR) 10V ID are typically ID less than 1.0 A High temperature soldering guaranteed:265 / 10 seconds, 0.375"(9.5mm) lead length, 5 lbs. (2.3kg) tension
DO - 41
MECHANICAL DATA
Case:JEDEC DO-41, molded plastic body over passivated junction Terminals: Axial leads, solderable per MIL-STD-750, method 2026 Polarity: Foruni-directional types the color band denotes the cathode, which is postitive with respect to the anode under normal TVS operation Weight: 0.012 ounces, 0.34 grams Mounting position: Any
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bi-directional use C or CA suffix for types P4KE 7.5 thru types P4KE 440 (e.g. P4KE 7.5CA, P4KE 440CA). Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
SYMBOL
Peak Power Dissipation with a 10/1000s waveform (NOTE 1, FIG.1) Peak Pulse Current with a 10/1000s waveform (NOTE 1) Steady State Power Dissipation at TL=75 fffffLead Lengths 0.375"(9.5mm) (NOTE 2) Peak Forward Surge Current, 8.3ms Single half ffffSine-Wave Superimposed on Rated Load (JEDEC Method) (NOTE 3) Maximum Instantaneous Forward Voltage at 25A for unidirectional only (NOTE 4) Operating Junction and Storage Temperature Range
VALUE
Minimum 400 See table 1 1.0 40.0 3.5/5.0 -50---+175
UNIT
W A W A V
PPPM IPPM PM(AV) IFSM VF TJ, TSTG
NOTES: (1) Non-repetitive current pules, per Fig. 3 and derated above TA=25 per Fig. 2 (2) Mounted on copper pad area of 1.6" x 1.6"(40 x40mm2) per Fig. 5 (3) Measured of 8.3ms single half sine-wave or equare wave, duty cycle=4 pulses per minute maximum (4) VF=3.5 Volt max. for devices of V(BR) 220V, and VF=5.0 Volt max. for devices of V(BR) >220V
www.galaxycn.com
Document Number 0285001
BLGALAXY ELECTRICAL
1.
ELECTRICAL CHARACTERIS TICS a t(T A = 25
Breakdow n v oltage V (BR ) (V )(NOTE1) Min P4KE 6.8 P4KE 6.8A P4KE 7.5 P4KE 7.5A P4KE 8.2 P4KE 8.2A P4KE 9.1 P4KE 9.1A P4KE 10 P4KE 10A P4KE 11 P4KE 11A P4KE 12 P4KE 12A P4KE 13 P4KE 13A P4KE 15 P4KE 15A P4KE 16 P4KE 16A P4KE 18 P4KE 18A P4KE 20 P4KE 20A P4KE 22 P4KE 22A P4KE 24 P4KE 24A P4KE 27 P4KE 27A P4KE 30 P4KE 30A P4KE 33 P4KE 33A P4KE 36 P4KE 36A P4KE 39 P4KE 39A P4KE 43 P4KE 43A P4KE 47 P4KE 47A P4KE 51 P4KE 51A P4KE 56 P4KE 56A 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2 Ma x 7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8 Tes t current at IT (mA ) 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
unle ss othe rw ise note d)
Max imum peak puls e IPPM (N OT E2) (A ) 37.0 38.1 34.2 35.4 32.0 33.1 29.0 29.9 26.7 27.6 24.7 25.6 23.1 24.0 21.1 22.0 18.2 18.9 17.0 17.8 15.1 15.9 13.7 14.4 12.5 13.1 11.5 12.0 10.2 10.7 9.2 9.7 8.4 8.8 7.7 8.0 7.1 7.4 6.5 6.7 5.9 6.2 5.4 5.7 5.0 5.2 Max imum clamping v oltage at IPPM V C (V ) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0
TABLE 1
Max imum temperature coef f ic ient of V (BR ) (% / ) 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.076 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103
Dev ic e ty pe
Max imum Stand-of f rev ers e v oltage leakge VWM at V W M (V ) ID (N OT E3)( A ) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8 1000 1000 500 500 200 200 50 50 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
www.galaxycn.com
Document Number 0285001
BLGALAXY ELECTRICAL
2.
ELECTRICAL CHARACTERISTICS at(TA=25
Breakdow n voltage V(BR) (V)(NOTE1) Min P4KE 62 P4KE 62A P4KE 68 P4KE 68A P4KE 75 P4KE 75A P4KE 82 P4KE 82A P4KE 91 P4KE 91A P4KE 100 P4KE 100A P4KE 110 P4KE 110A P4KE 120 P4KE 120A P4KE 130 P4KE 130A P4KE 150 P4KE 150A P4KE 160 P4KE 160A P4KE 170 P4KE 170A P4KE 180 P4KE 180A P4KE 200 P4KE 200A P4KE 220 P4KE 220A P4KE 250 P4KE 250A P4KE 300 P4KE 300A P4KE 350 P4KE 350A P4KE 400 P4KE 400A P4KE 440 P4KE 440A 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 105 108 114 117 124 135 143 144 152 153 162 162 171 180 190 198 209 225 237 270 285 315 332 360 380 396 418 Max 68.8 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 158 176 168 187 179 198 189 220 210 242 231 275 267 330 315 385 368 440 420 484 462
unless otherwise noted)
Maximum reverse leakge at V WM ID (NOTE3)(A) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum peak pulse IPPM(NOTE2) (A) 4.5 4.7 4.1 4.3 3.7 3.9 3.4 3.5 3.1 3.2 2.8 2.9 2.5 2.6 2.3 2.4 2.1 2.2 1.9 1.9 1.7 1.8 1.6 1.7 1.6 1.6 1.4 1.5 1.2 1.2 1.1 1.2 0.93 1.0 0.79 0.83 0.70 0.73 0.63 0.66
TABLE 1(Cont' d)
Maximum clamping voltage at IPPM VC(V) 89.0 85.0 98.0 92.0 108 103 118 113 131 125 144 137 158 152 173 165 187 179 215 207 230 219 244 234 258 246 287 274 344 328 360 344 430 414 504 482 574 548 631 602 Maximum temperature coeff icient of V(BR) (%/ ) 0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110
www.galaxycn.com
Device type
Test Stand-off current voltage at IT VWM (mA) (V) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102 105 111 121 128 130 136 138 145 146 154 162 171 175 185 202 214 243 256 284 300 324 342 356 376
NOTE: (1) V(BR) measured af ter IT applied for 300
s, IT=square w ave pulse or equivalent
(2) Surge current w avef orm per Fig. 3 and derated Fig. 2 (3) For bidirectional types having VWM of 10 volts and less, the ID limit is doubled (4) All terms and symbols are consistent w ith ANSI/IEEE C62.35
Document Number 0285001
BLGALAXY ELECTRICAL
3.
RATINGS AND CHARACTERISTIC CURVES
PEAK PULSE POWER (PPP) OR CURRENT
P4KE6.8 -- P4KE440CA
FIG.2 -- PULSE DERATING CURVE
DERATING IN PERCENTAGE, %
100
FIG.1 -- PEAK PULSE POWER RATING CURVE
PPPM, PEAK PULSE POWER, KW
100 NON-REPETITIVE PULSE WAVEFORM SHOWN if FIG.3 TA=25ae 10
75
50
1.0
25
0.1 0.1s
1.0s
10s
100s
1ms
10ms
(IPPM)
tol, PULSE WIDTH, SEC.
0
0
25
50
75
100
125
150
175
200
FIG.3 -- PULSE WAVEFORM
150
TA, AMBIENT TEMPERATURE. ae
IPPM, PEAK PULSE CURRENT, %
tr=10 s PEAK VALUE IPPM
PULES WIDTH (td) is DEFINDE as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPPM
FIG.4 -- TYPICAL JUNCTION CAPACITANCE H HHHHHHHH HUNIDIRECTIONAL
100
100.000
HALF VALUE - IPPM 2
50
10/1000 s WAVEFORM as DEFINDE by R.E.A.
CJ, JUNCTION CAPACITANCE, Pf
TJ=25ae f=1.0MHZ Vsig=50mVp-p
10.000
td
0
MEASURED at ZEROBIAS
0
1.0
t, TIME, ms
2.0
3.0
4.0
FIG.5 -- STEADY STATE POWER DERATING CURVE
PM(AV), STRADY STATE POWER
1.00
1000
L=0.375"(9.5mm) LEAD LENGTHS
DISSIPATION, W
0.75
60 HZ RESISTIVEOR INDUCTIVE LOAD
MEASURED at STAND-OFF VOLTAGE, VWM
10 1.0
10
100
200
0.50
0.25
1.6 x 1.6 x .040" (40 x 40 x 1mm.) COPPER HEAT SINKS
V(BR), BREAKDOWN VOLTAGE, V
0
0
25
50
75
100
125
150
175
200
TL, LEAD TEMPERATURE, ae
ID, INSTANTANEOUS REVERSE
IFSM, PEAK FORWARD SURGE
FIG.7 -- TYPICAL REVERSE LEAKAGE JJJJJJJJJJJJJJJJJJCHARACTERISTICS
100
FIG.6 -- MAXIMUN NON-REPETITIVE FORWARD HHHH HSURGE CURRENT UNIDIRECTIONAL ONLY
50
LEAKAGE CURRENT, mA
10
MEASURED ATDEVICES STAND-OFF VOLTAGE, VWM
CURRENT, A
40 30
TJ=TJ max. 8.3ms SINGLE HALF SINE-MAVE (JEDEC METHOD)
1
TA=25ae
20
0.1
10
0.01 0
100
200
300
400
500
0
1
10
100
V(BR), BREAKDOWN VOLTAGE, V
NUMBER OF CYCLES AT 60 Hz
www.galaxycn.com
Document Number 0285001
BLGALAXY ELECTRICAL
4.


▲Up To Search▲   

 
Price & Availability of P4KE11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X