Part Number Hot Search : 
242003B HD61200 CY22391 SI851X EE320 ATMEGA MAZ3027 XR1015CN
Product Description
Full Text Search
 

To Download OTS-1DVI2A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optiva Standard, DVI/VGA/RGBHV
(R)
OTS-1DVI2A
DVI (Single-Link & Dual-Link), Analog VGA, RGB-HV and Analog Audio transport over a single fiber, single wavelength Opticomm's OTS-1DVI2A is the perfect solution for transmitting the full range of VESA and SMPTE compliant video resolutions over long or short distances with a single wavelength. Other systems simply do not offer as wide of a range of signals and resolutions over a single wavelength. This single fiber, single wavelength solution is perfect for any professional audio/visual application such as remote digital theaters, video conferencing, concerts and other similar applications like electronic billboards and sports arena screens. In addition to DVI, VGA and RGB-HV transmission, Stereo Audio is also supported on the same fiber. Optiva(R) was designed to maintain a quality uncompressed signal and as always, the resolution you input is the resolution that we output. The OTS-1DVI2A lets you input DVI and output VGA or vice-versa, the choice is yours! Switching and multicasting the OTS-1DVI2A over the OptiLinx(R) Switching Platform is quick and simple, making this solution perfect for large-screen, high-resolution digital presentations allocating only one fiber to each display. System Design The OTS-1DVI2A comes in a standard Optiva insert card form factor (See pg. 2 for dimensions). These cards fit easily into our 3RU rack mount enclosure or stand alone desktop enclosures. The desktop enclosures can hold 1, 2 or 4 cards, creating compact, mountable, stand-alone systems, while the rack-mount enclosure can accommodate up to 16 insert cards.
(R)
Video In
Video Out
Video
Audio In
Audio Out
Audio
Mini DIN ST, LC, SC or FC
Mini DIN ST, LC, SC or FC
Data
OTS-1DVIT2AT
OTS-1DVIR2AR
Features * Optiva(R) patent-pending Daisy-ChainTM Technology * Multimode or singlemode options (up to 70 km over one fiber) * Supports DVI resolutions up to 2048x1536 * Supports VGA resolutions up to 2048x1536 * Supports component video up to 1080p * H & V Sync Frequency range of 60 to 85 Hz (vertical) * Uses all-digital processing for crystal clear picture with no compression * Real-time video transmission for exceptional quality and resolution * Standard DVI-I video connector with HD-15 adapter is included for RGB/VGA interface * 1RU rack-mount version also available
The use of separate enclosures allows for future flexibility and expansion as all cards are hotswappable and can be used in any enclosure. Each one of our card housing units operate with an appropriate power supply.
Models Available
Wavelength (nm) & Fiber Transmit* Receive* Data Rate (Gb/s) Optical Connector Optical Budget (dB) Range** (km) Form Factor
850 Multimode 1310 Multimode 1310 Singlemode 1310 Singlemode (D) 1550 Singlemode 1550 Singlemode (D) 1270-1610 SM (CWDM)
OTS-1DVIT2AT-C0-XX-IC OTS-1DVIT2AT-C1-XX-IC OTS-1DVIT2AT-C2-XX-IC OTS-1DVIT2AT-C2D-XX-IC OTS-1DVIT2AT-C3-XX-IC OTS-1DVIT2AT-C3D-XX-IC OTS-1DVIT2AT-C4-XX-IC
OTS-1DVIR2AR-C0-XX-IC OTS-1DVIR2AR-C1-XX-IC OTS-1DVIR2AR-C2-XX-IC OTS-1DVIR2AR-C2D-XX-IC OTS-1DVIR2AR-C3-XX-IC OTS-1DVIR2AR-C3D-XX-IC OTS-1DVIR2AR-C4-XX-IC
3.125 3.125 3.125 3.125 3.125 3.125 3.125
ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC ST, FC, LC or SC
5 7 7 12 17 25 Varies
0.5 1.5 10 20 40 60 20-70
IC (1-slot) IC (1-slot) IC (1-slot) IC (1-slot) IC (1-slot) IC (1-slot) IC (1-slot)
* XX indicates the type of optical connector. Each of ST, FC, LC or SC are available. ** Chromatic dispersion and additional losses should be taken into account.
800-867-8426 * info@opticomm.com * www.opticomm.com * Contact Opticomm for custom requirements.
RGB/VGA/DVI
Video Resolutions Supported*
OptivaTM Multi-Signal OptivaTM Configurable Transmission Platform Communication Platform Network Management Network Management SDI andHD-SDI SDI & HD-SDI Composite Video, Composite Video, Audio & Data Audio & Data Audio/FSK/Intercom RGB/VGA/DVI RGB/VGA/DVI Audio/FSK/Intercom Data (Ethernet/Serial/USB) Data (Ethernet/Serial/USB) CATV/RF & L-Band CATV/RF & L-Band Optical Switching, Routing Optical Switching, Routing & Redundancy & Redundancy Passive Multiplexing Passive Multiplexing Solutions Solutions Enclosures, Racks Enclosures, Racks & Frames & Frames
Video Resolutions Connector Color Depth Audio Channels Audio In/Out Impedance Audio In/Out Level Frequency Response Signal to Noise Ratio Total Harmonic Distortion Connector Type General Dimensions & Weight Operating Temperature Storage Temperature Humidity Power Consumption Local Monitoring Remote Monitoring & Control See chart above DVI-I (DVI to VGA adapter included) 24-Bit
Power Supplies Power Supplies andAccessories & Accessories
24-Bit Stereo Audio 47k Ohm Unbalanced or 600 Ohm Balanced 6 dBm (differential) single-ended; 2.5V p-p 20 Hz to 20 KHz (0.1 dB) > 85 dB @ 1 kHz (weighted) < 0.1% @ 1 KHz 1/8" stereo headphone jack or 6-pin mini DIN (for differential)
Insert Card (IC): 6.3"L x 0.8"W x 4.0"H 0 C to +50 C -30 C to +85 C 0 to 95% non-condensing < 8W
11 oz.
MADE IN THE USA
Front panel LED status indicators and push buttons Compatible with OptivaViewTM SNMP Management Suite
Sample Configuration


▲Up To Search▲   

 
Price & Availability of OTS-1DVI2A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X