Part Number Hot Search : 
SMB3EZ11 D5N50 67728 BGF109L JHV3436 SMA36 ON2752 R1100
Product Description
Full Text Search
 

To Download OISS1310AL0311 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Mini Polarization Insensitive Fiber Isolator (Single Stage)
Mini OISS Series
Features * Super Compact Size * Low Insertion Loss * Low Insertion Loss Variation Over Wavelength * High Power Handling * Highly Stable & Reliable * Epoxy-Free Optical Path * 80 m Fiber Pigtail Option
Mini Polarization Insensitive Fiber Isolator (Single Stage)
Oplink's state of the art, mini polarization-insensitive isolators offer the smallest package size, 3.0x25mm, which saves 60% real estate comparing to standard isolators, with excellent performance such as super low insertion loss, low polarization dependent loss (PDL), low wavelength dependent loss (WDL), and high isolation. Low PMD version is also available. It also has a package option with 80mm reduced cladding fiber pigtail, which results in small bending radius and low bending losses. Oplink mini isolator can sustain high optical power due to its optical path epoxy-free packaging. It is qualified to Telcordia GR-1221 standards.
Applications * EDFA & Raman Amplifiers * Fiberoptic Instruments * Fiberoptic Network links * Transmitters and Fiber Lasers
Performance Specifications
Mini OISS Series P Grade A Grade Units
Operating Wavelength Range
1310 15 1480 15 1528 ~ 1564 or 1570 ~ 1605 0.35 22 0.1 55/50 0.05 0.25 0.40 21 0.1 55/50 0.10 0.25
nm
Insertion Loss Max. (over operating wavelength range,0~70C,all SOP) Isolation Min. (over operating wavelength range,0~70C,all SOP) Wavelength Dependent Loss Max. Return Loss ( Input / Output ) Polarization Dependent Loss (PDL) Max. Polarization Mode Dispersion (PMD) Max Maximum Power Handling Operating Temperature Storage Temperature Fiber Type
2 0 to +70 -40 to 85 SMF-28, 250m Bare Fiber PureMode RC SMF-28 80m P3: ()3.0 x (L)25
dB dB dB dB dB ps W C C
Oplink Fiber Optic Product Lines
Amplifier Components Amplifier Modules DW DMs Switching/Routing/ Monitoring/ Conditioning Transmission RGB Laser Modules
Package Dimension *
mm
Values are referenced without connector loss. * The mechanical tolerance should be +/- 0.2 mm on all package dimensions unless otherwise custom specified. For Low PMD version, the PMD (max.) spec is 0.05 ps, and insertion loss spec is 0.05dB higher
Oplink Communications, Inc.
Mini Polarization Insensitive Fiber Isolator (Single Stage)
Mechanical Footprint
Dimension (unit: mm)
(mm)
INPUT
L(mm)
OUTPUT
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200. OISS
0
3
Wavelength 1310 nm=1310 1480 nm=1480 1550 nm=1550 1585 nm=1585
Grade P Grade = P A Grade = A PMD Options Standard = S Low PMD = L
Package Type P3 = 3
Fiber Length 1.0 meter = 1 1.5 meter = 5 2.0 meter = 2 0.5 Meter = H
Fiber Type SMF-28 250 m =1 PureMode RC SMF-28 80m =8*
Note: *no connector options for PureMode RC SMF-28 80m fiber.
Connector Type None = 1 FC/PC=2 FC/SPC=3 FC/APC=4 SC/PC=5 SC/SPC=6 SC/APC=7 ST=8 LC=9 MU=A
46335 Landing Parkway Fremont, CA 94538 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com


▲Up To Search▲   

 
Price & Availability of OISS1310AL0311

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X