Part Number Hot Search : 
TA0422A MS7200L TB0900H PCF8574P D5NK4 SWS1000L GI911 TO247
Product Description
Full Text Search
 

To Download MWSW5150C5041 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AGILE OPTICAL SWITCHES
Wavelength Selective Switch (WSS) 5x1
Key Features
* 50 GHz 5x1 * Free space optics and MEMS technology * Equalize, attenuate, block, switch/route any or all wavelengths * Flat wide pass bands, low dispersion- cascadability * Colorless solution - Any wavelength/any port * Telcordia qualified * High volume manufacturing - Automated optics alignment and assembly (high throughput, multi-parameter optimization, high precision/repeatability, operator independent) - Fully automated test and calibration facility (auto data logging and monitoring, networked access to data and test status)
Applications
* CAPEX - eliminates O-E-O conversions * OPEX - remote planning and re-configuration * Faster time to revenue JDSU's Agile Optical Switch family provides the broadest portfolio of ROADM solutions designed to match the requirements of major market segments. They are the building blocks of Agile Optical Networks and provide the flexibility to remotely reconfigure any or all wavelengths, thereby reducing time-to-service, simplifying the network and streamlining planning and management. This results in significant Opex and Capex reductions and faster time to revenue. In addition, they enable the cost effective creation and deployment of more complex network architectures. The Wavelength Selective Switch is an N-port module composed of a hermetically sealed optics block and control electronics. The optics block is based on the highly successful free space optics platform developed for the Wavelength Blockers, hence maintaining a common platform solution while evolving to the WSS. The WSS is used to dynamically attenuate, block switch and route wavelengths independently. Any wavelength/wavelengths can be routed from any port/ports to any other port/ports in any order, resulting in a colorless solution, that is highly flexible and requires no pre-planning.
* Wavelength routing/grooming - Ring inter-connect and add/drop capability * Dynamic bandwidth management
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
WAVELENGTH SELECTIVE SWITCH (WSS) 5X1
2
Functional Diagram (This diagram shows the functionality of the Wavelength Selective Switch only. Diagram does not resemble actual device.)
Common Port 1 Port 2 Port 3 Port 4 Port 5
Wavelength Selective Switch
. . .
DPRAM Interface & RS232
Power Supply
Module Dimensions
(Specifications in mm unless otherwise noted. Fixed labels within 10 cm of connector tip.)
WAVELENGTH SELECTIVE SWITCH (WSS) 5X1
3
Specifications
Parameter Optical Frequency range Wavelength spacing Number of controllable channels Maximum input power at common Maximum input power single channel Passband Insertion loss Insertion loss ripple over 10 GHz passband over 10 GHz passband Isolation, over 10 GHz passband Attenuation range Attenuation resolution Group delay ripple (GDR) Extinction ratio (crosstalk), over 10 GHz stop band PDL
Condition
Minimum
Maximum
191.55 THz
12.5 GHz 0 to 10 dB 10.1 to 15 dB 35 dB 15 dB 0.1 dB 40 dB 25 dB -5C 5% RH -40C 5% RH
195.90 THz 50 GHz 96 24 dBm 13 dBm 6.6 dB 0.3 dB 0.5 dB 2 ps 0.5 dB 0.8 dB 0.5 ps 70C 85% RH 70C 95% RH
95% confidence, within 11 GHz of ITU
0 to 10 dB attenuation 10.1 to 15 dB attenuation Polarization mode dispersion (PMD) 95% confidence, within 11 GHz of ITU Return loss (at common) Including connectors Environmental and Operational Operating case temperature Operating humidity Storage temperature Storage humidity Mechanical and Fiber Labeling Module dimensions (W x D x H) Entire module Fiber type All ports Fiber length Optical connector All ports Electrical interface Connector labeling Input ports Output ports Electrical Supply voltage A 3.3 V 5% Supply voltage B 15 VA 5%
230 x 150 x 50 mm 900 m tight buffer SMF-28 1.00.2 m LC DPRAM & RS232 Port 1, port 2, port 3, port 4, port 5 Common 0.35 A1 0.40 A
Note: Parameters are specified for start of life, over passband, over all channels, over operating temperature, attenuation range, and all polarization states unless stated otherwise. Specifications are subject to change during the development cycle of the product. 1. Suggested minimal wattage of 3.3 V power supply is 2 W in order to deal with startup current transient.
WAVELENGTH SELECTIVE SWITCH (WSS) 5X1
4
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com.
Sample: MWSW5150C5041
Product Code MWSW5150C5041
Description Wavelength Selective Switch 5x1
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. (c)2006 JDS Uniphase Corporation. All rights reserved. 10143154 Rev. 001 02/06 WSS5X1.DS.CMS.AE
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com


▲Up To Search▲   

 
Price & Availability of MWSW5150C5041

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X