Part Number Hot Search : 
LV160T 32S030 MGB47D CRT3180 92B0502 1C101 TOP233 LM290
Product Description
Full Text Search
 

To Download MWDMGFTTXH0111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Green FTTX 1310/1490/1550 WDM (1x2)
MWDMGFTTX Series
Product Description
Oplink's FTTX 1310/1490/1550 WDM is based on patented athermal platform for optical device. This multiplexer features ultra low insertion loss, super thermal stability, and unparallel reliability. The technology is a lead-free packaging platform and no epoxy in the optical path. Green OADM is Telcordia GR-1221and GR-1209 tested, qualified for uncontrolled environment applications and complied with industry green initiatives such as Rohs and WEEE.
Performance Specificationns
MWDMGFTTX Series Min Typical Max Unit
Features
Pass Channel Wavelength Range P Reflection Channel Wavelength Range R Pass Channel Insertion Loss * Reflect Channel
Standard High Isolation
1260 ~ 1360, 1480 ~ 1500 1550 ~ 1560 0.7 0.5 0.7 40 30 45 0.20 0.20 0.5 50 50 300 Corning SMF-28 0 to +70 -40 to +85 0.80 0.60 0.80
nm nm dB dB dB dB dB ps dB dB dB mW C C mm
Environmental Green Plan Compliance Ultra-low Insertion Loss Narrow Down Distribution Super Thermal Stability High Channel Isolation High Reliability Epoxy-free Optical Path
Add/Drop @ R Isolation Express @ P
Standard High Isolation
Polarization Dependent Loss Polarization Mode Dispersion Pass Channel Ripple Directivity Return Loss Operating Power Fiber Type Operating Temperature Storage Temperature Package Dimensions
**
Applications
WDM System for Metro/Access Market FTTX Application
250 m Bare Fiber 900 m Loose Tube
P1: (o) 5.5 x (L) 34.0 P2: (o) 5.5 x (L) 40.0
Note: * Values are referenced without connector loss. ** The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom specified. *** The maximum IL is under all states of polarization and within the full operating temperature and wavelength ranges specified.
R05.20081117
Green FTTX 1310/1490/1550 WDM (1X2)
MWDMGFTTX Series
Mechanical Drawing / Package Dimensions (dimension in mm)
P1: 250 m bare fiber
P2: 900 m loose tube
46335 Landing Pkwy Fremont, CA 94538 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com * www.oplink.com
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200.
MWDMG
F
T
T
X
0
Isolation Grade
High isolation = H Standard = S
Fiber Length*
0.5 meter = H 1.0 meter = 1 1.5 meters = 5 2.0 meters = 2
Connector Type
None = 1 FC/PC = 2 FC/SPC = 3 FC/APC = 4 SC/PC = 5 SC/SPC = 6 SC/APC = 7 ST = 8 LC = 9 MU = A
Package & Fiber Jacket
P1 + 250 m bare fiber = 11 P2 + 900 m loose tube = 22
* The tolerance of fiber length is +/-0.1m. 1 meter is standard. The lead-time for special fiber length will be longer.
R05.20081117
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules


▲Up To Search▲   

 
Price & Availability of MWDMGFTTXH0111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X