Part Number Hot Search : 
ZTTMX 1078M 200BZ WSD751B 40D951K 5ETTTS MURS160 HT46R0
Product Description
Full Text Search
 

To Download MS3V-T1R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MS3V-T1R
M I C R O C R Y S TA L S W I T Z E R L A N D
Tuning Fork Crystal 30 kHz - 200 kHz
DIMENSIONS
Package: Recommended Solder Pad:
6,7 5,2
1,4
2,4 1,5
3,8
1,1 0,6
1,5
0,3 0,6
max.1,48
RoHS - compliant
0,5
All dimensions in mm typical
Miniature SMT package Package height 1.48 mm max. Compatible solder pad layout with plastic molded crystal packages Industrial temp. range Very price competitive Low aging Low power consumption High shock and vibration resistance
DESCRIPTION: The MS3V-T1R is a miniature square-bodied 1.4 x 1.4 x 5 mm metal-can package with formed leads, intended for surface mounting and reflow soldering. Within the package is a high-quality tuning fork quartz crystal resonator, manufactured with a precision high-volume photolithographic process and operating in the fundamental mode. Due to highly automated, large-volume production, the MS3V-T1R is very price competitive and ideal for any consumer and industrial applications. For pick-and-place equipment, the crystals are supplied in 16 mm tape: 13" (330 mm) reel with 9'000 crystals
ELECTRICAL CHARACTERISTICS AT 25oC:
Frequency Range Load capacitance Frequency tolerance Drive level max. Insulation resistance min. Aging first year max.
1)
o0,20 1,0
FL CL F/F
2)
30-200 7.0 / 9.0 / 12.5 +/-20 +/-30 +/-100 1.0 500 +/-3
kHz pF ppm ppm ppm W M ppm
F/F F/F P Ri F/F
Frequency Example
3)
FL RS C1 C0 T0 F/F0
32.768 50 / 65 2.1 0.9 25 +/-5 -0.035
75.000 19 / 30 1.45 0.9 22 +/-5
ppm/ C (T
76.800 18 / 30 1.35 0.9 22 +/-5 )2
kHz k fF pF C ppm
Series resistance typ./max. Motional capacitance typ. Static capacitance typ. Turnover temperature Frequency vs. temperature
- T0 +/-10%
1) For standard and other load capacitances consult factory. 2) Tighter and wider frequency tolerances on request. 3) Values for other frequencies consult factory.
Version 3.0/03.2007
STANDARD FREQUENCIES: 32.768 38.400
Frequency kHz 75.000 76.800 77.500 Other frequencies on request
ENVIRONMENTAL CHARACTERISTICS: Storage temp. range Operating temp. range Shock resistance Vibration resistance F/F F/F Conditions -55 to +85C -40 to +85C 5000 g, 0.3 ms, 1/2 sine 20 g / 10-2000 Hz +/-5 ppm +/-5 ppm Max. Dev.
TERMINATIONS AND PROCESSING:
Type
Termination Can: Leads: Au flashed Formed leads Au flashed
Processing For SMD mounting Reflow soldering 260C / 20 sec. max
MS3V-T1R
PART NUMBER/ ORDERING INFORMATION EXAMPLE: Crystal package M = Metal package Package form S = Square
MS 3 V-T 1 R
32.768 kHz 12.5 pF +/-30 ppm Frequency tolerance Load capacitance CL Frequency FL Package lead form R = SMD spacing 1.0 mm Lead plating 1 = Au flashed leads Package type T = For SMD mounting
03.07
Package size 3 = 1.4 x 1.4 x 5.0 mm Blank V = Tuning fork
All specifications subject to change without notice.
M I C R O C R Y S TA L S W I T Z E R L A N D
Micro Crystal Div. of ETA SA Muhlestrasse 14 CH-2540 Grenchen Switzerland
Tel. +41 32 655 82 82 Fax +41 32 655 82 83 sales@microcrystal.ch www.microcrystal.com
Version 3.0/03.2007


▲Up To Search▲   

 
Price & Availability of MS3V-T1R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X