Part Number Hot Search : 
10101 C6204A39 30000 SSU2N80A A1206 ERJ2GE01 TC809XBH 6F15TR
Product Description
Full Text Search
 

To Download MQFL-270-15S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MQFL-270-15S Single Output
HIGH RELIABILITY DC-DC CONVERTER
155-400 V
Continuous Input
155-475 V
Transient Input
15.0 V
Output
8A
Output
TO
86% @ 4A / 88% @ 8A
Efficiency
FULL POWER OPERATION: -55C The MilQor(R) series of high-reliability DC-DC converters brings SynQor's field proven high-efficiency synchronous rectifier technology to the Military/Aerospace industry. SynQor's innovative QorSealTM packaging approach ensures survivability in the most hostile environments. Compatible with the industry standard format, these converters operate at a fixed frequency, have no opto-isolators, and follow conservative component derating guidelines. They are designed and manufactured to comply with a wide range of military standards.
Design Process
MQFL series converters are: * Designed for reliability per NAVSO-P3641-A guidelines * Designed with components derated per: -- MIL-HDBK-1547A -- NAVSO P-3641A
+125C
R RTE A 8 NVE CO out @ V /DC DC in 15 V 270
MQ
FL-
-1 270
5S-
B Y-H
DESIGNED & MANUFACTURED IN THE USA FEATURING QORSEALTM HI-REL ASSEMBLY
Features
* * * * * * * Fixed switching frequency No opto-isolators Parallel operation with current share Remote sense Clock synchronization Primary and secondary referenced enable Continuous short circuit and overload protection with auto-restart feature * Input under-voltage lockout/over-voltage shutdown
Qualification Process
MQFL series converters are qualified to: * MIL-STD-810F -- consistent with RTCA/D0-160E * SynQor's First Article Qualification -- consistent with MIL-STD-883F * SynQor's Long-Term Storage Survivability Qualification * SynQor's on-going life test
Specification Compliance In-Line Manufacturing Process
* * * * * * AS9100 and ISO 9001:2000 certified facility Full component traceability Temperature cycling Constant acceleration 24, 96, 160 hour burn-in Three level temperature screening
Phone 1-888-567-9596
MQFL series converters (with MQME filter) are designed to meet: * MIL-HDBK-704-8 (A through F) * RTCA/DO-160E Section 16 * MIL-STD-1275B * DEF-STAN 61-5 (part 6)/5 * MIL-STD-461 (C, D, E) * RTCA/DO-160E Section 22
www.synqor.com Doc.# 005-0005056 Rev. A 05/29/09 Page 1
Product # MQFL-270-15S
Technical Specification
BLOCK DIAGRAM
MQFL-270-15S Output: 15 V Current: 8 A
REGULATION STAGE
1
Vin
CURRENT SENSE T1
ISOLATION STAGE
7
+Vout T1 T2
2
INPUT RETURN
8
OUTPUT RETURN
3
CASE GATE DRIVERS
T2
GATE DRIVERS UVLO OVSD CURRENT LIMIT PRIMARY CONTROL
4
ENABLE 1
5
SYNC OUT
MAGNETIC
12
ENABLE 2
6
SYNC IN
DATA COUPLING
11
SECONDARY CONTROL SHARE
BIAS POWER
10
+ SENSE
CONTROL POWER
TRANSFORMER
9
- SENSE
TYPICAL CONNECTION DIAGRAM
1 2 3 270Vdc + -
open means on
+VIN IN RTN CASE ENA 1 SYNC OUT SYNC IN
ENA 2 SHARE
12 11 10 9 8 7
open means on
4 5 6
MQFL
+ SNS - SNS OUT RTN +VOUT
+ Load -
Product # MQFL-270-15S
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005056 Rev. A
05/29/09
Page 2
Technical Specification
MQFL-270-15S ELECTRICAL CHARACTERISTICS
Parameter
ABSOLUTE MAXIMUM RATINGS Input Voltage Non-Operating Operating Reverse Bias (Tcase = 125C) Reverse Bias (Tcase = -55C) Isolation Voltage (I/O to case, I to O) Continuous Transient (100 s) Operating Case Temperature Storage Case Temperature Lead Temperature (20 s) Voltage at ENA1, ENA2 INPUT CHARACTERISTICS Operating Input Voltage Range " Input Under-Voltage Lockout Turn-On Voltage Threshold Turn-Off Voltage Threshold Lockout Voltage Hysteresis Input Over-Voltage Shutdown Turn-Off Voltage Threshold Turn-On Voltage Threshold Shutdown Voltage Hysteresis Maximum Input Current No Load Input Current (operating) Disabled Input Current (ENA1) Disabled Input Current (ENA2) Input Terminal Current Ripple (pk-pk) OUTPUT CHARACTERISTICS Output Voltage Set Point (Tcase = 25C) Vout Set Point Over Temperature Output Voltage Line Regulation Output Voltage Load Regulation Total Output Voltage Range Vout Ripple and Noise Peak to Peak Operating Output Current Range Operating Output Power Range Output DC Current-Limit Inception Short Circuit Output Current Back-Drive Current Limit while Enabled Back-Drive Current Limit while Disabled Maximum Output Capacitance DYNAMIC CHARACTERISTICS Output Voltage Deviation Load Transient For a Pos. Step Change in Load Current For a Neg. Step Change in Load Current Settling Time (either case) Output Voltage Deviation Line Transient For a Pos. Step Change in Line Voltage For a Neg. Step Change in Line Voltage Settling Time (either case) Turn-On Transient Output Voltage Rise Time Output Voltage Overshoot Turn-On Delay, Rising Vin Turn-On Delay, Rising ENA1 Turn-On Delay, Rising ENA2 EFFICIENCY Iout = 8 A (155 Vin) Iout = 4 A (155 Vin) Iout = 8 A (270 Vin) Iout = 4 A (270 Vin) Iout = 8 A (400 Vin) Iout = 4 A (400 Vin) Load Fault Power Dissipation Short Circuit Power Dissipation
Product # MQFL-270-15S
MQFL-270-15S Output: 15 V Current: 8 A
Min. Typ. Max. Units Notes & Conditions
Vin=270 V dc 5%, Iout=8 A, CL=0 F, free running (see Note 10) unless otherwise specified
Group A Subgroup
(see Note 13)
600 550 -0.8 -1.2 -500 -800 -55 -65 -1.2 155 155 142 133 5 490 450 20 270 270 150 140 11 520 475 50 28 1 6 140 14.85 14.78 -20 65 14.70 0 0 8.1 8.8 15.00 15.00 75 15.00 35 9.5 9.8 2.4 10 500 800 125 135 300 50 400 475 155 145 17 550 500 80 1 37 4 11 180 15.15 15.22 20 85 15.30 75 8 120 10.5 10.8 75 3,000
V V V V A V C C C V V V V V V V V V A mA mA mA mA V V mV mV V mV A W A A A mA F mV mV s mV mV s ms % ms ms ms % % % % % % W W
See Note 1
See Note 2
Continuous Transient, 1 s See Note 3
1, 2, 3 4, 5, 6 1, 2, 3 1, 2, 3 1, 2, 3 1, 1, 1, 1, 1, 1, 1, 1, 2, 2, 2, 2, 2, 2, 2, 2, 3 3 3 3 3 3 3 3
See Note 3
Vin = 155 V; Iout = 8 A Vin = 155 V, 270 V, 475 V Vin = 155 V, 270 V, 475 V Bandwidth = 100 kHz - 10 MHz; see Figure 14 Vout at sense leads " " ; Vin = 155 V, 270 V, 475 V; Iout=8 A " ; Vout @ (Iout=0 A) - Vout @ (Iout=8 A) " Bandwidth = 10 MHz; CL=11F See Note 4 Vout 1.2 V; see Note 15
1 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 See Note 5 1, 2, 3 1, 2, 3 See Note 5 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 See Note 5 4, 5, 6 See Note 5 4, 5, 6 4, 5, 6 4, 5, 6 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 See Note 5
Page 3
-1200
-600 600 200
1200 500 1200 2400 600 10 2 120 10 4
-400 -1200
500 6 0 75 5 2 89 89 88 86 85 82 19 24
See Note 6 Total Iout step = 4A-8A, 0.8A-4A; CL=11F " See Note 7 Vin step = 155V-475V; CL=11 F; see Note 8 " " Iout = 4 A; See Note 7 Vout = 1.5V-13.5V ENA1, ENA2 = 5 V; see Notes 9 & 11 ENA2 = 5 V; see Note 11 ENA1 = 5 V; see Note 11
50
85 83 82 80
36 40
Iout at current limit inception point; See Note 4 Vout 1.2 V; see Note 15
Doc.# 005-0005056 Rev. A 05/29/09
Phone 1-888-567-9596
www.synqor.com
Technical Specification
Parameter Min. Typ. Max. Units Notes & Conditions
MQFL-270-15S Output: 15 V Current: 8 A
MQFL-270-15S ELECTRICAL CHARACTERISTICS (Continued)
Vin=270 V dc 5%, Iout=8 A, CL=0 F, free running (see Note 10) unless otherwise specified
Group A Subgroup
(see Note 13)
ISOLATION CHARACTERISTICS Isolation Voltage Dielectric strength Input RTN to Output RTN 500 V Any Input Pin to Case 500 V Any Output Pin to Case 500 V Isolation Resistance (in rtn to out rtn) 100 M Isolation Resistance (any pin to case) 100 M Isolation Capacitance (in rtn to out rtn) 44 nF FEATURE CHARACTERISTICS Switching Frequency (free running) 500 550 600 kHz Synchronization Input Frequency Range 500 700 kHz Logic Level High 2.0 5.5 V Logic Level Low -0.5 0.8 V Duty Cycle 20 80 % Synchronization Output Pull Down Current 20 mA VSYNC OUT = 0.8 V Duty Cycle 25 80 % Output connected to SYNC IN of other MQFL unit Enable Control (ENA1 and ENA2) Off-State Voltage 0.8 V Module Off Pulldown Current 80 A Current drain required to ensure module is off On-State Voltage 2 V Module On Pin Leakage Current 20 A Imax draw from pin allowed with module still on Pull-Up Voltage 3.2 4.0 4.8 V See Figure A RELIABILITY CHARACTERISTICS Calculated MTBF (MIL-STD-217F2) GB @ Tcase = 70C 2600 103 Hrs. AIF @ Tcase = 70C 300 103 Hrs. Demonstrated MTBF TBD 103 Hrs. WEIGHT CHARACTERISTICS Device Weight 79 g Electrical Characteristics Notes 1. Converter will undergo input over-voltage shutdown. 2. Derate output power to 50% of rated power at Tcase = 135 C. 3. High or low state of input voltage must persist for about 200s to be acted on by the lockout or shutdown circuitry. 4. Current limit inception is defined as the point where the output voltage has dropped to 90% of its nominal value. 5. Parameter not tested but guaranteed to the limit specified. 6. Load current transition time 10 s. 7. Settling time measured from start of transient to the point where the output voltage has returned to 1% of its final value. 8. Line voltage transition time 250 s. 9. Input voltage rise time 250 s. 10. Operating the converter at a synchronization frequency above the free running frequency will slightly reduce the converter's efficiency and may also cause a slight reduction in the maximum output current/power available. For more information consult the factory. 11. After a disable or fault event, module is inhibited from restarting for 300 ms. See Shut Down section. 12. SHARE pin outputs a power failure warning pulse during a fault condition. See Current Share section. 13. Only the ES and HB grade products are tested at three temperatures. The C grade products are tested at one temperature. Please refer to the ESS table for details. 14. These derating curves apply for the ES- and HB- grade products. The C- grade product has a maximum case temperature of 100 C and a maximum junction temperature rise of 20 C above TCASE. 15. Converter delivers current into a persisting short circuit for up to 1 second. See Current Limit in the Application Notes section.
1 1 1 1 1 1 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 See Note 5 See Note 5 See Note 5 1, 2, 3 See Note 5 1, 2, 3 See Note 5 1, 2, 3
Product # MQFL-270-15S
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005056 Rev. A
05/29/09
Page 4
Technical Specification
100 95 90
100 95 90
MQFL-270-15S Output: 15 V Current: 8 A
Efficiency (%)
80 75 70 65 60 1 2 3 4 5 6 7 8 155 Vin 270 Vin 400 Vin
Efficiency (%)
85
85 80 75 70 65 60 -55C -35C -15C 5C 25C 45C 65C 85C 105C 125C 155 Vin 270 Vin 400 Vin
Load Current (A)
Case Temperature (C)
Figure 1: Efficiency at nominal output voltage vs. load current for minimum, nominal, and maximum input voltage at TCASE =25C.
Figure 2: Efficiency at nominal output voltage and 60% rated power vs. case temperature for input voltage of 155V, 270V, and 400V.
22 20 18
22 20 18
Power Dissipation (W)
14 12 10 8 6 4 2 0 1 2 3 4 5 6 7 8 155 Vin 270 Vin 400 Vin
Power Dissipation (W)
16
16 14 12 10 8 6 4 2 0 -55C -35C -15C 5C 25C 45C 65C 85C 105C 125C 155 Vin 270 Vin 400 Vin
Load Current (A)
Case Temperature (C)
Figure 3: Power dissipation at nominal output voltage vs. load current for minimum, nominal, and maximum input voltage at TCASE =25C.
Figure 4: Power dissipation at nominal output voltage and 60% rated power vs. case temperature for input voltage of 155V, 270V, and 400V.
32 12 28 10 24
8 20
160 180
160 140 140 120 120 100 100 80 80
16 14 12
Output Voltage (V)
6 16
Pout (W)
10 8 6 4 2 270 Vin 0 0 2 4 6 8 10 12
Iout (A)
12 4 8
2 4
60 60
Tjmax Tjmax = 105C Tjmax Tjmax = 125C Tjmax Tjmax = 145C
40 40 20 20
0 0 125 135 145 125 135 145
0 25 45
65 85 105
Case Temperature (C)
Load Current (A)
Figure 5: Output Current / Output Power derating curve as a function of TCASE and the Maximum desired power MOSFET junction temperature. Vin = 270V
Product # MQFL-270-15S Phone 1-888-567-9596
Figure 6: Output voltage vs. load current showing typical current limit curves. See Current Limit section in the Application Notes.
Doc.# 005-0005056 Rev. A 05/29/09 Page 5
www.synqor.com
Technical Specification
MQFL-270-15S Output: 15 V Current: 8 A
Figure 7: Turn-on transient at full resistive load and zero output capacitance initiated by ENA1. Input voltage pre-applied. Ch 1: Vout (5V/ div). Ch 2: ENA1 (5V/div).
Figure 8: Turn-on transient at full resistive load and 10 mF output capacitance initiated by ENA1. Input voltage pre-applied. Ch 1: Vout (5V/div). Ch 2: ENA1 (5V/div).
Figure 9: Turn-on transient at full resistive load and zero output capacitance initiated by ENA2. Input voltage pre-applied. Ch 1: Vout (5V/ div). Ch 2: ENA2 (5V/div).
Figure 10: Turn-on transient at full resistive load and zero output capacitance initiated by Vin. ENA1 and ENA2 both previously high. Ch 1: Vout (5V/div). Ch 2: Vin (100V/div).
Figure 11: Output voltage response to step-change in load current 50%100%-50% of Iout (max). Load cap: 1F ceramic cap and 10F, 100 mW ESR tantalum cap. Ch 1: Vout (1V/div). Ch 2: Iout (5A/div).
Product # MQFL-270-15S Phone 1-888-567-9596
Figure 12: Output voltage response to step-change in load current
0%-50%-0% of Iout (max). Load cap: 1F ceramic cap and 10F, 100 mW ESR tantalum cap. Ch 1: Vout (1V/div). Ch 2: Iout (5A/div).
Doc.# 005-0005056 Rev. A 05/29/09 Page 6
www.synqor.com
Technical Specification
MQFL-270-15S Output: 15 V Current: 8 A
See Fig. 15
See Fig. 16
MQME Filter VSOURCE
iC
MQFL Converter 1 F
VOUT
10 F,
ceramic 100 mW ESR capacitor capacitor
Figure 13: Output voltage response to step-change in input voltage (155 V
- 400 V - 155 V) in 250 S. Load cap: 10F, 100 m ESR tantalum cap and 1F ceramic cap. Ch 1: Vin (100V/div). Ch 4: Vout (1V/div).
Figure 14: Test set-up diagram showing measurement points for Input Terminal Ripple Current (Figure 15) and Output Voltage Ripple (Figure 16).
Figure 15: Input terminal current ripple, ic, at full rated output current and nominal input voltage with SynQor MQ filter module (50mA/div). Bandwidth: 20MHz. See Figure 14.
Figure 16: Output voltage ripple, Vout, at nominal input voltage and rated load current (20 mV/div). Load capacitance: 1F ceramic capacitor and 10F tantalum capacitor. Bandwidth: 10 MHz. See Figure 14.
Figure 17: Rise of output voltage after the removal of a short circuit across the output terminals. Ch 1: Vout (5V/div). Ch 2: Iout (5A/div).
Figure 18: SYNC OUT vs. time, driving SYNC IN of a second SynQor MQFL converter. Ch1: SYNC OUT: (1V/div).
Product # MQFL-270-15S
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005056 Rev. A
05/29/09
Page 7
Technical Specification
1 0 -10
MQFL-270-15S Output: 15 V Current: 8 A
Forward Transmission (dB)
Output Impedance (ohms)
-20 -30 -40 -50 -60 -70 -80 -90 -100 155 Vin 270 Vin 400 Vin 1,000 10,000 100,000
0.1
0.01 155 Vin 270 Vin 400 Vin 0.001 10 100 1,000 10,000 100,000
100
Hz
Hz
Figure 19: Magnitude of incremental output impedance (Zout = vout/ iout) for minimum, nominal, and maximum input voltage at full rated power.
5
Figure 20: Magnitude of incremental forward transmission (FT = vout/ vin) for minimum, nominal, and maximum input voltage at full rated power.
10000
-5
Reverse Transmission (dB)
-15
Input Impedance (ohms)
1000
-25
100
-35 155 Vin -45 270 Vin 400 Vin -55 10 100 1,000 10,000 100,000
10
155 Vin 270 Vin 400 Vin
1 10 100 1,000 10,000 100,000
Hz
Hz
Figure 21: Magnitude of incremental reverse transmission (RT = iin/ iout) for minimum, nominal, and maximum input voltage at full rated power.
110 100 90
Amplitude (in dBV)
Figure 22: Magnitude of incremental input impedance (Zin = vin/iin) for minimum, nominal, and maximum input voltage at full rated power.
110 100 Amplitude (in dBV) 90 80 70 60 50 40 30 20 10
80 70 60 50 40 30 20 10 0 10K
100K
Frequency (in Hz)
1M
10M
0 10K
100K
Frequency (in Hz)
1M
10M
Figure 23: High frequency conducted emissions of standalone MQFL270-05S, 5Vout module at 120W output, as measured with Method CE102. Limit line shown is the `Basic Curve' for all applications with a 270V source.
Product # MQFL-270-15S Phone 1-888-567-9596
Figure 24: High frequency conducted emissions of MQFL-270-05S, 5Vout module at 120W output with MQME-270-P filter, as measured with Method CE102. Limit line shown is the `Basic Curve' for all applications with a 270V source.
Doc.# 005-0005056 Rev. A 05/29/09 Page 8
www.synqor.com
Technical Specification
BASIC OPERATION AND FEATURES
The MQFL DC-DC converter uses a two-stage power conversion topology. The first, or regulation, stage is a buck-converter that keeps the output voltage constant over variations in line, load, and temperature. The second, or isolation, stage uses transformers to provide the functions of input/output isolation and voltage transformation to achieve the output voltage required. Both the regulation and the isolation stages switch at a fixed frequency for predictable EMI performance. The isolation stage switches at one half the frequency of the regulation stage, but due to the push-pull nature of this stage it creates a ripple at double its switching frequency. As a result, both the input and the output of the converter have a fundamental ripple frequency of about 550 kHz in the free-running mode. Rectification of the isolation stage's output is accomplished with synchronous rectifiers. These devices, which are MOSFETs with a very low resistance, dissipate far less energy than would Schottky diodes. This is the primary reason why the MQFL converters have such high efficiency, particularly at low output voltages. Besides improving efficiency, the synchronous rectifiers permit operation down to zero load current. There is no longer a need for a minimum load, as is typical for converters that use diodes for rectification. The synchronous rectifiers actually permit a negative load current to flow back into the converter's output terminals if the load is a source of short or long term energy. The MQFL converters employ a "back-drive current limit" to keep this negative output terminal current small. There is a control circuit on both the input and output sides of the MQFL converter that determines the conduction state of the power switches. These circuits communicate with each other across the isolation barrier through a magnetically coupled device. No opto-isolators are used. A separate bias supply provides power to both the input and output control circuits. An input under-voltage lockout feature with hysteresis is provided, as well as an input over-voltage shutdown. There is also an output current limit that is nearly constant as the load impedance decreases to a short circuit (i.e., there is no fold-back or foldforward characteristic to the output current under this condition). When a load fault is removed, the output voltage rises exponentially to its nominal value without an overshoot. The MQFL converter's control circuit does not implement an output over-voltage limit or an over-temperature shutdown. The following sections describe the use and operation of additional control features provided by the MQFL converter.
MQFL-270-15S Output: 15 V Current: 8 A
CONTROL FEATURES
ENABLE: The MQFL converter has two enable pins. Both must have a logic high level for the converter to be enabled. A logic low on either pin will inhibit the converter. The ENA1 pin (pin 4) is referenced with respect to the converter's input return (pin 2). The ENA2 pin (pin 12) is referenced with respect to the converter's output return (pin 8). This permits the converter to be inhibited from either the input or the output side. Regardless of which pin is used to inhibit the converter, the regulation and the isolation stages are turned off. However, when the converter is inhibited through the ENA1 pin, the bias supply is also turned off, whereas this supply remains on when the converter is inhibited through the ENA2 pin. A higher input standby current therefore results in the latter case. Both enable pins are internally pulled high so that an open connection on both pins will enable the converter. Figure A shows the equivalent circuit looking into either enable pins. It is TTL compatible.
5.0V
PIN 4 (or PIN 12)
1N4148 ENABLE
68K TO ENABLE CIRCUITRY 2N3904 125K
250K
PIN 2 (or PIN 8)
IN RTN
Figure A: Equivalent circuit looking into either the ENA1 or ENA2 pins with respect to its corresponding return pin.
SHUT DOWN: The MQFL converter will shut down in response to following conditions: - ENA1 input low - ENA2 input low - VIN input below under-voltage lockout threshold - VIN input above over-voltage shutdown threshold - Persistent current limit event lasting more than 1 second Following a shutdown from a disable event or an input voltage fault, there is a startup inhibit delay which will prevent the converter from restarting for approximately 300ms. After the 300ms delay elapses, if the enable inputs are high and the input voltage is within the operating range, the converter will restart. If the VIN input is brought down to nearly 0V and back into the operating range, there is no startup inhibit, and the output voltage will rise according to the "Turn-On Delay, Rising Vin" specification.
Doc.# 005-0005056 Rev. A 05/29/09 Page 9
Product # MQFL-270-15S
Phone 1-888-567-9596
www.synqor.com
Technical Specification
Refer to the following Current Limit section for details regarding persistent current limit behavior. REMOTE SENSE: The purpose of the remote sense pins is to correct for the voltage drop along the conductors that connect the converter's output to the load. To achieve this goal, a separate conductor should be used to connect the +SENSE pin (pin 10) directly to the positive terminal of the load, as shown in the connection diagram. Similarly, the -SENSE pin (pin 9) should be connected through a separate conductor to the return terminal of the load. NOTE: Even if remote sensing of the load voltage is not desired, the +SENSE and the -SENSE pins must be connected to +Vout (pin 7) and OUTPUT RETURN (pin 8), respectively, to get proper regulation of the converter's output. If they are left open, the converter will have an output voltage that is approximately 200mV higher than its specified value. If only the +SENSE pin is left open, the output voltage will be approximately 25mV too high. Inside the converter, +SENSE is connected to +Vout with a 100W resistor and -SENSE is connected to OUTPUT RETURN with a 10W resistor. It is also important to note that when remote sense is used, the voltage across the converter's output terminals (pins 7 and 8) will be higher than the converter's nominal output voltage due to resistive drops along the connecting wires. This higher voltage at the terminals produces a greater voltage stress on the converter's internal components and may cause the converter to fail to deliver the desired output voltage at the low end of the input voltage range at the higher end of the load current and temperature range. Please consult the factory for details. SYNCHRONIZATION: The MQFL converter's switching frequency can be synchronized to an external frequency source that is in the 500 kHz to 700 kHz range. A pulse train at the desired frequency should be applied to the SYNC IN pin (pin 6) with respect to the INPUT RETURN (pin 2). This pulse train should have a duty cycle in the 20% to 80% range. Its low value should be below 0.8V to be guaranteed to be interpreted as a logic low, and its high value should be above 2.0V to be guaranteed to be interpreted as a logic high. The transition time between the two states should be less than 300ns. If the MQFL converter is not to be synchronized, the SYNC IN pin should be left open circuit. The converter will then operate in its free-running mode at a frequency of approximately 550 kHz. If, due to a fault, the SYNC IN pin is held in either a logic low or logic high state continuously, the MQFL converter will revert to its free-running frequency. The MQFL converter also has a SYNC OUT pin (pin 5). This output can be used to drive the SYNC IN pins of as many as ten (10) other MQFL converters. The pulse train coming out of SYNC
Product # MQFL-270-15S Phone 1-888-567-9596
MQFL-270-15S Output: 15 V Current: 8 A
OUT has a duty cycle of 50% and a frequency that matches the switching frequency of the converter with which it is associated. This frequency is either the free-running frequency if there is no synchronization signal at the SYNC IN pin, or the synchronization frequency if there is. The SYNC OUT signal is available only when the DC input voltage is above approximately 125V and when the converter is not inhibited through the ENA1 pin. An inhibit through the ENA2 pin will not turn the SYNC OUT signal off. NOTE: An MQFL converter that has its SYNC IN pin driven by the SYNC OUT pin of a second MQFL converter will have its start of its switching cycle delayed approximately 180 degrees relative to that of the second converter. Figure B shows the equivalent circuit looking into the SYNC IN pin. Figure C shows the equivalent circuit looking into the SYNC OUT pin.
5V 5K PIN 6 SYNC IN PIN 2 IN RTN 5K TO SYNC CIRCUITRY
Figure B: Equivalent circuit looking into the SYNC IN pin with respect to the IN RTN (input return) pin.
5V 5K FROM SYNC CIRCUITRY SYNC OUT PIN 5
IN RTN
OPEN COLLECTOR OUTPUT
PIN 2
Figure C: Equivalent circuit looking into SYNC OUT pin with respect to the IN RTN (input return) pin.
CURRENT SHARE: When several MQFL converters are placed in parallel to achieve either a higher total load power or N+1 redundancy, their SHARE pins (pin 11) should be connected together. The voltage on this common SHARE node represents the average current delivered by all of the paralleled converters. Each converter monitors this average value and adjusts itself so that its output current closely matches that of the average.
Doc.# 005-0005056 Rev. A 05/29/09 Page 10
www.synqor.com
Technical Specification
Since the SHARE pin is monitored with respect to the OUTPUT RETURN (pin 8) by each converter, it is important to connect all of the converters' OUTPUT RETURN pins together through a low DC and AC impedance. When this is done correctly, the converters will deliver their appropriate fraction of the total load current to within +/- 10% at full rated load. Whether or not converters are paralleled, the voltage at the SHARE pin could be used to monitor the approximate average current delivered by the converter(s). A nominal voltage of 1.0V represents zero current and a nominal voltage of 2.2V represents the maximum rated total current, with a linear relationship in between. The internal source resistance of a converter's SHARE pin signal is 2.5 kW. During an input voltage fault or primary disable event, the SHARE pin outputs a power failure warning pulse. The SHARE pin will go to 3V for approximately 14ms as the output voltage falls. During a current limit auto-restart event, the SHARE pin outputs a startup synchronization pulse. The SHARE pin will go to 5V for approximately 2ms before the converter restarts. NOTE: Converters operating from separate input filters with reverse polarity protection (such as the MQME-270-R filter) with their outputs connected in parallel may exhibit auto-restart operation at light loads. Consult factory for details. OUTPUT VOLTAGE TRIM: If desired, it is possible to increase the MQFL converter's output voltage above its nominal value. To do this, use the +SENSE pin (pin 10) for this trim function instead of for its normal remote sense function, as shown in Figure D. In this case, a resistor connects the +SENSE pin to the -SENSE pin (which should still be connected to the output return, either remotely or locally). The value of the trim resistor should be chosen according to the following equation or from Figure E: Rtrim = 100 x
100,000.0
MQFL-270-15S Output: 15 V Current: 8 A
Trim Resistance (kOhms)
10,000.0
1,000.0
100.0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 1.6
Increase in Vout
Figure E: Output Voltage Trim Graph
where: Vnom = the converter's nominal output voltage, Vout = the desired output voltage (greater than Vnom), and Rtrim is in Ohms. As the output voltage is trimmed up, it produces a greater voltage stress on the converter's internal components and may cause the converter to fail to deliver the desired output voltage at the low end of the input voltage range at the higher end of the load current and temperature range. Please consult the factory for details. Factory trimmed converters are available by request. INPUT UNDER-VOLTAGE LOCKOUT: The MQFL converter has an under-voltage lockout feature that ensures the converter will be off if the input voltage is too low. The threshold of input voltage at which the converter will turn on is higher that the threshold at which it will turn off. In addition, the MQFL converter will not respond to a state of the input voltage unless it has remained in that state for more than about 200s. This hysteresis and the delay ensure proper operation when the source impedance is high or in a noisy environment.
[Vout
Vnom - Vnom - 0.025
]
1 2 3 270Vdc + -
open means on
+VIN IN RTN CASE ENA 1 SYNC OUT SYNC IN
ENA 2 SHARE
12 11 10 9 8 7 Load +
Rtrim
4 5 6
MQFL-270-15S
+ SNS - SNS OUT RTN +VOUT
-
Figure D: Typical connection for output voltage trimming.
Product # MQFL-270-15S Phone 1-888-567-9596 www.synqor.com Doc.# 005-0005056 Rev. A 05/29/09 Page 11
Technical Specification
INPUT OVER-VOLTAGE SHUTDOWN: The MQFL converter also has an over-voltage feature that ensures the converter will be off if the input voltage is too high. It also has a hysteresis and time delay to ensure proper operation. CURRENT LIMIT: The converter will reduce its output voltage in response to an overload condition. If the output voltage drops to below approximately 50% of the nominal setpoint for longer than 1 second, the auto-restart feature will engage. The auto-restart feature will stop the converter from delivering load current, in order to protect the converter and the load from thermal damage. After four seconds have elapsed, the converter will automatically restart. In a system with multiple converters configured for load sharing using the SHARE pin, if the auto-restart feature engages, the converters will synchronize their restart using signals communicated on the SHARE pin. BACK-DRIVE CURRENT LIMIT: Converters that use MOSFETs as synchronous rectifiers are capable of drawing a negative current from the load if the load is a source of short- or long-term energy. This negative current is referred to as a "back-drive current". Conditions where back-drive current might occur include paralleled converters that do not employ current sharing, or where the current share feature does not adequately ensure sharing during the startup or shutdown transitions. It can also occur when converters having different output voltages are connected together through either explicit or parasitic diodes that, while normally off, become conductive during startup or shutdown. Finally, some loads, such as motors, can return energy to their power rail. Even a load capacitor is a source of back-drive energy for some period of time during a shutdown transient. To avoid any problems that might arise due to back-drive current, the MQFL converters limit the negative current that the converter can draw from its output terminals. The threshold for this backdrive current limit is placed sufficiently below zero so that the converter may operate properly down to zero load, but its absolute value (see the Electrical Characteristics page) is small compared to the converter's rated output current.
MQFL-270-15S Output: 15 V Current: 8 A
THERMAL CONSIDERATIONS: The suggested Power Derating Curves for this converter as a function of the case temperature and the maximum desired power MOSFET junction temperature on the figures page. All other components within the converter are cooler than its hottest MOSFET, which at full power is no more than 20C higher than the case temperature directly below this MOSFET. The Mil-HDBK-1547A component derating guideline calls for a maximum component temperature of 105C. The power derating figure; therefore has one power derating curve that ensures this limit is maintained. It has been SynQor's extensive experience that reliable long-term converter operation can be achieved with a maximum component temperature of 125C. In extreme cases, a maximum temperature of 145C is permissible, but not recommended for long-term operation where high reliability is required. Derating curves for these higher temperature limits are also included in Figure 5. The maximum case temperature at which the converter should be operated is 135C. When the converter is mounted on a metal plate, the plate will help to make the converter's case bottom a uniform temperature. How well it does so depends on the thickness of the plate and on the thermal conductance of the interface layer (e.g. thermal grease, thermal pad, etc.) between the case and the plate. Unless this is done very well, it is important not to mistake the plate's temperature for the maximum case temperature. It is easy for them to be as much as 5-10C different at full power and at high temperatures. It is suggested that a thermocouple be attached directly to the converter's case through a small hole in the plate when investigating how hot the converter is getting. Care must also be made to ensure that there is not a large thermal resistance between the thermocouple and the case due to whatever adhesive might be used to hold the thermocouple in place. INPUT SYSTEM INSTABILITY: This condition can occur because any DC-DC converter appears incrementally as a negative resistance load. A detailed application note titled "Input System Instability" is available on the SynQor website which provides an understanding of why this instability arises, and shows the preferred solution for correcting it.
Product # MQFL-270-15S
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005056 Rev. A
05/29/09
Page 12
Technical Specification
CONSTRUCTION AND ENVIRONMENTAL STRESS SCREENING OPTIONS
ES-Grade (-55 C to +125 C) (Element Evaluation) Yes Condition B (-55 C to +125 C) 500g
MQFL-270-15S Output: 15 V Current: 8 A
Screening
Internal Visual Temperature Cycle Constant Acceleration
Consistent with MIL-STD-883F
C-Grade (-40 C to +100 C) Yes No No
HB-Grade (-55 C to +125 C) (Element Evaluation) Yes Condition C (-65 C to +150 C) Condition A (5000g)
*
Method 1010 Method 2001 (Y1 Direction) Method 1015 Load Cycled * 10s period * 2s @ 100% Load * 8s @ 0% Load Method 5005 (Group A)
Burn-in
24 Hrs @ +125 C
96 Hrs @ +125 C
160 Hrs @ +125 C
Final Electrical Test Mechanical Seal, Thermal, and Coating Process External Visual Construction Process
+25 C
-45, +25, +100 C
-55, +25, +125 C
Full QorSeal
Full QorSeal
Full QorSeal
2009
*
QorSeal * Per IPC-A-610 (Rev. D) Class 3
Yes QorSeal
Yes QorSeal
MilQor converters and filters are offered in four variations of construction technique and environmental stress screening options. The three highest grades, C, ES, and HB, all use SynQor's proprietary QorSealTM Hi-Rel assembly process that includes a Parylene-C coating of the circuit, a high performance thermal compound filler, and a nickel barrier gold plated aluminum case. Each successively higher grade has more stringent mechanical and electrical testing, as well as a longer burn-in cycle. The ES- and HB-Grades are also constructed of components that have been procured through an element evaluation process that pre-qualifies each new batch of devices.
Product # MQFL-270-15S
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005056 Rev. A
05/29/09
Page 13
Technical Specification
0.093 [2.36] 1 2 3 4 5 6
+VIN IN RTN CASE ENA 1 SYNC OUT SYNC IN ENA 2 SHARE
MQFL-270-15S Output: 15 V Current: 8 A
MQFL-270-15S-X-HB
DC-DC CONVERTER 270Vin 15 Vout @ 8 A
MADE IN USA
+SNS -SNS OUT RTN +VOUT
S/N 0000000 D/C 3205-301 CAGE 1WX10
12 11 10 9 8 7
0.250 [6.35] 1.50 [38.10] 1.260 [32.00] 0.200 [5.08] TYP. NON-CUM. 0.040 [1.02] PIN 0.128 [3.25] 0.050 [1.27] 0.220 [5.59] 0.228 [5.79]
2.50 [63.50] 2.76 [70.10] 3.00 [76.20] 2.96 [75.2]
0.390 [9.91]
Case X
0.093 [2.36] 1 2 3 4 5 6
+VIN IN RTN CASE ENA 1 SYNC OUT SYNC IN ENA 2 SHARE
MQFL-270-15S-U-HB
DC-DC CONVERTER 270Vin 15 Vout @ 8 A
MADE IN USA
+SNS -SNS OUT RTN +VOUT
S/N 0000000 D/C 3205-301 CAGE 1WX10
12 11 10 9 8 7
0.250 [6.35] 1.260 [32.00] 1.50 [38.10] 0.200 [5.08] TYP. NON-CUM.
0.040 [1.02] PIN 0.128 [3.25] 0.42 [10.7] 0.050 [1.27] 0.220 [5.59]
2.50 [63.50] 2.76 [70.10] 3.00 [76.20] 2.80 [71.1]
0.390 [9.91] NOTES
1) 2) 3) 4) 5) 6) Pins 0.040" (1.02mm) diameter Pins Material: Copper Finish: Gold over Nickel plate All dimensions in inches (mm) Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm) x.xxx +/-0.010 in. (x.xx +/-0.25mm) Weight: 2.8 oz (78.5 g) typical Workmanship: Meets or exceeds IPC-A-610C Class III Print Labeling on Top Surface per Product Label Format Drawing
Case U
PIN DESIGNATIONS Pin Function 1 2 3 4 5 6 Positive input Input return CASE Enable 1 Sync output Sync input Pin Function 7 8 9 Positive output Output return - Sense
10 + Sense 11 Share 12 Enable 2
05/29/09 Page 14
Product # MQFL-270-15S
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005056 Rev. A
Technical Specification
0.250 [6.35] TYP 1 2 3 4 5 6
+VIN IN RTN CASE ENA 1 SYNC OUT SYNC IN
MQFL-270-15S Output: 15 V Current: 8 A
0.250 [6.35]
1.15 [29.21]
0.300 [7.62] 0.140 [3.56]
ENA 2 SHARE
MQFL-270-15S-Y-HB
DC-DC CONVERTER 270Vin 15 Vout @ 8 A
MADE IN USA
+SNS -SNS OUT RTN +VOUT
S/N 0000000 D/C 3205-301 CAGE 1WX10
12 2.00 11 [50.80] 10 1.50 9 [38.10] 8 1.750 7 [44.45]
0.200 [5.08] TYP. NON-CUM. 0.040 [1.02] PIN 0.050 [1.27] 0.220 [5.59]
1.750 [44.45] 2.50 [63.50] 2.96 [75.2]
0.375 [9.52] 0.228 [5.79] 0.390 [9.91]
Case Y Case W (variant of Y)
0.200 [5.08] TYP. NON-CUM.
0.250 [6.35]
Case Z (variant of Y)
0.200 [5.08] TYP. NON-CUM.
0.250 [6.35]
0.040 [1.02] PIN 0.220 [5.59] 0.050 [1.27] 0.390 [9.91] 0.525 [13.33] 2.80 [71.1] NOTES
1) 2) 3) 4) 5) 6) Pins 0.040" (1.02mm) diameter Pins Material: Copper Finish: Gold over Nickel plate All dimensions in inches (mm) Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm) x.xxx +/-0.010 in. (x.xx +/-0.25mm) Weight: 2.8 oz (78.5 g) typical Workmanship: Meets or exceeds IPC-A-610C Class III Print Labeling on Top Surface per Product Label Format Drawing
0.040 [1.02] PIN 0.420 [10.7] 0.050 [1.27] 0.220 [5.59] 2.80 [71.1] 0.525 [13.33] 0.390 [9.91]
PIN DESIGNATIONS Pin Function 1 2 3 4 5 6 Positive input Input return CASE Enable 1 Sync output Sync input Pin Function 7 8 9 10 11 12 Positive output Output return - Sense + Sense Share Enable 2
Page 15
0.36 [9.2]
Product # MQFL-270-15S
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005056 Rev. A
05/29/09
Technical Specification
MilQor Converter FAMILY MATRIX
MQFL-270-15S Output: 15 V Current: 8 A
The tables below show the array of MQFL converters available. When ordering SynQor converters, please ensure that you use the complete part number according to the table in the last page. Contact the factory for other requirements.
Single Output
Full Size MQFL-28
16-40Vin Cont. 16-50Vin 1s Trans.* Absolute Max Vin = 60V
Dual Output
9V (09S) 13A 12V (12S) 10A 15V (15S) 8A 28V (28S) 4A 5V (05D) 24A Total 12V (12D) 10A Total 15V (15D) 8A Total
1.5V (1R5S) 40A
1.8V (1R8S) 40A
2.5V (2R5S) 40A
3.3V (3R3S) 30A
5V (05S) 24A
6V (06S) 20A
7.5V (7R5S) 16A
MQFL-28E
16-70Vin Cont. 16-80Vin 1s Trans.* Absolute Max Vin =100V
40A
40A
40A
30A
24A
20A
16A
13A
10A
8A
4A
24A Total
10A Total
8A Total
MQFL-28V
16-40Vin Cont. 5.5-50Vin 1s Trans.* Absolute Max Vin = 60V
40A
40A
40A
30A
20A
17A
13A
11A
8A
6.5A
3.3A
20A Total
8A Total
6.5A Total
MQFL-28VE
16-70Vin Cont. 5.5-80Vin 1s Trans.* Absolute Max Vin = 100V
40A
40A
40A
30A
20A
17A
13A
11A
8A
6.5A
3.3A
20A Total
8A Total
6.5A Total
MQFL-270
155-400Vin Cont. 155-475Vin 0.1s Trans.* Absolute Max Vin = 550V
40A
40A
40A
30A
24A
20A
16A
13A
10A
8A
4A
24A Total
10A Total
8A Total
Single Output
Half Size MQHL-28 (50W)
16-40Vin Cont. 16-50Vin 1s Trans.* Absolute Max Vin = 60V
Dual Output
9V (09S) 5.5A 12V (12S) 4A 15V (15S) 3.3A 28V (28S) 1.8A 5V (05D) 10A Total 12V (12D) 4A Total 15V (15D) 3.3A Total
1.5V (1R5S) 20A
1.8V (1R8S) 20A
2.5V (2R5S) 20A
3.3V (3R3S) 15A
5V (05S) 10A
6V (06S) 8A
7.5V (7R5S) 6.6A
MQHL-28E (50W)
16-70Vin Cont. 16-80Vin 1s Trans.* Absolute Max Vin =100V
20A
20A
20A
15A
10A
8A
6.6A
5.5A
4A
3.3A
1.8A
10A Total
4A Total
3.3A Total
MQHR-28 (25W)
16-40Vin Cont. 16-50Vin 1s Trans.* Absolute Max Vin = 60V
10A
10A
10A
7.5A
5A
4A
3.3A
2.75A
2A
1.65A
0.9A
5A Total
2A Total
1.65A Total
MQHR-28E (25W)
16-70Vin Cont. 16-80Vin 1s Trans.* Absolute Max Vin =100V
10A
10A
10A
7.5A
5A
4A
3.3A
2.75A
2A
1.65A
0.9A
5A Total
2A Total
1.65A Total
Check with factory for availability.
80% of total output current available on any one output.
Product # MQFL-270-15S
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005056 Rev. A
05/29/09
Page 16
Technical Specification
PART NUMBERING SYSTEM
MQFL-270-15S Output: 15 V Current: 8 A
The part numbering system for SynQor's MilQor DC-DC converters follows the format shown in the table below. Input Voltage Range Output Voltage(s)
Single Output Dual Output
Model Name
Package Outline/ Pin Configuration
Screening Grade
MQFL MQHL MQHR
28 28E 28V 28VE 270
1R5S 1R8S 2R5S 3R3S 05S 06S 7R5S 09S 12S 15S 28S
05D 12D 15D
U X Y W Z
C ES HB
Example: APPLICATION NOTES
MQFL - 270 - 15S - Y - ES
A variety of application notes and technical white papers can be downloaded in pdf format from the SynQor website.
PATENTS
SynQor holds the following patents, one or more of which might apply to this product: 5,999,417 6,927,987 6,222,742 7,050,309 6,545,890 7,072,190 6,577,109 7,085,146 6,594,159 7,119,524 6,731,520 7,269,034 6,894,468 7,272,021 6,896,526 7,272,023
Contact SynQor for further information:
Phone: Toll Free: Fax: E-mail: Web: Address:
978-849-0600 888-567-9596 978-849-0602 mqnbofae@synqor.com www.synqor.com 155 Swanson Road Boxborough, MA 01719 USA
Phone 1-888-567-9596 www.synqor.com
Warranty SynQor offers a two (2) year limited warranty. Complete warranty information is listed on our website or is available upon request from SynQor. Information furnished by SynQor is believed to be accurate and reliable. However, no responsibility is assumed by SynQor for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SynQor.
Doc.# 005-0005056 Rev. A 05/29/09 Page 17
Product # MQFL-270-15S


▲Up To Search▲   

 
Price & Availability of MQFL-270-15S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X