Part Number Hot Search : 
F1001 STS8201 1N758 25CMB 0297020 N131D PS2023 PIC18F45
Product Description
Full Text Search
 

To Download MMFC1150P0021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multi-Mode Single Window Wideband Fiber Coupler (1x2, 2x2)
MMFC Series
Product Description
Oplink's single window, multi-mode wideband fiber couplers are highly stable for multi-port optical signal splitting. They have very good uniformity, low excess loss and very low polarization sensitivity. All devices are tested according to industry standard test procedures and are supplied with all pertinent measurement data. Oplink can provide customized designs to meet specialized feature applications. Also, Oplink offers modular assemblies that integrate other components to form a full function module.
Performance Specificationns
MMFC Series Premium Grade A Unit
Features
Configuration
1x2 or 2x2 850, 1310, 1550, 850 & 1310, 1310 & 1550 < 4.0 < 0.4 < 1.0 < 0.002 > 40 500 -40 to +70 -40 to +85 P1: 250m multi-mode bare fiber P2: 900m loose tube P3: 3mm cable (o)3.0 x (L)54 (o)3.0 x (L)60 (L)96 x (W)12 x (H)6.4 mm < 4.5 < 0.8 < 1.0 < 0.002
Low Excess Loss Good Uniformity Excellent Environmental Stability
Operating Wavelength
nm
Insertion Loss * Uniformity (50/50) Typical Excess Loss ** Temperature Sensitivity Directivity Maximum Power Handling Operating Temperature Storage Temperature Package Dimension ***
dB dB dB dB/ C dB mW C C Applications
Data Link LAN Sensors
Values are referenced without connector loss. * for 50/50 split ratio ** measured under the stable mode condition with LED light source. Oplink MMFC Series use (62.5/125 m and 50/125 m) multi-mode fiber. ***The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom specified.
R02.20090612
Multi-Mode Single Window Wideband Fiber Coupler (1x2, 2x2)
MMFC Series
Mechanical Drawing / Package Dimensions (dimension in mm)
Port 1 In
L
Port 2 Main (High%)
Port 4 (terminated for 1x2 configuration)
O
Port 3 Tap (Low%)
46335 Landing Pkwy Fremont, CA 94538 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com * www.oplink.com
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200.
MMFC
0
0
Wavelength
850/1310 nm = 1 1310/1550 nm = 2 1310 nm = 3 1550 nm = 5 850 nm = 8
Type
1x2 = 1 2x2 = 2
Split Ratio
50/50 = 50
Grade
P Grade = P A Grade = A
Package Type
P1=1 P2=2 P3=3
Fiber Length
1 Meter= 1* 1.5 Meters= 5 2 Meters= 2
Connetor Type
None= 1 FC/PC= 2 FC/SPC= 3 FC/APC= 4 SC/PC= 5 SC/SPC= 6 SC/APC= 7 ST= 8 LC= 9 MU= A
Fiber Type
62.5/125 fiber = 1 50/125 fiber = 2
R02.20090612
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules


▲Up To Search▲   

 
Price & Availability of MMFC1150P0021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X