|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MMBT2369 / MMBT2369A NPN Silicon Switching Transistor SOT-23 Plastic Package Absolute Maximum Ratings (Ta = 25 OC) Symbol Collector Base Voltage Collector Emitter Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Continuous Total Device Dissipation FR-5 Board Derate above 25 OC 1) Value 40 15 40 4.5 200 200 1.8 556 -55 to +150 Unit V V V V mA mW mW/ OC O VCBO VCEO VCES VEBO IC Ptot RJA TJ,TS Thermal Resistance Junction to Ambient Junction and Storage Temperature Range 1) C/W O C FR-5=1x0.75x0.062 in. SEMTECH ELECTRONICS LTD. (Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724) (R) Dated : 20/10/2005 MMBT2369 / MMBT2369A Characteristics at Tamb=25 OC Symbol DC Current Gain at VCE=1V, IC=10mA at VCE=1V, IC=10mA at VCE=0.35V, IC=10mA at VCE=0.35V, IC=10mA,TA=-55 C O Min. 40 40 20 30 20 20 0.7 15 40 40 4.5 Max. 120 120 0.25 0.2 0.3 0.25 0.5 0.85 1.02 1.15 1.60 0.4 0.4 30 - Unit V V V V V V V V V A A A V V V V MMBT2369 MMBT2369A MMBT2369A MMBT2369A MMBT2369A MMBT2369 MMBT2369A MMBT2369 MMBT2369A o hFE hFE hFE hFE hFE hFE hFE VCEsat VCEsat VCEsat VCEsat VCEsat VBEsat VBEsat VBEsat VBEsat ICES ICBO at VCE=0.4V, IC=30mA at VCE=2.0V, IC=100mA at VCE=1.0V, IC=100mA Collector Emitter Saturation Voltage at IC=10mA, IB=1mA at IC=10mA, IB=1mA at IC=10mA, IB=1mA,TA=+125 C at IC=30mA, IB=3.0mA at IC=100mA, IB=10mA Base Emitter Saturation Voltage at IC=10mA, IB=1mA at IC=10mA, IB=1mA,TA=-55 C O MMBT2369A MMBT2369A MMBT2369A MMBT2369A MMBT2369A MMBT2369A MMBT2369A MMBT2369A at IC=30mA, IB=3mA at IC=100mA, IB=10mA Collector Cutoff Current at VCE=20V Collector Cutoff Current at VCB=20V at VCB=20V, TA = 150 C O ICBO V(BR)CEO V(BR)CBO V(BR)CES V(BR)EBO Collector Emitter Breakdown Voltage at IC=10mA Collector Base Breakdown Voltage at IC=10A Collector Emitter Breakdown Voltage at IC=10A Emitter Base Breakdown Voltage at IE=10A SEMTECH ELECTRONICS LTD. (Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724) (R) Dated : 20/10/2005 MMBT2369 / MMBT2369A Characteristics at Tamb=25 OC Symbol Output Capacitance at VCB=5V, f=1MHz Small Signal Current Gain at IC=10mA, VCE=10V, f=100MHz Storage Time IB1= IB2= IC =10mA Turn-On Time VCC=3V, IC=10mA, IB1=3mA Turn-Off Time VCC=3V, IC=10mA, IB1=3.0mA, IB2=1.5mA toff 10 18 ns ton 8.0 12 ns ts 5.0 13 ns Hfe 5.0 Cobo 4 pF Min. Typ. Max. Unit SEMTECH ELECTRONICS LTD. (Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724) (R) Dated : 20/10/2005 |
Price & Availability of MMBT2369 |