Part Number Hot Search : 
74121 EN2575E PTD3216 AX101 DCJ010 ECCM1 4AK22 KK555D
Product Description
Full Text Search
 

To Download MES20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 rev. page date 1 of 3
08/14/2007
PART NUMBER: MES20
DESCRIPTION: incremental encoder
ELECTRICAL SPECIFICATIONS
output waveform output signals current consumption frequency response output phase difference supply voltage output resolution (ppr) waveform rise/fall time Square wave A, B, Z phase 50 mA 0~100 KHz A, B phase difference 90 45 (T/4T/8) Z phase TT/2 (see output waveform) 5 V ~ 12 V dc 10%, 24 V dc 10% (open collector output only) 40, 50, 60, 100, 200, 250, 256, 300, 360, 400, 500, 512, 600, 800, 1000, 1024, 1200, 1800, 2000, 2048, 2500, 3600 2 or less (outout cable 1m or less)
MECHANICAL SPECIFICATIONS
max shaft load, radial: axial: starting torque max rotational speed shock resistance vibration proof weight cable 19.6N (2kgf) 14.7N (1.5kgf) (600-3600 ppr) 9.8N (1kgf) 4.9N (0.5kgf) (600-3600 ppr) -3 NM (20 gf*cm) 2 x 10 6000 RPM 500 m/s2 (50G), 3 times each on XYZ 55 Hz, double amplitude 1.5mm, 2 hours each on XYZ 70g (with 1m cable) 4.2mm outside diameter, 5 core vinyl wire insulated shield cable (1m)
ENVIRONMENTAL SPECIFICATIONS
operating temp storage temp humidity -10 to +70 C -20 to +80 C RH 35%~90% non collecting
ORDERING INSTRUCTIONS
MES20 - XXXXPXX
Resolution (PPR): 40 = 40 PPR 600 = 600 PPR 60 = 60 PPR 800 = 600 PPR 100 = 100 PPR 1000 = 1000 PPR 200 = 200 PPR 1024 = 1024 PPR 250 = 250 PPR 1200 = 1200 PPR 256 = 256 PPR 1800 = 1800 PPR 300 = 300 PPR 2000 = 2000 PPR 360 = 360 PPR 2048 = 2048 PPR 400 = 400 PPR 1800 = 1800 PPR 500 = 500 PPR 2500 = 2500 PPR 512 = 512 PPR 3600 = 3600 PPR Output Circuit: " " = Voltage output C = Open collector output E = Line Driver Input Voltage: 1 = 5V dc 10% 2 = 12V dc 10% 3 = 5 ~ 12V dc 10% 4 = 24V dc 10%
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
rev. page date 2 of 3
08/14/2007
PART NUMBER: MES20
DESCRIPTION: incremental encoder
CIRCUIT CONNECTIONS
Voltage Output +5V A/B/Z
20mA max
Open Collector Output (C) Red
White Green Yellow
30mA max
+5V A/B/Z
Red
White Green Yellow
0V
CABLE SHIELD
Black
CABLE SHIELD
0V
Black
Line Drive Output (E) +5V A/B/Z A/B/Z
26C31
CABLE SHIELD
Red
White Green Yellow White/Black Green/Black Yellow/Black
0V
Black
OUTPUT WAVEFORM
Clockwise rotation viewed from front
Counter Clockwise rot ation viewed from front
T Phase A Phase B Phase Z
H L H L H L
T Phase A Phase B Phase Z
H L H L H L
T T (90 45) 88
T T (90 45) 88
TT/2
TT/2
The position of Z phase against A, B phase is not specified
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
REV. A
DESCRIPTION NEW DRAWING
DATE 7/27/2007
7.0 0.276
4.2 0.165 Output cable L=1000
6.0 0.236 5.5 0.217
7.5 0.295
2.5 0.099
3-M3 depth 5 equal arrangement PCD=24
32.0 1.260
22.0 0.866
TOLERANCE: 0.3mm UNLESS OTHERWISE SPECIFIED
RoHS
4.2 0.165 20050 SW 112th Ave. Tualatin, OR 97062 Phone: 503-612-2300 800-275-4899 Fax: 503-612-2383 Website: www.cui.com
TITLE:
Incremental Encoder MES20
APPROVED BY: UNITS:
REV:
A
PART NO.
MM [INCHES]
SCALE:
PC FILE NAME:
MES20
COPYRIGHT 2007 BY CUI INC.
Cable Color Output Type
Red White Green Yellow Power A-Phase B-Phase Z-Phase
Black 0V
-
-
-
DRAWN BY:
JMS
1:1


▲Up To Search▲   

 
Price & Availability of MES20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X