Part Number Hot Search : 
IN80186B K5621 SSF5N50D TPD7203F IL2903D MTL011 2SD1992A LTC2231
Product Description
Full Text Search
 

To Download MDHU100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDHU100 Series
2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
Key Features
Efficiency up to 75% 4000VAC Isolation MTBF > 2,000,000 Hours Low Cost Input 5 , 12 and 24VDC Output 5, 12, 15, {12 and {15VDC Temperature Performance -25] to +60] UL60950-1 Safety Approval Internal SMD Construction Low Leakage Current
$
Low Profile Low Cost
4000 VAC
I/O Isolation
Minmax's MDHU100 2W DC/DC's are specially designed to provide ultra-high levels of isolation 4000VAC in a miniature DIP package. The series consists of 15 models with input voltages of 5V, 12V and 24VDC which offers standard output voltages of 5V, 12V, 15V, {12V and {15VDC . The MDHU100 series is an excellent selection for a variety of applications including distributed power systems, mixed analog/digital subsystems, portable test equipments, local power networks and battery backed systems.
Absolute Maximum Ratings
Parameter Input Surge Voltage ( 1000 mS ) 5VDC Input Models 12VDC Input Models 24VDC Input Models Min. -0.7 -0.7 -0.7 ----Max. 9 18 30 260 650 Unit VDC VDC VDC ] mW
Environmental Specifications
Parameter Operating Temperature Operating Temperature Storage Temperature Humidity Cooling Conditions Ambient Case Min. -25 -25 -40 --Max. +60 +90 +125 95 Unit ] ] ] %
Lead Temperature (1.5mm from case for 10 Sec.) Internal Power Dissipation
Free-Air Convection
Exceeding the absolute maximum ratings of the unit could cause damage. These are not continuous operating ratings.
1
MINMAX
REV:5 2009/01/16
MDHU100 Series
Model Selection Guide
Model Number Input Voltage Output Voltage Output Current Input Current Load Regulation Efficiency
VDC MDHU102 MDHU104 MDHU105 MDHU108 MDHU109 MDHU112 MDHU114 MDHU115 MDHU118 MDHU119 MDHU122 MDHU124 MDHU125 MDHU128 MDHU129
5 (4.5 ~ 5.5)
12 (10.8 ~ 13.2)
24 ( 21.6 ~ 26.4 )
VDC 5 12 15 {12 {15 5 12 15 {12 {15 5 12 15 {12 {15
Max. mA 400 165 133 {83 {66 400 165 133 {83 {66 400 165 133 {83 {66
Min. mA 8 3 2.5 {1.5 {1 8 3 2.5 {1.5 {1 8 3 2.5 {1.5 {1
@Max. Load mA (Typ.) 606 600 605 553 542 253 250 252 224 220 126 125 126 112 110
@No Load mA (Typ.)
60
30
15
% (Max.) 12 10 10 10 10 12 10 10 10 10 12 10 10 10 10
@Max. Load % (Typ.) 66 66 66 72 73 66 66 66 74 75 66 66 66 74 75
Capacitive Load
Models by Vout Maximum Capacitive Load # For each output 5V 330 12V 330 15V 330 {12V # 100 {15V # 100 Unit uF
Input Fuse Selection Guide
5V Input Models 1000mA Slow - Blow Type 12V Input Models 500mA Slow - Blow Type 24V Input Models 200mA Slow - Blow Type
Input Specifications
Parameter Input Voltage Range Model 5V Input Models 12V Input Models 24V Input Models Reverse Polarity Input Current Input Filter All Models Min. 4.5 10.8 21.6 --Typ. 5 12 24 --Max. 5.5 13.2 26.4 0.3 A VDC Unit
Internal Capacitor
REV:5 2009/01/16
MINMAX
2
MDHU100 Series
Output Specifications
Parameter Output Voltage Accuracy Output Voltage Balance Line Regulation Load Regulation Ripple & Noise (20MHz) Ripple & Noise (20MHz) Ripple & Noise (20MHz) Temperature Coefficient Output Short Circuit Over Line, Load & Temp. Dual Output, Balanced Loads Vin = Min.to Max. Io=20% to 100% Conditions Min. --------------0.5 Second Max. Typ. {2.0 {0.1 {1.2 100 ----{0.01 Max. {4.0 {1.0 {1.5 150 200 15 {0.02 Unit % % % % mV P-P mV P-P mV rms %/]
See Model Selection Guide
General Specifications
Parameter Isolation Voltage Rated Isolation Voltage Test Leakage Current Isolation Resistance Isolation Capacitance Switching Frequency MTBF MIL-HDBK-217F @ 25], Ground Benign Conditions 60 Seconds Flash Tested for 1 Second 240VAC, 60Hz 500VDC 100KHz,1V Min. 4000 6000 --10 --50 2000 Typ. --------15 80 --Max. ----2 --20 100 --Unit VAC VDC uA G[ pF KHz K Hours
Notes :
1. Specifications typical at Ta=+25], resistive load, nominal input voltage, rated output current unless otherwise noted. 2. Ripple & Noise measurement bandwidth is 0-20 MHz. 3. These power converters require a minimum output loading to maintain specified regulation. 4. Operation under no-load conditions will not damage these modules; however, they may not meet all specifications listed. 5. All DC/DC converters should be externally fused at the front end for protection. 6. Other input and output voltage may be available, please contact factory. 7. Specifications subject to change without notice.
Block Diagram
Single Output Dual Output
+Vo +Vin Bipolar Push-Pull Inverter -Vin -Vo -Vin +Vin Bipolar Push-Pull Inverter
+Vo
Com.
-Vo
3
MINMAX
REV:5 2009/01/16
MDHU100 Series
90
90
Efficiency (%)
Efficiency (%)
80
80
70
70
60
60
50 Low Nom Input Voltage (V) High
50
Low
Nom Input Voltage (V)
High
Efficiency vs Input Voltage ( Single Output )
90 80 Efficiency (%) 70
Efficiency vs Input Voltage ( Dual Output )
90 80 70 Efficiency (%) 60 50 40 30 20
60 50 40 30 20 10 20 40 60 Load Current(%) 80 100
10
20
40
60 Load Current(%)
80
100
Efficiency vs Output Load ( Single Output )
100 100LFM 80 Output Power (%) 400LFM 200LFM
Efficiency vs Output Load ( Dual Output )
60 Natural convection
40
20 0 -25
~ 50 60 70 80 ] 90 100 110
Ambient Temperature
Derating Curve
REV:5 2009/01/16
MINMAX
4
MDHU100 Series
Test Configurations
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with a inductor Lin (4.7uH) and Cin (220uF, ESR < 1.0[ at 100 KHz) to simulate source impedance. Capacitor Cin, offsets possible battery impedance. Current ripple is measured at the input terminals of the module, measurement bandwidth is 0-500 KHz.
To Oscilloscope + Battery + Lin Current Probe +Vin +Out Load
In applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor at the input to ensure startup. Capacitor mounted close to the power module helps ensure stability of the unit, it is recommended to use a good quality low Equivalent Series Resistance (ESR < 1.0[ at 100 KHz) capacitor of a 2.2uF for the 5V input devices, a 1.0uF for the 12V input devices and a 0.47uF for the 24V input devices.
+ DC Power Source + Cin -Vin -Out +Vin DC / DC Converter +Out Load
DC / DC Converter -Vin -Out
Cin
+
+Vin Single Output DC / DC Converter -Vin
+Out
Peak-to-Peak Output Noise Measurement Test
Use a Cout 0.47uF ceramic capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-20 MHz. Position the load between 50 mm and 75 mm from the DC/DC Converter.
+Vin Single Output DC / DC Converter -Vin -Out +Out Copper Strip Cout Scope Resistive Load
DC Power Source -
Cout -Out
Load
Output Ripple Reduction
A good quality low ESR capacitor placed as close as practicable across the load will give the best ripple and noise performance. To reduce output ripple, it is recommended to use 3.3uF capacitors at the output.
+ +Vin Single Output DC / DC Converter -Vin -Out +Out
+Vin Dual Output DC / DC Converter -Vin
+Out Com.
Copper Strip Cout Cout Scope Resistive Load Scope
DC Power Source -
-Out
Cout
Load
Design & Feature Considerations
Maximum Capacitive Load
The MDHU100 series has limitation of maximum connected capacitance at the output. The power module may be operated in current limiting mode during start-up, affecting the ramp-up and the startup time. For optimum performance we recommend 100uF maximum capacitive load for dual outputs and 330uF capacitive load for single outputs. The maximum capacitance can be found in the data sheet.
+ DC Power Source -Vin +Vin +Out Dual Output Com. DC / DC Converter -Out Cout Load
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the stability of the power module.
5
MINMAX
REV:5 2009/01/16
MDHU100 Series
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module and board spacing. To avoid exceeding the maximum temperature rating of the components inside the power module, the case temperature must be kept below 90 C. The derating curves are determined from measurements obtained in an experimental apparatus.
Position of air velocity probe and thermocouple 15mm / 0.6in
50mm / 2in
Air Flow
DUT
REV:5 2009/01/16
MINMAX
6
MDHU100 Series
Mechanical Dimensions
23.8[0.94]
Physical Characteristics
Case Size : 23.8*13.7*8.62 mm 0.94*0.54*0.34 inches Non-Conductive Black Plastic 5.1g UL94V-0
8.62[0.34]
Side
0.5[0.02]
Case Material Weight
: : :
0.5[0.02] 2.54[0.1]
3.8[0.15]
Flammability
1
7
8
Bottom
16
10
9
Tolerance
Millimeters X.X{0.25 X.XX{0.13 {0.05
Inches X.XX{0.01 X.XXX{0.005 {0.002
Pin
Pin Connections
Pin 1 7 8 9 10 16 Single Output -Vin NC NC +Vout -Vout +Vin NC: No Connection Dual Output -Vin NC Common +Vout -Vout +Vin
7
10.16[0.4]
13.7[0.54]
MINMAX
REV:5 2009/01/16


▲Up To Search▲   

 
Price & Availability of MDHU100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X