|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Process Sealed Miniature Toggles Series M2 Distinctive Characteristics Antijamming actuator design protects against mechanism damage from downward force on the toggle. Single unit construction of the bushing and top of the housing gives protection from cleaning fluids orother liquids. O-ring surrounding actuator at top of bushing interior prevents liquids from reaching switch mechanism. Ultrasonic welding of upper and lower housing seals out contaminants and allows automated soldering and cleaning. Terminals are epoxy sealed to prevent entry of flux, solvents, and other contaminants. Bracketed models have crimped legs to ensure secure PC mounting and prevent dislodging during automated soldering. Logic level and power capabilities are available to suit varying applications. Actual Size NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com 03-07 Process Sealed Miniature Toggles Series M2 General Specifications Electrical Capacity (Resistive Load) Power Level (code W): Logic Level (code G): Logic/Power Level (code A): 6A @ 125V AC or 3A @ 250V AC; 4A @ 30V DC (On-On circuit) & 3A @ 30V DC (all other circuits) 0.4VA maximum @ 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V) Combines W & G ratings Note: Find additional explanation of dual rating & operating range in Supplement section. Other Ratings Contact Resistance: Insulation Resistance: Dielectric Strength: Mechanical Life: Electrical Life: Contact Timing: Angle of Throw: 10 milliohms maximum for silver; 20 milliohms maximum for gold 1,000 megohms minimum @ 500V DC 1,000V AC minimum between contacts for 1 minute minimum; 1,500V AC minimum between contacts & case for 1 minute minimum 100,000 operations minimum 25,000 operations minimum for silver; 50,000 operations minimum for gold Nonshorting (break-before-make) 26 Materials & Finishes Toggle/Lever: Support Bracket: Bushing/Housing: Sealing Ring: Base: Movable Contacts: Stationary Contacts: Terminals: Brass with chrome plating Brass with tin plating Glass fiber reinforced polyamide (UL94V-0) Nitrile butadiene rubber Glass fiber reinforced polyamide (UL94V-0) Silver alloy with silver plating (code W); copper or phosphor bronze with gold plating (code G); or silver alloy with gold plating (code A) Silver alloy with silver plating (code W); copper or brass with gold plating (code G); or silver alloy with gold plating (code A) Copper or brass with silver or gold plating Environmental Data Operating Temp Range: Humidity: Vibration: Shock: -30C through +85C (-22F through +185F) 90 ~ 95% humidity for 96 hours @ 40C (104F) 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction) PCB Processing Soldering: Cleaning: Wave Soldering Recommended: See Profile B in Supplement section. Manual Soldering: See Profile B in Supplement section. Automated cleaning. See Cleaning specifications in Supplement section. Standards & Certifications Flammability Standards: UL Recognized: C-UL Recognized: R CSA Certified: UL94V-0 rated bushing/housing & base All models recognized at 6A @ 125V AC, 3A @ 250V AC, & 4A @ 30V DC or 0.4A @ 28V DC; UL File No. WOYR2.E44145; add "/U" to end of part number to order UL mark on switch. All models recognized at 6A @ 125V AC, 3A @ 250V AC, & 4A @ 30V DC or 0.4A @ 28V DC; C-UL File No. WOYR8.E44145; add "/C-UL" to end of part number to order C-UL mark on switch. All models certified at 6A @ 125V AC, 3A @ 250V AC, & 4A @ 30V DC; CSA File No. 023535-0-000; add "/C" to end of part number to order CSA mark on switch. NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com 03-07 Process Sealed Miniature Toggles TYPICAL SWITCH ORDERING EXAMPLE Series M2 03 M2T 1 2 S A5 G POLES 1 2 SPDT DPDT A5 BUSHING .250" (6.35mm) Double Flatted 03 13 30 40 05 PC TERMINALS Straight Straight with .460" (11.7mm) Bracket .150" (3.81mm) Right Angle .150" (3.81mm) Vertical .425" (10.8mm) Extended PC .750" (19.05mm) Extended PC .964" (24.5mm) Extended PC CIRCUITS 2 3 5 8 9 ON ON ON (ON) ON NONE OFF NONE OFF OFF ON ON (ON) (ON) (ON) CONTACT MATERIALS & RATINGS W G A Silver; Rated 6A @ 125V AC & 3A @ 250V AC Gold; Rated 0.4VA max @ 28V AC/DC max Gold over Silver; Rated 6A @ 125V AC & 0.4VA max @ 28V AC/DC max 06 07 ( ) = Momentary ACTUATORS S S4 .500" (12.7mm) Bat Lever .300" (7.62mm) Bat Lever IMPORTANT: Switches are supplied without UL, C-UL & CSA marking unless specified. Specific models & ratings noted on General Specifications page. DESCRIPTION FOR TYPICAL ORDERING EXAMPLE M2T12SA5G03 .500" (12.7mm Bat Lever) .250" (6.35mm) Bushing with Double Flat Gold Contacts with 0.4VA Rating SPDT ON-NONE-ON Circuit Straight PC Terminals NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com 03-07 Process Sealed Miniature Toggles POLES & CIRCUITS Toggle Position ( ) = Momentary Pole Model M2T12 M2T13 M2T15 M2T18 M2T19 M2T22 M2T23 M2T25 M2T28 M2T29 Down Center Up Connected Terminals Down Center Up Note: Series M2 Throw & Schematics Terminal numbers are not actually on the switch. SP ON ON ON (ON) ON ON ON ON (ON) ON NONE OFF NONE OFF OFF NONE OFF NONE OFF OFF ON ON (ON) (ON) (ON) ON ON (ON) (ON) (ON) 2 (COM) 2-3 OPEN 2-1 SPDT 3 1 2 (COM) 1 6 5 4 DP 2-3 5-6 OPEN 2-1 5-4 DPDT 3 ACTUATORS S .500" (12.7mm) Bat Lever (2.8) Dia .110 (12.7) .500 26 S4 .300" (7.62mm) Bat Lever (2.7) Dia .106 (7.62) .300 26 Material: Chrome over brass Material: Chrome over brass Standard Combinations: S Bat Lever with straight terminals (code 03) with silver or gold contacts. Standard Combinations: S4 Bat Lever with bracketed terminals (codes 13, 30, 40) with silver or gold contacts. BUSHING A5 .250" (6.35mm) Double Flatted (6.8) .268 (6.2) .244 (5.2) .205 (6.35) .250 CONTACT MATERIALS & RATINGS W G Silver over Silver Power Level 6A @ 125V AC & 3A @ 250V AC Gold over Brass or Copper Logic Level 0.4VA maximum @ 28V AC/DC maximum Complete explanation of operating range in Supplement section. A Gold over Silver Power Level or Logic Level 6A @ 125V AC or 0.4VA maximum @ 28V AC/DC maximum Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits within the same application. See Supplement section for complete explanation of dual rating and operating range. NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com 03-07 Process Sealed Miniature Toggles PC TERMINALS 03 Straight Epoxy Seal (4.8) (5.9) .189 .232 (1.17) .046 Thk = (0.8) .031 Series M2 3 (4.8) .189 3 2 1 6 5 4 (4.7) Typ .185 (1.8) Dia Typ .073 2 1 (4.7) Typ .185 (1.8) Dia Typ .073 Single Pole Double Pole (1.6) Typ .063 (2.4) Typ .095 3 2 1 6 5 4 13 Straight with .460" (11.7mm) Bracket 3 2 1 (1.6) Typ .063 (7.9) Typ .311 (4.7) Typ .185 (1.8) Dia Typ .073 (1.5) Dia Typ .059 (7.9) Typ .311 (4.7) Typ .185 (1.8) Dia Typ .073 (1.5) Dia Typ .059 (11.7) .460 (5.9) .232 C L Single Pole Double Pole (4.7) Typ .185 (3.81) .150 (12.7) .500 (2.54) Typ .100 (1.8) Dia Typ .073 30 .150" (3.81mm) Right Angle 3 2 (4.7) Typ .185 1 6 3 5 2 4 1 (12.7) .500 (1.8) Dia Typ .073 (2.54) Typ .100 (3.81) .150 Single Pole Double Pole 40 .150" (3.81mm) Vertical 3 2 1 3 6 5 4 (2.4) Typ .094 (3.81) Typ .150 (3.81) Typ .150 2 1 (12.7) .500 (3.81) .150 (2.54) Typ .100 (1.8) Dia Typ .073 (12.7) .500 (2.54) Typ .100 (1.8) Dia Typ .073 Single Pole Double Pole 05 06 07 .425" (10.8mm) Extended PC Epoxy Seal 3 3 (4.8) .189 6 5 4 .750" (19.05mm) Extended PC .964" (24.5mm) Extended PC Thk = (0.8) .031 A (1.27) .050 2 1 (4.7) Typ .185 (1.8) Dia Typ .073 2 1 (4.7) Typ .185 (1.8) Dia Typ .073 Single Pole Double Pole Dimension A = terminal lengths as shown beside the terminal codes at the left. NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com 03-07 Process Sealed Miniature Toggles TYPICAL SWITCH DIMENSIONS Single Pole Series M2 Straight PC NKK P/N This Side (4.7) Typ .185 (0.8) Typ .031 (2.8) Dia .110 (5.2) .205 (12.7) .500 (6.35) .250 (9.4) .370 (21.6) .850 (4.8) .189 (6.6) .260 3 2 (6.2) .244 26 (12.7) .500 1 (1.17) .046 M2T12SA5G03 Actuator in Down Position Double Pole Straight PC NKK P/N This Side (4.7) Typ .185 (0.8) Typ .031 (2.8) Dia .110 (5.2) .205 (12.7) .500 (6.35) .250 (9.4) .370 (21.6) .850 (4.8) .189 (11.5) .453 6 5 (4.8) .189 3 2 (6.2) .244 26 (12.7) .500 4 1 (1.17) Typ .046 M2T22SA5G03 Actuator in Down Position Single & Double Pole Straight PC * Bracket 26 (2.7) Dia .106 (7.62) .300 (5.8) .228 NKK P/N This Side (4.8) .189 (11.7) Typ .460 (4.7) Typ .185 (6.2) .244 1 2 3 (0.5) Typ .020 (0.8) Typ .031 (4.7) Typ .185 (15.75) .620 (1.17) Typ .046 (1.17) Typ .046 (8.0) .315 (11.5) .453 (4.8) .189 (3.2) Typ .126 M2T12S4A5G13 Actuator in Down Position 03-07 NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com Process Sealed Miniature Toggles TYPICAL SWITCH DIMENSIONS Right Angle PC NKK P/N This Side (5.2) .205 (6.2) .244 Series M2 Single Pole (2.7) Dia .106 1 2 3 (6.6) .260 (3.2) .126 (1.3) Typ .051 (5.08) .200 (7.62) .300 (6.15) .242 (0.4) .016 (12.7) .500 (1.27) .050 (4.7) Typ .185 (12.7) .500 (0.8) Typ .031 M2T12S4A5G30 Actuator in Down Position Right Angle PC NKK P/N This Side (6.2) .244 Double Pole (2.7) Dia .106 4 5 6 (5.2) .205 (0.5) .020 1 2 3 (11.5) .453 (3.7) .146 (1.3) Typ .051 (5.08) .200 (7.62) .300 (6.15) .242 (0.4) .016 (12.7) .500 (1.27) Typ .050 (3.81) .150 (4.7) Typ .185 (0.8) Typ .031 (12.7) .500 M2T22S4A5G30 Actuator in Down Position Vertical PC (7.2) .283 Single Pole NKK P/N This Side 3 (6.2) .244 26 (1.0) .039 (0.5) .020 (0.4) .016 (12.7) .500 (0.8) Typ .031 (3.81) Typ .150 2 (12.7) .500 (4.2) .165 1 (2.7) Dia .106 (1.3) Typ .051 (5.08) .200 (7.62) .300 (6.15) .242 (6.6) .260 (1.27) .050 M2T12S4A5G40 Actuator in Down Position Vertical PC (7.2) .283 Double Pole NKK P/N This Side 6 (4.8) .189 3 2 (6.2) .244 26 (1.0) .039 5 (12.7) .500 (4.2) .165 (2.7) Dia .106 (1.3) Typ .051 (5.08) .200 (7.62) .300 (6.15) .242 (0.4) .016 (12.7) .500 (0.5) .020 4 1 (0.8) Typ .031 (3.81) Typ .150 (11.5) .453 (1.27) Typ .050 M2T22S4A5G40 Actuator in Down Position 03-07 NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com |
Price & Availability of M2T12S4A5W03 |