Part Number Hot Search : 
16200 HCS370ST M3202 16200 DA221M 01M94VLB SLA70 CC3200
Product Description
Full Text Search
 

To Download M2013TNA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Rockers
Series M
Distinctive Characteristics
Three methods of panel mounting: flat frame for flush with face or subpanel, snap-in, and PCB. High insulating barriers increase isolation of circuits in multipole devices and provide added protection to contact points. The molded diallyl phthalate case has a UL 94V-0 flammability rating. Epoxy sealed terminals prevent entry of solder flux and other contaminants. Prominent external insulating barriers increase insulation resistance and dielectric strength. Bias guard prevents misalignment of contacts; interlocking of actuator block with rocker and internal guide does not allow transmission of diagonal force on rocker to reach contact mechanism. Clinching of the frame to the case well above the base and terminals provides 1,500V dielectric strength.
Actual Size
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Miniature Rockers
Series M
General Specifications
Electrical Capacity (Resistive Load)
Power Level (code W): Logic Level (code G): Logic/Power Level (code A): 6A @ 125V AC & 3A @ 250V AC 4A @ 30V DC for On-None-On; 3A @ 30V DC for all other circuits 0.4VA maximum @ 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V) Combines W & G ratings Note: Find additional explanation of dual rating & operating range in Supplement section.
Other Ratings
Contact Resistance: Insulation Resistance: Dielectric Strength: Mechanical Life: Electrical Life: Angle of Throw: 10 milliohms maximum for silver; 20 milliohms maximum for gold 1,000 megohms minimum @ 500V DC 1,000V AC minimum between contacts for 1 minute minimum; 1,500V AC minimum between contacts and case for 1 minute minimum 50,000 operations minimum 25,000 operations minimum for silver; 50,000 operations minimum for gold; 50,000 operations minimum for silver at 3A @ 125V AC 25
Materials & Finishes
Actuator Clip & Mounting Frame: Body Frame: Case: Movable Contactor: Movable Contacts: Stationary Contacts: Terminals: Stainless Steel Stainless steel Diallyl phthalate resin (UL94V-0) Phosphor bronze with silver or gold plating Silver alloy (code W); copper with gold plating (code G); or silver alloy with gold plating (code A) Silver with silver plating (code W); copper or brass with gold plating (code G); or silver with gold plating (code A) Copper or brass with silver plating; or copper or brass with gold plating
Environmental Data
Operating Temp Range: Humidity: Vibration: Shock: -30C through +85C (-22F through +185F) 90 ~ 95% humidity for 96 hours @ 40C (104F) 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction) Wave Soldering (PC version) for Gold: See Profile A in Supplement section. Manual Soldering for Gold: See Profile A in Supplement section. Wave Soldering (PC version) for Silver: See Profile B in Supplement section. Manual Soldering for Silver: See Profile B in Supplement section. Note: Actuator must be in OFF (center) position while soldering. These devices are not process sealed. Hand clean locally using alcohol based solution.
Processing
Soldering:
Cleaning:
Standards & Certifications
Flammability Standards: UL Recognized: UL94V-0 for case All models recognized at 6A @ 125V AC or 3A @ 250V AC or 0.4VA maximum @ 28V DC maximum; UL File No. WOYR2.E44145; add "/U" to end of part number to order UL mark on switch. All models recognized at 6A @ 125V AC or 3A @ 250V AC or 0.4VA maximum @ 28V maximum; CSA File No. 023535-0-000; add "/C" to end of part number to order CSA mark on switch.
CSA Certified:
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Flat Frame Mount Miniature Rockers
TYPICAL SWITCH ORDERING EXAMPLE
Series M D C
M20
POLES
1 2 3 4 SPDT DPDT SP3T 3PDT 4PDT DP3T
1
2
TN TY
TN
.272" (6.9mm) Wide Flat Frame .504" (12.8mm) Wide Flat Frame
W
01
MOUNTING FRAMES
ROCKERS & PADDLES
Small Actuators (TN Frame) D E F G .365" (9.27mm) Wide Rocker .365" (9.27mm) Wide Paddle .450" (11.43mm) Wide Rocker .450" (11.43mm) Wide Paddle .595" (15.11mm) Wide Rocker .595" (15.11mm) Wide Paddle
CONTACT MATERIALS & RATINGS
W G A Silver; Rated 6A @ 125V AC & 3A @ 250V AC Gold; Rated 0.4VA max @ 28V AC/DC max Gold over Silver; Rated 6A @ 125V AC & 0.4VA max @ 28V AC/DC max
Large Actuators (TY Frame) J H
CIRCUITS
2 3 5 8 9 ON ON ON (ON) ON ON (ON) ON NONE OFF NONE OFF OFF ON ON ON ON ON (ON) (ON) (ON) ON (ON) (ON) 01 03
TERMINALS
Solder Lug .250" (6.35mm) Straight PC
ROCKER & PADDLE COLORS
A B C E F G H Black White Red Yellow Green Blue Gray
*4 *6 *7
IMPORTANT:
Switches are supplied without UL & CSA marking unless specified. Specific models & ratings noted on General Specifications page.
( ) = Momentary
* 3-ON circuits
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
M2012TNW01-DC
Red .365" (9.27mm) Wide Rocker .272" (6.9mm) Wide Flat Frame SPDT ON-NONE-ON Circuit Silver Contacts with 6-Amp Rating Solder Lug Terminals
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Flat Frame Mount Miniature Rockers
POLES & CIRCUITS
( Rocker Position ) = Momentary Center Up Connected Terminals Down Center Up
Series M
Throw & Schematics Note: Terminal numbers are not actually on the switch. SPDT
Down Pole Model M2012 M2013 M2015 M2018 M2019 M2022 M2023 M2025 M2028 M2029 M2032 M2033 M2035 M2038 M2039 M2042 M2043 M2045 M2048 M2049 Model M2024 M2026 M2027 ON ON ON (ON) ON ON ON ON (ON) ON ON ON ON (ON) ON ON ON ON (ON) ON Down ON (ON) ON
SP
NONE OFF NONE OFF OFF NONE OFF NONE OFF OFF NONE OFF NONE OFF OFF NONE OFF NONE OFF OFF Up ON (ON) (ON)
ON ON (ON) (ON) (ON) ON ON (ON) (ON) (ON) ON ON (ON) (ON) (ON) ON ON (ON) (ON) (ON)
2-3
OPEN
2-1
3
2 (COM) 1
DPDT 2-3 5-6 OPEN 2-1 5-4
3 2 (COM) 1 6 5 4
DP
3PDT 2-3 5-6 8-9 OPEN 2-1 5-4 8-7
2 3 1 6 5 (COM) 4 9 8 7
3P
4PDT 2-3 5-6 8-9 11-12 OPEN 2-1 5-4 8-7 11-10
2 3 1 6 5 (COM) 4 9 8 7 12 11 10
4P
For 3 Throw (3-On) Pole Center ON ON ON Connected Terminals & Schematics
External Connection 5 2 (in) External Connection 5 2 (in) External Connection 2 (in) 5
SP
1 (out)
3 4 (out) 6 (out)
1 (out)
3 4 (out) 6 (out)
1 (out)
3 4 (out) 6 (out)
2-3 5-6
External Connection 2 (in) 5
External Connection 8 (in) 11
2-3 5-4
External Connection 2 (in) 5
External Connection 8 (in) 11
2-1 5-4
External Connection 2 (in) 5
External Connection 8 (in) 11
DP
M2044 M2046 M2047
ON (ON) ON
ON ON ON
ON (ON) (ON)
1 (out) 3 4 (out) 6 (out) 7 (out) 9 10 (out) 12 (out)
1 (out)
3 4 (out) 6 (out) 7 (out) 9 10 (out) 12 (out)
1 (out) 3 4 (out) 6 (out) 7 (out) 9 10 (out) 12 (out)
2-3 5-6 8-9 11-12
(out)
2-3 5-4 8-9 11-10
2-1 5-4 8-7 11-10
(out) External Conn Common (in) (out)
12 11 10 9 8 7 6 5 4
The SP3T model utilizes a double pole base.
External Conn
6 5 4
3 2 1
The DP3T model utilizes a four pole base.
Common (in) (out)
(out)
3 2 1
Common (in) (out)
External connection must be made during field installation.
(out)
External connection must be made during field installation.
(out)
(out)
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Flat Frame Mount Miniature Rockers
MOUNTING FRAMES TN
.272" (6.9mm) Wide Flat Frame
(3.5) .138
Series M
(6.9) .272
(29.5) (23.8) 1.161 .937
Mounting hardware kit HK-1, as shown on the following page, must be ordered separately.
(0.6) .024 (2.4) Dia Typ .094
Small Actuators & Panel Cutouts for TN Frame (actuator details on the following pages) AT4148 AT4149 AT4150 AT4151
(17.8) .701 (23.8) .937
(12.7) .500 (23.8) .937
(10.1) .398
(2.6) Dia Typ .102
(12.4) .490
(2.6) Dia Typ .102
TY
.504" (12.8mm) Wide Flat Frame
Large Actuators & Panel Cutout for TY Frame (actuator details on the following pages) AT4156 AT4157
Mounting hardware kit HK-2, as shown on the following page, must be ordered separately.
(3.5) .138
(12.8) .504
(41.3) (34.9) 1.626 1.374
(28.5) 1.122 (34.9) 1.374
(0.6) .024
(3.2) Dia Typ .126
(16.0) .630
(3.5) Dia Typ .138
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Flat Frame Mount Miniature Rockers
MOUNTING FRAMES (CONTINUED)
Face Panel Mounting Flat frame devices may also be mounted to the face panel. Standoffs are used to recess the actuator and achieve an attractive front panel appearance. Subpanel Mounting
Series M
STANDOFF LENGTH
These devices are especially designed for subpanel mounting. When installed on a mounting plate behind the panel, hardware is completely concealed and the front panel retains a clean, attractive appearance.
Optional Hardware Kits for Subpanel or Face Panel Mounting Frame TN Frame TY Frame Panel Thickness Standoff Length Hardware Kit Number HK-1 HK-2
Optional Snap-in Panel Frames Further details are shown in the previous bracketed PC mount subsection. AT064-1 AT064-2 AT065-1 AT065-2
.125" (3.175mm) .233" (5.918mm) .125" (3.175mm) .312" (7.925mm)
Hardware kits include: 2 stainless steel screws, 2 hex nuts, 2 lockwashers, & 2 standoffs
CONTACT MATERIALS & RATINGS W G A
Silver over Silver Gold over Brass or Copper Power Level Logic Level 6A @ 125V AC & 3A @ 250V AC 0.4VA maximum @ 28V AC/DC maximum
Note: See Supplement section to find complete explanation of operating range. Gold over Silver Power Level or Logic Level 6A @ 125V AC or 0.4VA maximum @ 28V AC/DC maximum
Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits within the same application. See Supplement section to find complete explanation of dual rating and operating range.
TERMINALS 01
Solder Lug
Epoxy Seal (2.0) .079 (4.0) .157
(2.0) (1.1) .079 .043 Thk = (0.8) .031
03
.250" (6.35mm) Straight PC
3 2
3
(4.8) .189
6 5 4
3
6 5 4
9 8 7
(4.8) Typ .189 (4.7) Typ .185
3 2 1
6 5 4
9 8 7
12 11 10
(4.8) Typ .189 (4.7) Typ .185
(4.7) Typ .185 (1.8) Dia Typ .073
2 1
(4.7) Typ .185
2 1
Epoxy Seal
(6.35) (4.8) .250 .189
1
(1.17) .046 Thk = (0.8) .031
(1.8) Dia Typ .073
(1.8) Dia Typ .073
(1.8) Dia Typ .073
Single Pole
Double Pole
Three Pole
Four Pole
03-07
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
Flat Frame Mount Miniature Rockers
ROCKERS & PADDLES
For TN Frame
Series M
D
AT4148 .365" (9.27mm) Wide Rocker
E
AT4149 .365" (9.27mm) Wide Paddle
Material: Polyamide Finish: Matte
Material: Polyamide Finish: Matte
(9.27) .365 (2.13) .084 (3.96) .156 (18.8) .740 (8.8) .346 (3.5) .138 (8.43) R .332
(9.27) .365
(16.87) .664 (13.49) .531 (7.9) (6.15) .311 .242
(16.8) .661
(3.5) .138
F
AT4150 .450" (11.43mm) Wide Rocker
G
AT4151 .450" (11.43mm) Wide Paddle
Material: Polyamide Finish: Matte
(11.43) .450 (11.8) .465 (9.19) .362 (8.1) (6.3) .319 .248 (7.7) .303 (3.5) .138
Material: Polyamide Finish: Matte
(11.43) .450 (2.36) .093 (3.18) .125 (16.36) .644 (5.84) R .230
(11.8) .465
(3.5) .138
For TY Frame
J
AT4156 .595" (15.11mm) Wide Rocker
H
AT4157 .595" (15.11mm) Wide Paddle
Material: Polyamide Finish: Matte
Material: Polyamide Finish: Matte
(14.33) .564
(2.36) .093
(15.11) .595 (26.78) 1.054 (23.01) .906 (11.0) .433
(4.75) .187 (29.82) 1.174
(13.5) R .531 (7.3) .287 (3.5) .138
(8.4) (6.5) .331 .256
(3.5) .138
(15.11) .595
(26.8) 1.055
Cap Colors Available:
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
H
Gray
03-07
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
Flat Frame Mount Miniature Rockers
TYPICAL SWITCH DIMENSIONS
TN Frame * Solder Lug
(2.4) Dia Typ .094
Series M
Single Pole
(12.3) .484 (3.5) .138 Circuit Mark This Side (1.1) x (2.0) Typ .043 x. 079
3
(23.8) .937 (29.5) 1.161
25
(4.7) Typ .185 (0.8) Typ .031
2 1
(13.0) .512
M2012TNW01-DC
(6.9) .272 (9.27) .365
(7.9) .311 (9.65) .380
(0.6) .024 (10.3) .406
(0.5) .020 (4.5) .177
(7.9) .311
(2.0) .079
TN Frame * Solder Lug
(2.4) Dia Typ .094
Double Pole
(12.3) .484 (3.5) .138 Circuit Mark This Side (23.8) .937 (4.7) Typ .185 (0.8) Typ .031
6 5 4 3 2 1
(1.1) x (2.0) Typ .043 x. 079
(2.0) Typ .079
(29.5) 1.161
25
(13.0) .512
M2022TNW01-DC
(6.9) .272 (9.27) .365
(7.9) .311 (9.65) .380
(0.6) .024 (10.3) .406
(4.5) .177
(0.5) .020
(4.8) .189 (12.7) .500
TN Frame * Solder Lug
(2.4) Dia Typ .094
Three Pole
(12.3) .484 (3.5) .138 Circuit Mark This Side
9 6 5 4 3 2 1
(1.1) x (2.0) Typ .043 x .079
(2.0) Typ .079
(23.8) .937 (29.5) 1.161
25
(4.7) Typ .185 (0.8) Typ .031
8 7
(13.0) .512
M2032TNW01-DC
(6.9) .272 (9.27) .365
(7.9) .311 (9.65) .380
(0.6) .024 (12.4) .488
(0.5) .020 (4.5) .177 (17.5) .689
(4.8) Typ .189
TN Frame * Solder Lug
(2.4) Dia Typ .094
Four Pole
(12.3) .484 (3.5) .138 Circuit Mark This Side
12 9 8 7 6 5 4 3 2 1
(1.1) x (2.0) Typ .043 x .079
(2.0) Typ .079
(23.8) .937 (29.5) 1.161
25
(4.7) Typ .185 (0.8) Typ .031
11 10
(13.0) .512
(6.9) .272
(7.9) .311 (9.65) .380
(0.6) .024 (12.4) .488 (4.5) .177
(0.5) .020 (22.3) .878
(4.8) Typ .189
M2042TNW01-DC
(9.27) .365
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Flat Frame Mount Miniature Rockers
TYPICAL SWITCH DIMENSIONS
TY Frame * Solder Lug
(3.2) Dia Typ .126 (14.5) .571
Series M
Double Pole
Single Pole
(3.5) .138 Circuit Mark This Side
3 2 1
(1.1) x (2.0) Typ .043 x .079
(41.3) 1.626
(34.9) 1.374
25
(4.7) Typ .185 (0.8) Typ .031
6
3 2 1
(13.0) .512
5 4
(13.0) .512
(12.8) .504 (15.11) .595
(8.4) .331 (10.0) .394
(0.6) .024 (10.0) .394
(4.5) .177
(0.5) .020 (7.9) .311
(2.0) .079
(4.8) .189
(2.0) Typ .079
M2012TYW01-JC
Double pole has barrier between terminals.
TY Frame * Solder Lugv
(3.2) Dia Typ .126
Three Pole
(14.5) .571 (3.5) .138 Circuit Mark This Side
9 6 5 4 3 2 1
(1.1) x (2.0) Typ .043 x .079
(2.0) Typ .079
(41.3) 1.626
(34.9) 1.374
25
(4.7) Typ .185 (0.8) Typ .031
8 7
(13.0) .512
(12.8) .504 (15.11) .595
(8.4) .331 (10.0) .394
(0.6) .024 (12.1) .476 (4.5) .177
(0.5) .020 (17.5) .689
(4.8) Typ .189
M2032TYW01-JC
TY Frame * Solder Lug
(3.2) Dia Typ .126
Four Pole
(14.5) .571 (2.0) Typ .079 (3.5) .138 Circuit Mark This Side
12 9 8 7 6 5 4 3 2 1
(1.1) x (2.0) Typ .043 x .079
(41.3) 1.626
(34.9) 1.374
25
(4.7) Typ .185 (0.8) Typ .031
11 10
(13.0) .512
(12.8) .504 (15.11) .595
(8.4) .331 (10.0) .394
(0.6) .024 (12.1) .476
(0.5) .020 (4.5) .177 (22.3) .878
(4.8) Typ .189
M2042TYW01-JC NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com 03-07
Flat Frame Mount Miniature Rockers
LEGENDS
Series M
General information and basic specifications are presented here for customers who want to do their own legends. Suggested Printable Area for Cap
AT4148
AT4150
AT4156
ON
ON
ON
(6.9) Typ .272 (0.76) Typ .030 (7.75) .305 (9.27) .365
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
F OF
(0.38) Typ .015 (5.76) Typ .227 (0.76) Typ .030 (4.5) Typ .177 (0.76) Typ .030
(9.91) .390 (11.43) .450
Shaded areas are printable areas. Recommended Print Method: Screen Print or Pad Print Epoxy based ink is recommended.
Additional Method An additional method for legends is engraving the cap. Maximum depth for engraving is .012" (0.3mm) on the cap. Enamel paint is recommended to fill the engraved area.
LEGEND PACKET
1. To order caps with legends contact the factory and request the M Rocker Legend Packet. 2. Once you determine your desired legend, fill out the ordering work sheet included in the packet. 3. Return the completed work sheet to receive a quotation.
OF
F OF
F
(0.38) Typ .015 (0.76) Typ .030 (3.36) Typ .132
(0.38) Typ .015 (11.18) Typ .440 (10.03) Typ .395
(0.76) Typ .030
(13.59) .535 (15.11) .595
(0.76) Typ .030
03-07


▲Up To Search▲   

 
Price & Availability of M2013TNA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X