Part Number Hot Search : 
N4121 H0022 SM110 ENA1771 78S15 DA9022 153PPA RS252
Product Description
Full Text Search
 

To Download LMBT2222ATT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
General Purpose Transistor
NPN Silicon
These transistors are designed for general purpose amplifier applications. They are housed in the SC-89 package which is designed for low power surface mount applications.
Features
LMBT2222ATT1G
3
1 2
* We declare that the material of product compliance with RoHS requirements.
ORDERING INFORMATION
Device LMBT2222ATT1G LMBT2222ATT3G Maring 1P 1P
Shipping
SC-89
COLLECTOR 3 1 BASE 2 EMITTER
3000 / Tape & Reel 10000 / Tape & Reel
MAXIMUM RATINGS (TA = 25C)
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous Symbol VCEO VCBO VEBO IC Max 40 75 6.0 600 Unit Vdc Vdc Vdc mAdc
MARKING DIAGRAM
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation (Note 1) TA = 25C Thermal Resistance, Junction-to-Ambient Operating and Storage Junction Temperature Range Symbol PD RqJA TJ, Tstg Max 150 833 -55 to +150 Unit mW C/W C 1P M G 1
1P M G G
= Specific Device Code = Date Code = Pb-Free Package
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Collector -Emitter Breakdown Voltage (Note 1) (IC = 1.0 mAdc, IB = 0) Collector -Base Breakdown Voltage (IC = 10 mAdc, IE = 0) Emitter -Base Breakdown Voltage (IE = 10 mAdc, IC = 0) Base Cutoff Current (VCE = 60 Vdc, VEB = 3.0 Vdc) Collector Cutoff Current (VCE = 60 Vdc, VEB = 3.0 Vdc) V(BR)CEO V(BR)CBO V(BR)EBO IBL ICEX 40 75 6.0 - - - - - 20 100 Vdc Vdc Vdc nAdc nAdc Symbol Min Max Unit
1/3
LESHAN RADIO COMPANY, LTD.
LMBT2222ATT1G
ON CHARACTERISTICS (Note 2) DC Current Gain (IC = 0.1 mAdc, VCE = 10 Vdc) (IC = 1.0 mAdc, VCE = 10 Vdc) (IC = 10 mAdc, VCE = 10 Vdc) (IC = 150 mAdc, VCE = 10 Vdc) (IC = 500 mAdc, VCE = 10 Vdc) Collector -Emitter Saturation Voltage (IC = 150 mAdc, IB = 15 mAdc) (IC = 500 mAdc, IB = 50 mAdc) Base -Emitter Saturation Voltage (IC = 150 mAdc, IB = 15 mAdc) (IC = 500 mAdc, IB = 50 mAdc) SMALL- SIGNAL CHARACTERISTICS Current -Gain - Bandwidth Product (IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz) Output Capacitance (VCB = 10 Vdc, IE = 0, f = 1.0 MHz) Input Capacitance (VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz) Input Impedance (VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz) Voltage Feedback Ratio (VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz) Small -Signal Current Gain (VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz) Output Admittance (VCE = 10 Vdc, IC = 10 mAdc, f = 1.0 kHz) Noise Figure (VCE = 10 Vdc, IC = 100 mAdc, RS = 1.0 k ohms, f = 1.0 kHz) SWITCHING CHARACTERISTICS Delay Time Rise Time Storage Time Fall Time (VCC = 3.0 Vdc, VBE = - 0.5 Vdc, IC = 150 mAdc, IB1 = 15 mAdc) (VCC = 30 Vdc, IC = 150 mAdc, IB1 = IB2 = 15 mAdc) td tr ts tf - - - - 10 25 225 ns 60 ns fT Cobo Cibo hie hre hfe hoe NF 250 - - 0.25 - 75 25 - - 8.0 30 1.25 4.0 375 200 4.0 MHz pF pF kW X 10- 4 - mmhos dB HFE 35 50 75 100 40 VCE(sat) - - VBE(sat) 0.6 - 1.2 2.0 0.3 1.0 Vdc - - - - - Vdc -
1. Device mounted on FR4 glass epoxy printed circuit board using the minimum recommended footprint. 2. Pulse Test: Pulse Width 300 ms, Duty Cycle 2.0%.
2/3
LESHAN RADIO COMPANY, LTD.
LMBT2222ATT1G
SC-89
A -XNOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 463C-01 OBSOLETE, NEW STANDARD 463C-02. MILLIMETERS MIN NOM MAX 1.50 1.60 1.70 0.75 0.85 0.95 0.60 0.70 0.80 0.23 0.28 0.33 0.50 BSC 0.53 REF 0.10 0.15 0.20 0.30 0.40 0.50 1.10 REF --- --- 10 _ --- --- 10 _ 1.50 1.60 1.70 INCHES NOM 0.063 0.034 0.028 0.011 0.020 BSC 0.021 REF 0.006 0.016 0.043 REF --- --- 0.063
3 1 2
B -Y-
S
K G
2 PL
D 0.08 (0.003)
M
3 PL
XY
M C
N J -TSEATING PLANE
DIM A B C D G H J K L M N S
MIN 0.059 0.030 0.024 0.009 0.004 0.012 --- --- 0.059
MAX 0.067 0.040 0.031 0.013 0.008 0.020 10 _ 10 _ 0.067
H
H
L
G RECOMMENDED PATTERN OF SOLDER PADS
3/3


▲Up To Search▲   

 
Price & Availability of LMBT2222ATT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X