Part Number Hot Search : 
MBR1070 03R3LF LTC4413 T93C46 PWPA7554 1271A APTGT200 5R114
Product Description
Full Text Search
 

To Download LM1MA141KT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Single Silicon Switching Diode
This Silicon Epitaxial Planar Diode is designed for use in ultra high speed switching applications. This device is housed in the SC-70 package which is designed for low power surface mount applications. * Fast trr, < 3.0 ns * Low C , < 2.0 pF rr
LM1MA141KT1G LM1MA142KT1G
SC-70/SOT-323 PACKAGE SINGLE SILICON SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT
3
We declare that the material of product compliance with RoHS requirements.
DEVICE MARKING AND ORDERING INFORMATION
Device LM1MA141KT1G LM1MA141KT3G LM1MA142KT1G LM1MA142KT3G Package SOT-323/SC-70 SOT-323/SC-70 SOT-323/SC-70 SOT-323/SC-70 Shipping 3000/Tape&Reel 10000/Tape&Reel 3000/Tape&Reel 10000/Tape&Reel
1 2
SOT-323 /SC - 70
CATHODE 3
DEVICE MARKING LM1MA141KT1G = MH
LM1MA142KT1G=MI
1
MAXIMUM RATINGS (TA = 25C) Rating Reverse Voltage LM1MA141KT1G LM1MA142KT1G Peak Reverse Voltage L M1MA141KT1G L M1MA142KT1G Forward Current Peak Forward Current Peak Forward Surge Current THERMAL CHARACTERISTICS Rating Power Dissipation Junction Temperature Storage Temperature Symbol PD TJ Tstg
Symbol VR VRM IF IFM IFSM(1)
Value 40 80 40 80 100 225 500
Unit Vdc Vdc mAdc mAdc mAdc
ANODE
2 NO CONNECTION
Marking Symbol Type No. 141K 142K Symbol MH MI
MHX
The "X" represents a smaller alpha digit Date Code. The Date Code indicates the actual month in which the part was manufactured.
Max 150 150 -55 ~ +150
Unit mW C C
ELECTRICAL CHARACTERISTICS (TA = 25C) Characteristic Reverse Voltage Leakage Current LM1MA141KT1G LM1MA142KT1G Forward Voltage Reverse Breakdown Voltage LM1MA141KT1G L M1MA142KT1G Diode Capacitance Reverse Recovery 1. t = 1 SEC 2. trr Test Circuit Time CD trr(2) VR=0, f=1.0 MHz IF=10mA,VR=6.0V RL=100,Irr=0.1 IR Symbol IR VF VR Condition VR = 35 V VR = 75 V IF = 100 mA IR = 100 A Min -- -- -- 40 80 -- -- Max 0.1 0.1 1.2 -- -- 2.0 3.0 Unit Adc Vdc Vdc pF ns
1/3
LESHAN RADIO COMPANY, LTD.
LM1MA141KT1G LM1MA142KT1G
RECOVERY TIME EQUIVALENT TEST CIRCUIT INPUT PULSE OUTPUT PULSE
IF, FORWARD CURRENT (mA)
VF, FORWARD VOLTAGE (VOLTS) Figure 1. Forward Voltage
IR, REVERSE CURRENT (A)
VR, REVERSE VOLTAGE (VOLTS) Figure 2. Reverse Current
C D, DIODE CAPACITANCE (pF)
VR, REVERSE VOLTAGE (VOLTS) Figure 3. Diode Capacitance
2/3
LESHAN RADIO COMPANY, LTD.
LM1MA141KT1G LM1MA142KT1G SC-70/SOT-323
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
A L
3
DIM A B C D G H J K L N S
S
1 2
B
D G
C 0.05 (0.002)
N K
J
INCHES MILLIMETERS MIN MA X MIN MA X 0.071 0.087 1.80 2.20 0.045 0.053 1.15 1.35 0.032 0.040 0.80 1.00 0.012 0.016 0.30 0.40 0.047 0.055 1.20 1.40 0.000 0.004 0.00 0.10 0.004 0.010 0.10 0.25 0.017 REF 0.425 REF 0.026 BSC 0.650 BSC 0.028 REF 0.700 REF 0.079 0.095 2.00 2.40
H
0.025 0.65
0.025 0.65
0.075 1.9 0.035 0.9 0.028 0.7 inches mm
3/3


▲Up To Search▲   

 
Price & Availability of LM1MA141KT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X