Part Number Hot Search : 
VS9LARJ P115J BCM5674 BAT64 LF8411 01QQCN INTER R23MF1
Product Description
Full Text Search
 

To Download L9014SLT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
General Purpose Transistors
NPN Silicon
FEATURE
Complementary to L9015.
3
L9014XLT1G
We declare that the material of product compliance with RoHS requirements.
1
DEVICE MARKING AND ORDERING INFORMATION
Device L9014QLT1G L9014QLT3G L9014RLT1G L9014RLT3G L9014SLT1G L9014SLT3G L9014TLT1G L9014TLT3G Marking 14Q 14Q 14R 14R 14S 14S 14T 14T Shipping 3000/Tape&Reel 10000/Tape&Reel 3000/Tape&Reel 10000/Tape&Reel 3000/Tape&Reel 10000/Tape&Reel 3000/Tape&Reel 10000/Tape&Reel
1 BASE
2
SOT- 23
COLLECTOR 3
2 EMITTER
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector current-continuoun Symbol VCEO VCBO VEBO IC Value 45 50 5 100 Unit V V V mA
THERMAL CHARATEERISTICS
Characteristic Total Device Dissipation FR-5 Board, (1) TA=25 C Derate above 25 C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (2) TA=25 C Derate above 25oC Thermal Resistance, Junction to Ambient Junction and Storage Temperature R
JA
o
Symbol PD
Max
Unit
o
225
o
mW mW/oC
o
1.8 R
JA
556
C/W
PD 300 2.4 417 -55 to +150 mW mW/oC
o
C/W
o
TJ ,Tstg
C
1/4
LESHAN RADIO COMPANY, LTD.
L9014*LT1G
ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
OFF CHARACTERISTICS Characteristic Collector-Emitter Breakdown Voltage (IC=1.0mA) Emitter-Base Breakdown Voltage (IE=100 A) V(BR)CBO 50 V V(BR)EBO 5 V Symbol V(BR)CEO Min 45 Typ Max Unit V
Collector-Base Breakdown Voltage (IC=100 A)
Collector Cutoff Current (VCB=40V) Emitter Cutoff Current (VEB=3V) ON CHARACTERISTICS DC Current Gain (IC=1mA, VCE=5V) Collector-Emitter Saturation Voltage (IC=100mA,IB=5mA)
ICBO IEBO
-
-
100 100
nA nA
HFE
150
-
1000
VCE
-
-
0.3
V
NOTE:
* HFE
Q 150~300
R 200~400
S 300~600
T 400~1000
2/4
LESHAN RADIO COMPANY, LTD.
L9014*LT1G
STATIC CHARACTERISTIC
DC CURRENT GAIN
BASE-EMITTER SATURATION VOLTAGE COLLECTOR-EMITTER SATURATION VOLTAGE
CURRENT GAIN-BANDWIDTH PRODUCT
3/4
LESHAN RADIO COMPANY, LTD.
L9014*LT1G SOT-23
NOTES:
A L 3 1 V G 2 BS
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
DIM A B C D G H J K L S V
C D H K J
INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236
MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
PIN 1. BASE 2. EMITTER 3. COLLECTOR
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
4/4


▲Up To Search▲   

 
Price & Availability of L9014SLT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X