Part Number Hot Search : 
ST4460FX CL3225 MBR2050 MUR160 CPH6412 CPH6412 LA72702 B400C
Product Description
Full Text Search
 

To Download JCG1212D12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC-DC
12 Watts JCG Series
* * * * * * * High Power Density 2:1 Input Range
xppower.com
Operating Temperature -40 C to +100 C Single & Dual Outputs Continuous Short Circuit Protection 1600 VDC Isolation High Efficiency - up to 91%
Specification
Input
* 12 V (9-18 VDC) 24 V (18-36 VDC) 48 V (36-75 VDC) Input Current * See table Input Filter * Pi network Input Reflected Ripple * 20 mA pk-pk through 12 H inductor, 5 Hz to 20 MHz Input Surge * 12 V models 36 VDC for 1000 ms 24 V models 50 VDC for 1000 ms 48 V models 100 VDC for 1000 ms Input Voltage Range
General
Efficiency Isolation * See tables * 1600 VDC Input to Output 1600 VDC Input to Case 1600 VDC Output to Case * 1200 pF max * 266 kHz typical * >1 MHrs to MIL-STD-217F
Isolation Capacitance Switching Frequency MTBF
Environmental
Operating Temperature * -40 C to +100 C, derate from 100% load at +60 C to no load at +100 C Case Temperature * +100 C max Storage Temperature * -40 C to +125 C Humidity * Up to 90%, non-condensing Cooling * Natural convection
Output
Output Voltage Output Voltage Balance Minimum Load Intial Set Accuracy Start Up Delay Start Up Rise Time Line Regulation Load Regulation Cross Regulation Transient Response Ripple & Noise * * * * * * * * * * * See table 1% max, dual output models No minimum load required 1% max <20 ms <10 ms 0.5% max 0.5% max single, 1.0% max dual 5% on dual output models, see note 2 <3% deviation, recovery to within 1% in 250 s for a 25% load change 85 mV pk-pk, 20 MHz BW, with 1 F ceramic capacitor, see note 3 >150% 2.5/3.3 V models: 3.9 V typical 5 V models: 6.2 V typical 12 V models: 15.0 V typical 15 V models: 18.0 V typical 12 V models: 15.0 V typical 15 V models: 18.0 V typical Trip & restart (hiccup) with auto recovery See tables
EMC
Emissions ESD Immunity Radiated Immunity EFT/Burst Surge Conducted Immunity Magnetic Field *See note 4. * EN55022 Class A conducted with external components - see application note * EN61000-4-2, 4 kV contact discharge Perf Criteria B * EN61000-4-3, 3 V/m Perf Criteria A * EN61000-4-4, level 3, Perf Criteria B* * EN61000-4-5, level 3, Perf Criteria B* * EN61000-4-6, 3 Vrms, Perf Criteria A * EN61000-4-8, 1 A/m, Perf Criteria A
Overload Protection * Overvoltage Protection *
Short Circuit Protection Maximum Capacitive Load Temperature Coefficient Remote On/Off
* *
* 0.02/C max * ON = 3-12 V or open circuit OFF <1.2 VDC or short circuit pin 1, 2 & 3
DC-DC
Models and Ratings
Input Voltage Output Voltage
2.5 3.3 5.0 12.0 15.0 12.0 15.0 2.5 3.3 5.0 12.0 15.0 12.0 15.0 2.5 3.3 5.0 12.0 15.0 12.0 15.0 V V V V V V V V V V V V V V V V V V V V V
JCG Series
Output Current
3.5 3.5 2.4 1.0 0.8 0.5 0.4 3.5 3.5 2.4 1.0 0.8 0.5 0.4 3.5 3.5 2.4 1.0 0.8 0.5 0.4 A A A A A A A A A A A A A A A A A A A A A
Input Current(1) No Load Full Load
15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 12 15 mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA 0.889 1.146 1.163 1.149 1.149 1.149 1.136 0.445 0.573 0.581 0.575 0.575 0.575 0.562 0.225 0.283 0.291 0.294 0.291 0.294 0.291 A A A A A A A A A A A A A A A A A A A A A
Maximum Capacitive Load
2000 2000 2000 430 300 200 120 2000 2000 2000 430 300 200 120 2000 2000 2000 430 300 200 120 F F F F F F F F F F F F F F F F F F F F F
Efficiency
85% 87% 89% 90% 90% 90% 91% 85% 87% 89% 90% 90% 90% 91% 84% 88% 89% 88% 89% 88% 89%
Model Number
JCG1212S2V5 JCG1212S3V3 JCG1212S05 JCG1212S12 JCG1212S15 JCG1212D12 JCG1212D15 JCG1224S2V5 JCG1224S3V3 JCG1224S05 JCG1224S12 JCG1224S15 JCG1224D12 JCG1224D15 JCG1248S2V5 JCG1248S3V3 JCG1248S05 JCG1248S12 JCG1248S15 JCG1248D12 JCG1248D15
9-18 V
18-36 V
36-75 V
Notes
1. Input current measured at nominal input voltage. 2. When one output is set to 100% load and the other varies between 25% & 100% load. 3. Measured with 1 F ceramic capacitor across output rails. 4. A 300 F, 100 V capacitor is required across input terminals to meet performance criteria A.
Mechanical Details
All dimensions are in inches (mm) Weight: 0.04 lbs (20 g) approx. 24 Pin DIL Package - Nickel Coated Copper
1.25 (31.75) 0.08 (2.00) 0.90 (22.86)
Pin Connections Pin Single Remote On/Off -Vin -Vin No Pin Not Connected +Vout -Vout +Vin +Vin Dual Remote On/Off -Vin -Vin Common -Vout +Vout Common +Vin +Vin
9 11
12
3
1
0.60 (15.24)
0.80 (20.32)
DIA 0.02 (0.50)
23
Bottom View
22 16 14
2 3 9 11 14 16 22 23
0.10 (2.54)
0.40 (10.40) 0.12 (3.05) Min.
Notes: 1. Pin diameter: 0.02 0.002 (0.5 0.05) 2. Pin pitch tolerance: 0.014 (0.35) 3. Case Tolerance: 0.02 (0.5)
Application Notes
Derating Curve
100
+Vin +Vout
Input Filter
80 Load (%) 60
C1
L
DC/DC Converter
LOAD
40 20 0 -40 -20
-Vin -Vout
0
10
20 30 40 50 60 Ambient Temperature (C)
70
80
90
100
Model 12 V 24 V 48 V
L 12 H 12 H 12 H
C1 100 F, 100 V 100 F, 100 V 100 F, 100 V
Remote On/Off Standard ROF logic is positive Output On >3.0 VDC or open circuit Output Off <1.2 VDC or short circuit pins 1, 2 & 3
27-Nov-08


▲Up To Search▲   

 
Price & Availability of JCG1212D12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X