|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
850 nm Window Multi-mode Single Channel Integrated Tap Monitors ITMSMM Series Product Description Oplink's Multi-mode Single Channel Integrated Tap Monitor (ITMS) is a hybrid component that integrates a flat spectral response of a thin-film tap with a Si photodiode for power monitoring applications in 850nm window. The ITMS minimizes component assembly costs and module footprint while increasing module design efficiency by facilitating fiber management. The ITMS integrates the functionality of an optical coupler and a photodiode while delivering low insertion loss and low dark current with high temperature stability over a wide wavelength range. It is compact and easy to mount on a PCB board for module and network system use. Applications include power monitoring, optical network switching/ protection monitoring in GigE networks. Oplink can provide customized designs to meet specialized feature applications. Also, Oplink offers modular assemblies that integrate other components to form a full function module or subsystem. Performance Specificationns Parameters Specification Min. Typ. Max. Unit Features 3-pin Package Easily Mounted on a PCB Low Dark Current Various Tap Ratios Available High Temperature Stability with Hermetically Sealed Photodiode Operating Wavelength Range Insertion Loss 1 Return loss 1 PD Responsivity (relative to nominal input power) Dark Current 3-dB Bandwidth -5V bias, 23C -5V bias, 70C -5V bias, 50 load 5% Tap 30 15 770 ~ 860 0.8 36 0.05 10 0 to +70 -40 to +85 Multi-mode 50m or 62.5m core (O)5.6 x (L)32 2 15 nm dB dB mA/W nA nA MHz C C Operating Temperature Range Storage Temperature Range Fiber Type Package Dimensions Notes: Applications mm 850nm Window Power Monitoring Based on FOTP-34 method A, steady state equilibrium launch conditions. 1) Excluding connectors. R04.20090622 850 nm Window Multi-mode Single Channel Integrated Tap Monitors ITMSMM Series Mechanical Drawing / Package Dimensions (dimension in mm) 0.45 mm Lead, 12mm 2.5 mm 46335 Landing Pkwy Fremont, CA 94538 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com * www.oplink.com Standard Package Pin Assignment Pin 1: Pin 2: Pin 3: Anode Cathode Case Ground Ordering Information Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200. ITMS 8 0 1 0 0 Tap Ratio 05/95 = 05 Bandwidth 0.1G = 01 Fiber Length 0.5meter = H 1.0meter = 1 1.5meter = 5 2.0meter = 2 Connector Type None = 1 FC/PC= 2 FC/SPC= 3 FC/APC= 4 SC/PC= 5 SC/SPC= 6 SC/APC= 7 ST= 8 LC= 9 MU= A Wavelength 850nm = 8 Package & Fiber Type P1+ 50m core bare fiber = 11 P1+ 62.5m core bare fiber = 12 P1+ 50m core 900m loose tube = 13 P1+ 62.5m core 900m loose tube = 14 * The tolerance of fiber length is +/-0.1m. * RoHS: Add "G" to the end of the above PN for RoHS 6 R04.20090622 Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules |
Price & Availability of ITMS8050100111 |