Part Number Hot Search : 
150K6 BUZ23 A1733 KTC319 HA535107 GRM0335 PCI2250 P4038YGK
Product Description
Full Text Search
 

To Download IRFP32N50K04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 94099B
SMPS MOSFET
Applications l Switch Mode Power Supply (SMPS) l Uninterruptible Power Supply l High Speed Power Switching l Hard Switched and High Frequency Circuits Benefits l Low Gate Charge Qg results in Simple Drive Requirement l Improved Gate, Avalanche and Dynamic dv/dt Ruggedness l Fully Characterized Capacitance and Avalanche Voltage and Current l Low RDS(on) Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds (1.6mm from case ) Mounting torque, 6-32 or M3 screw
IRFP32N50K
HEXFET(R) Power MOSFET
VDSS
500V
RDS(on)typ.
0.135
ID
32A
TO-247AC
Max.
32 20 130 460 3.7 30 13 -55 to + 150 300
Units
A W W/C V V/ns
C 10lb*in (1.1N*m)
Avalanche Characteristics
Symbol
EAS IAR EAR
Parameter
Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy
Typ.
--- --- ---
Max.
450 32 46
Units
mJ A mJ
Thermal Resistance
Symbol
RJC RCS RJA
Parameter
Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient
Typ.
--- 0.24 ---
Max.
0.26 --- 40
Units
C/W
www.irf.com
1
10/19/04
IRFP32N50K
Static @ TJ = 25C (unless otherwise specified)
Symbol V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) IDSS IGSS
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage
Min. Typ. Max. Units Conditions 500 --- --- V VGS = 0V, ID = 250A --- 0.54 --- V/C Reference to 25C, ID = 1mA --- 0.135 0.16 VGS = 10V, ID = 32A 3.0 --- 5.0 V VDS = V GS, ID = 250A --- --- 50 A VDS = 500V, VGS = 0V --- --- 250 A VDS = 400V, VGS = 0V, TJ = 150C --- --- 100 VGS = 30V nA --- --- -100 VGS = -30V
Dynamic @ TJ = 25C (unless otherwise specified)
gfs Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Coss Coss Coss eff. Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance Min. 14 --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- --- --- --- 28 120 48 54 5280 550 45 5630 155 265 Max. Units Conditions --- S VDS = 50V, ID = 32A 190 ID = 32A 59 nC VDS = 400V 84 VGS = 10V --- VDD = 250V --- ID = 32A ns --- RG = 4.3 --- VGS = 10V --- VGS = 0V --- VDS = 25V --- pF = 1.0MHz, See Fig. 5 --- VGS = 0V, VDS = 1.0V, = 1.0MHz --- VGS = 0V, VDS = 400V, = 1.0MHz --- VGS = 0V, VDS = 0V to 400V
Diode Characteristics
Symbol IS
ISM
VSD trr Qrr IRRM ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Reverse RecoveryCurrent Forward Turn-On Time
Min. Typ. Max. Units --- --- --- --- 32 A 130
--- --- 1.5 V --- 530 800 ns --- 9.0 13.5 C --- 30 --- A Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = 32A, V GS = 0V TJ = 25C, IF = 32A di/dt = 100A/s
D
S
Repetitive rating; pulse width limited by
max. junction temperature.
Pulse width 400s; duty cycle 2%. Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS .
Starting TJ = 25C, L = 0.87mH, RG = 25,
IAS = 32A,
ISD 32A, di/dt 296A/s, VDD V(BR)DSS,
TJ 150C
R is measured at TJ approximately 90C
2
www.irf.com
IRFP32N50K
1000
VGS 15V 12V 10V 8.0V 7.0V 6.0V 5.5V BOTTOM 5.0V TOP
100
VGS 15V 12V 10V 8.0V 7.0V 6.0V 5.5V BOTTOM 5.0V TOP
I D, Drain-to-Source Current (A)
100
ID, Drain-to-Source Current (A)
10
10
5.0V
1
1
0.1
5.0V 20s PULSE WIDTH Tj = 25C
20s PULSE WIDTH Tj = 150C
0.1
0.01 0.1 1 10 100
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
VDS Drain-to-Source Voltage (V) ,
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
RDS(on) , Drain-to-Source On Resistance (Normalized)
1000
3.0
ID = 32A
I D , Drain-to-Source Current (A)
2.5
100
TJ = 150 C
2.0
10
1.5
TJ = 25 C
1
1.0
0.5
0.1
V DS = 50V 20s PULSE WIDTH 4 5 7 8 9 11 12
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFP32N50K
100000
VGS , Gate-to-Source Voltage (V)
V GS = 0V, f = 1 MHZ Ciss = Cgs + Cgd, Cds Crss = Cgd Coss = Cds + Cgd
20
SHORTED
ID = 32A V DS= 400V V DS= 250V V DS= 100V
16
10000
C, Capacitance(pF)
Ciss
12
1000
Coss
100
8
4
Crss
10 1 10 100 1000
0
0
40
80
120
160
200
VDS, Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
TJ = 150 C
ID , Drain Current (A)
100
100 10us
10
100us 10 1ms
TJ = 25 C
1
0.1 0.2
V GS = 0 V
0.6 0.9 1.3 1.6
1
TC = 25 C TJ = 150 C Single Pulse
10 100
10ms 1000 10000
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFP32N50K
35 30
VDS VGS RG 10V
Pulse Width 1 s Duty Factor 0.1 %
RD
D.U.T.
+
ID , Drain Current (A)
25 20 15 10 5 0
-VDD
Fig 10a. Switching Time Test Circuit
VDS 90%
25
50
75
100
125
150
TC , Case Temperature ( C)
10% VGS
Fig 9. Maximum Drain Current Vs. Case Temperature
td(on)
tr
t d(off)
tf
Fig 10b. Switching Time Waveforms
1
Thermal Response(Z thJC )
D = 0.50 0.1 0.20 0.10 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1
0.01
0.001 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRFP32N50K
EAS , Single Pulse Avalanche Energy (mJ)
800
640
ID 14A 20A BOTTOM 32A TOP
15V
480
VDS
L
DRIVER
320
RG
20V
D.U.T
IAS
+ V - DD
A
160
tp
0.01
Fig 12c. Unclamped Inductive Test Circuit
0 25 50 75 100 125 150
Starting T J, Junction Temperature ( C)
Fig 12a. Maximum Avalanche Energy Vs. Drain Current
tp
V(BR)DSS
I AS
Fig 12d. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K 12V .2F .3F
QG
VGS
D.U.T. + V - DS
QGS VG
QGD
VGS
3mA
IG
ID
Current Sampling Resistors
Charge
Fig 13a. Gate Charge Test Circuit
Fig 13b. Basic Gate Charge Waveform
6
www.irf.com
IRFP32N50K
Peak Diode Recovery dv/dt Test Circuit
D.U.T Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
+
+
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFET(R) Power MOSFETs
www.irf.com
7
IRFP32N50K
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)
TO-247AC Part Marking Information
EXAMPLE: T HIS IS AN IRFPE30 WIT H ASSEMBLY LOT CODE 5657 ASSEMBLED ON WW 35, 2000 IN T HE ASSEMBLY LINE "H"
Note: "P" in assembly line position indicates "Lead-Free"
PART NUMBER INT ERNATIONAL RECTIFIER LOGO ASS EMBLY LOT CODE
IRFPE30
56 035H 57
DATE CODE YEAR 0 = 2000 WEEK 35 LINE H
This product has been designed and qualified for the industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 10/04
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRFP32N50K04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X