Part Number Hot Search : 
4069U STE53NA SF10SC3L 4D561K TA7310 AD670KP KSL0M211 NTE1790
Product Description
Full Text Search
 

To Download HVR112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HVR112 - HVR120
PRV : 1200 - 2000 Volts Io : 1.0 Ampere
FEATURES :
* * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Pb / RoHS Free
HIGH VOLTAGE RECTIFIER DIODES
DO - 41
0.107 (2.7) 0.080 (2.0)
1.00 (25.4) MIN.
0.205 (5.2) 0.166 (4.2)
MECHANICAL DATA :
* Case : DO-41 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.34 gram
0.034 (0.86) 0.028 (0.71) 1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATING
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Ta = 75C
SYMBOL HVR112 HVR114 HVR116 HVR118 HVR120
VRRM VRMS VDC IF(AV) IFSM VF IR IR(H) Cj RJA TJ TSTG 1200 840 1200 1400 980 1400 1600 1120 1600 1.0 30 2.2 5.0 100 36 26 - 40 to + 150 - 40 to + 150 1800 1260 1800 2000 1400 2000
UNIT
V V V A A V A A pF C/W C C
Maximum Peak Forward Surge Current 8.3ms Single half sine wave Superimposed on rated load (JEDEC Method) Maximum Peak Forward Voltage at IF = 1.0 A Maximum DC Reverse Current at Rated DC Blocking Voltage Ta = 25C Ta = 100C
Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Junction Temperature Range Storage Temperature Range
Notes :
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC (2) Thermal resistance from Junction to Ambient at 0.375" (9.5mm) Lead Lengths, P.C. Board Mounted.
Page 1 of 2
Rev. 02 : March 24, 2005
RATING AND CHARACTERISTIC CURVES ( HVR112 - HVR120 )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
1.0 30
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
0.8
24
0.6
18
0.4
12
0.2
6
0
0
25
50
75
100
125
150
175
0
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
10
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
10
FORWARD CURRENT, AMPERES
TJ = 100 C
REVERSE CURRENT, MICROAMPERES
1
1.0
0.1 Pulse Width = 300 s 1% Duty Cycle TJ = 25 C 0.01 0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0
0.1 TJ = 25 C
0.01 0 20 40 60 80 100
120
140
FORWARD VOLTAGE, VOLTS
PERCENT OF RATED REVERSE VOLTAGE, (%)
Page 2 of 2
Rev. 02 : March 24, 2005


▲Up To Search▲   

 
Price & Availability of HVR112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X