Part Number Hot Search : 
HBD3C4L 80C31 DTC114Y EPA1829C 2SA1318 TL071C 2SK33 00218
Product Description
Full Text Search
 

To Download HVP101-Q050DII Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES HVP101 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES PCB VERSION FORMAT MEET IEC 61000-3-2 HARMONIC CORRECTION MEET UNIVERSAL SAFETY STANDARDS EMI MEET CISPR PUB. 22 & FCC CLASS B CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac with PFC. Input Connector: V-M connector & GND tag. Input Frequency: 47-63Hz. Inrush Current: Typ. 29A@230Vac. Input Current: Typ. 1.3A @115Vac, 0.65A @230Vac. Dielectric Withstand: Meet IEC 60950-1. EMI: Meet CISPR EN 55022 & FCC Class B. Hold-up Time: Typ. 18-25mS @ 115Vac & 230Vac. Power Factor & Harmonic Correction: Meet IEC 61000-3-2, PF typ. 0.97-0.99 @ full load. Power OK: Installed in VO1 & VO2. Over Temperature Protection (OTP): By NTC at quad output only. Earth Leakage: Less than 0.75mA @230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Connector: V-M connector. Output Wattage: Typ. 100 Watts. Line Regulation: Typ. 0.1%. Load Regulation: Main VO1 typ. 1-2%. Aux. VO2 typ. 1-2% (Magnetic Amp.). Aux. VO3 typ. 1-2% (Magnetic Amp.). Aux. VO4 typ. 2-3% (P.R.). Noise & Ripple: Typ. 1% peak to peak. OVP: Built-in at main VO1 & Aux.VO2 & VO3 (latch). Remote Sensing: Available at VO1 & VO2. Adjustability: Available at VO1,VO2 & VO3. Over Current Protection: Built-in at all output. Overload Protection (OLP): Fully protected against output overload and short circuit. OLP set at about 125-150% rating output wattage. Consult the factory for OLP setting. Operating Temperature: 0 to +50C under forced air flow for full load. Storage Temperature: -20 to +85C. Temperature Coefficient: 0.04% /C. Cooling: At least 30 cfm direct forward air flow is required to achieve full rating power. Construction: PCB format. Power Density: 5.6 Watts / Cubic Inch.
GENERAL SPECIFICATION
Efficiency: Typ. 75-80%. Switching Frequency: PFC ckt. 75K Hz. PWM ckt. 170-180K Hz. Circuit Topology: Fixed frequency forward circuit. Transient Response: Output voltage returns in less than 0.3mS following a 25% load change. Safety Standard: IEC 60950-1/UL 60950-1 Class I.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
In application
-45-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
SINGLE OUTPUT (Under forced air flow)
MODEL NO. HVP101-S033200 HVP101-S050160 HVP101-S120085 HVP101-S150068 HVP101-S240042 HVP101-S280036 HVP101-S360028 HVP101-S480021 MAIN VO1 @# Typ. Volt. Peak 20.0A 3.3V 25.0A 16.0A 5.0V 20.0A 8.5A 12.0V 9.0A 6.8A 15.0V 7.0A 4.2A 24.0V 6.0A 3.6A 28.0V 5.0A 2.8A 36.0V 4.0A 2.1A 48.0V 3.0A
DUAL OUTPUT (Under forced air flow)
MODEL NO. HVP101-D050E HVP101-D050I HVP101-D050K HVP101-D050D HVP101-D033I HVP101-D033K MAIN VO1 @# Typ. Volt. 12.0A +5.0V 12.0A +5.0V 12.0A +5.0V 12.0A +5.0V 15.0A +3.3V 15.0A +3.3V AUX. VO2 # Typ. Volt. 6.0A +5.0V 4.0A +12.0V 3.0A +15.0V 8.0A +3.3V 4.0A +12.0V 3.0A +15.0V
QUAD OUTPUT (Under forced air flow)
MODEL NO. HVP101-Q050DII HVP101-Q050DIE HVP101-Q050MII HVP101-Q050KIE HVP101-Q050KII MAIN VO1 @# Typ. Volt 12.0A +5.0V 12.0A +5.0V 10.0A +5.0V 10.0A +5.0V 8.0A +5.0V AUX. VO2 Typ. 6.0A 7.0A 1.5A 2.5A 2.5A @# Volt + 3.3V + 3.3V +24.0V +15.0V +15.0V AUX. VO3 Typ. 1.5A 1.5A 1.5A 1.5A 2.0A @ Volt +12V +12V +12V +12V +12V AUX. VO4 Typ. Volt 0.5A -12V 0.5A - 5V 0.2A -12V 0.4A - 5V 0.2A -12V
Symbol: "" OVP built-in. "@" Adjustable. "#" Remote sense. "" Installed with Post Regulator. "" Installed with magnetic amplifier. Remark: Peak output, less than 60 Sec. with 10% duty cycle.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 368.0g(12.97 Oz.)
SINGLE/DUAL OUTPUT
QUAD OUTPUT
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENTS
AC INPUT
ASSIGNMENT CONNECTOR & PIN # L N GND Tab
SINGLE OUTPUT
VO1 P2-6,7,8, 9,10,11 DC COM P2-1,2, 3,4,5 +VO1# P2-13 P.OK P2-14 VO1 P2-9, 10,11 VO2 P2-6, 7,8
DUAL OUTPUT
DC DC +VO1 # +VO2 # P.OK VO1 VO2 COM COM P2-1,2, P2-1,2, P2-5,6 P2-13 P2-12 P2-14 P2-9,10 3,4 3,4 7,8
QUAD OUTPUT
VO3 VO4 VO1+ # P3-3 VO2+ # P3-4 VO1,2- # P. OK P3-1
P1-3 P1-1
P2-11 P2-12
P3-2
Mating connector: Molex 5195 or 5239 series.
-46-


▲Up To Search▲   

 
Price & Availability of HVP101-Q050DII

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X