Part Number Hot Search : 
00050 TSOP2 R253001 TSOP2 TSOP2 30KPA 74HCT32 MA142
Product Description
Full Text Search
 

To Download HER-35-060050-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
AC/DC EXTERNAL REGULATED WALLMOUNT ADAPTER 2-BLADE USA AND EURO-STECKER AC PLUG SINGLE OUTPUT 1.6-3.6 WATTS LINEAR POWER SUPPLIES HER-35 SERIES
FEATURES:
SMALL & COMPACT IN SIZE 2-BLADES USA & EUROPEAN AC PLUG MEET USA & CANADA STANDARD CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Nominal 100/110/120Vac Custom Vac available. Input Connector: U.S. 2-blade AC plug WM1. Euro-stecker AC plug WM3. Input Frequency: 60Hz.for nominal 100/110/120Vac. 50Hz for nominal 220/230/240Vac. Input Current: 0.1A @120Vac input. Dielectric Withstand: Meet IEC950. EMI: Inherent low conducted and radiated noise level, meet EN 55022 & FCC class B. Hold-up Time: Less than 1mS at nominal input and typical load. Thermal Protection: Thermal fuse installed in the input transformer.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Wattage: 1.6-3.6 Watts typical. Output Connector: Optional. Load Regulation: 5.0% typical at end of 6ft.cord AWG#20 wires. (The exactly voltage regulation obtainable depends upon the output cord & connector selected and load current.) Noise & Ripple: Less than 20 mV. Overload Protection: Protected by thermal fuse buried inside the transformer.
GENERAL SPECIFICATION
Efficiency: 16% for 3.3V unit typical, 20% for 5V unit, 30% for 12V, 15V and 24V unit. Circuit Topology: Line frequency lamination steel transformer circuit. Transient Response: Less than 50S following a 25% load change. Safety Standard: Meet UL1950 Class II. Operating Temperature: 0 to +25/35/40C without derating. (various with output voltage) Storage Temperature: -20 to +85C. Cooling: Free air convection. Construction: Impact resistant plastic enclosure case. Wallmount format in EI-35 case.
NOTE: (1) All measurements are at nominal input, full load, and +25C unless otherwise specified. (2) Due to requests in market and advances in technology, specifications subject to change without notice.
MODEL NO. DESCRIPTION: HER-35 -- X X X Y Y Y - N
AC PLUG: [1] WM1, [3] WM3 OUTPUT CURRENT OUTPUT VOLTAGE SERIES NAME IN EI-35 SIZE
In application.
-49-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
U.S.A VERSION Input Voltage 100-120Vac/ Current 0.1A@60Hz
DEFINED OUTPUT VOLTAGE (Vdc) 3.3Vdc Any Voltage 12.0Vdc 12.0Vdc Any Voltage 24.0Vdc OUTPUT VOLTAGE (Vdc) / CURRENT (A) 3.3-4.5V/0.60-0.54A, 5.0-7.0V/0.52-0.40A, 7.50-9.50V/0.40-0.34A, 10.0-12.0V/0.32-0.30A. 12.0-14.5V/0.30-0.25A, 15.0-17.5V/0.24-0.20A, 18.0-19.5V/0.20-0.18A, 20.0-21.5V/0.18-0.16A 22.0-24.0V/0.16-0.15A. O/P VOLTAGE 3.3Vdc 5.0Vdc 6.0Vdc 9.0Vdc 12.0Vdc 15.0Vdc 24.0Vdc O/P CURRENT 0.60A 0.52A 0.50A 0.34A 0.30A 0.24A 0.15A
Note: Refer to the upper Chart or consult factor for the exact Model No. and V/A
SINGLE OUTPUT (Model No. for examples)
MODEL NO. HER-35-033060-1 HER-35-050052-1 HER-35-060050-1 HER-35-090034-1 HER-35-120030-1 HER-35-150024-1 HER-35-240015-1 AC PLUG WM1 WM1 WM1 WM1 WM1 WM1 WM1 I/P VOLTAGE 120Vac 120Vac 120Vac 120Vac 120Vac 120Vac 120Vac
EUROPEAN VERSION Input Voltage 220-240Vac/ Current 0.1A@50Hz
DEFINED OUTPUT VOLTAGE (Vdc) 3.3Vdc Any Voltage 12.0Vdc 12.0Vdc Any Voltage 24.0Vdc OUTPUT VOLTAGE (Vdc) / CURRENT (A) 3.3-4.5V/0.60-0.54A, 5.0-7.0V/0.52-0.40A, 7.50-9.50V/0.40-0.34A, 10.0-12.0V/0.32-0.30A, 12.0-14.5V/0.30-0.25A, 15.0-17.5V/0.24-0.20A, 18.0-19.5V/0.20-0.18A, 20.0-21.5V/0.18-0.16A 22.0-24.0V/0.16-0.15A. O/P VOLTAGE 3.3Vdc 5.0Vdc 6.0Vdc 9.0Vdc 12.0Vdc 15.0Vdc 24.0Vdc O/P CURRENT 0.50A 0.48A 0.42A 0.34A 0.30A 0.24A 0.15A
Note: Refer to the upper Chart or consult factor for the exact Model No. and V/A
SINGLE OUTPUT (Model No. for examples)
MODEL NO. HER-35-033050-3 HER-35-050048-3 HER-35-060042-3 HER-35-090034-3 HER-35-120030-3 HER-35-150024-3 HER-35-240015-3 AC PLUG WM3 WM3 WM3 WM3 WM3 WM3 WM3 I/P VOLTAGE 220Vac 220Vac 220Vac 230Vac 230Vac 230Vac 230Vac
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: HER-35
200g(7.05 Oz.)
-50-


▲Up To Search▲   

 
Price & Availability of HER-35-060050-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X