Part Number Hot Search : 
NTE389 VLD90 4R200 SWSS0 M4001 B571C MAZT068H KST9209
Product Description
Full Text Search
 

To Download GBU6005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBU6005
Elektronische Bauelemente
THRU
GBU610
VOLTAGE 50V ~ 1000V 6 .0 AMP Glass Passivated Bridge Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen-free.
GBU
.139(3.53) .133(3.37) .874(22.2) .860(21.8) .154(3.9) .146(3.7) .752(19.1) .720(18.3) .232(5.9) .224(5.7) 5 TYP
O O
3.2x3.2 CHAMFER
10 TYP
FEATURES
.073(1.85) .057(1.45)
* Surge Overload Rating -175 AMP Peak * Ideal For Printed Circuit Board Reliable Low Cost * Plastic Technique Construction Utilizing Molded *
Plastic Material Has Underw rites Laboratory Flammability Classification 94V-0
.720(18.29) .680(17.27)
.100(2.54) .085(2.16) .047(1.2) .035(0.9) .080(2.03) .065(1.65)
.106(2.7) .091(2.3)
.022(0.56) .018(0.46)
* Mounting Position: Any
.210 .210 .190 .190 (5.33) (5.33) (4.83) (4.83)
.210 .190 (5.33) (4.83)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note2) Rectified Current @ TC=100 C (without heatsink) Peak Forward Surge Current, 8.3 ms single half Sine-wave Superimposed on rated load (JEDEC method) Maximum Forward Voltage at 3.0A DC o Maximum DC Reverse Current Ta=25 C o at Rated DC Blocking Voltage Ta=125 C I2t Rating for fusing (t<8.3ms) Typical Junction Capacitance per element (Note1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range
O
o
SYMBOL VRRM VRMS VDC I(AV) IFSM VF IR I2 t CJ RJC TJ TSTG
GBU 6005
GBU 601
GBU 602
GBU 604
GBU 606
GBU 608
GBU 610
UNITS V V V A A V A
A2S
50 35 50
100 70 100
200 140 200
400 280 400 6.0 2.8 175 1.1 10.0 500 127 50 2.2 - 55 ~ + 150 - 55 ~ + 150
600 420 600
800 560 800
1000 700 1000
pF
o
C/W o C o C
NOTES: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Device mounted on 75mm*75mm*1.6mm Cu plate heatsink.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2007 Rev. A
Page 1 of 2
GBU6005
Elektronische Bauelemente
O
THRU
GBU610
VOLTAGE 50V ~ 1000V 6 .0 AMP Glass Passivated Bridge Rectifiers
Ratings and Characteristic Curves (TA = 25 C unless otherwise noted)
FIG.1-FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT AMPERES 6.0
WITH HEATSINK
FIG.2-MAXIMUM NON-REPETITIVE SURGE CURRENT 180 PEAK FORWARD SURGE CURRENT, AMPERES 160
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
5.0 4.0
WITHOUT
120
3.0 2.0 1.0 0.00
SINGLE PHASE HALF WAVE 60Hz I RESISTIVE OR NDUCTIVE LOAD
80
40
0.1 0
20
40
60
80
100
120
140
0 0 2 5 10 20 50 100 NUMBER OF CYCLETS AT 60Hz
CASE TEMPERATURE, ! C
FIG.3-TYPICAL JUNCTION CAPACITANCE 100 100 INSTANTANEOUS FORWARD CURRENT, (A)
FIG.4-TYPICAL FORWARD CHARACTERISTICS
CAPACITANCE,(pF)
10
10
1.0
TJ = 25! C PULSE WIDTH 300us
TJ=25
,f=1MHZ
1.0 1.0 10.0 REVERSE VOLTAGE,VOLTS 100
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5-TYPICAL REVERSE CHARACTERISTICS 1000 INSTANTANEOUS REVERSE CURRENT ,(uA)
100
TJ=125
TJ=100
10
TJ=50
1.0
TJ=25
0.1 0 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2007 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of GBU6005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X