Part Number Hot Search : 
7N80C3 LTC1864 2N20C BUL38 HCC4067B MSC7170 AP4835 SDA20000
Product Description
Full Text Search
 

To Download GBJ10005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
GBJ10005 THRU GBJ1010
GLASS PASSIVATED BRIDGE RECTIFIER
VOLTAGE50-1000V CURRENT10.0A
FEATURES
*Low leakage *Low forward voltage *Surge overload ratings-170 Amperes
GBJ
1.193(30.3) 1.169(29.7)
HOLE FOR NO. 6 SCREW
.189(4.8) .173(4.4)
MECHANICAL DATA
*Case: Molded plastic *Epoxy: UL 94V-0 rate flame retardant *Lead: MIL-STD- 202E, Method 208 guaranteed *Polarity: Symbols molded or marked on body *Mounting: Thru hole for 6# screw *Weight: 6.6 grams
.106(2.7) .096(2.3) .094(2.4) .078(2.0) .043(1.1) .035(0.9) .402(1.1) .386(0.9)
+ ~~-
.119 (0.5) .800(20.3) .697(17.7) .441(11.2)
.425(10.8)
.150(3.8) .134(3.4) .184(3.4) .122(3.1) .031(0.8) .023(0.6)
.114(2.9) .165(4.2) .708(18.0) .098(2.5) .150(3.8) .669(17.0)
.303(7.7) .287(7.3)
.303(7.7) .287(7.3)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%. SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Current at TC=100C rectified Output VRRM VRMS VDC Io IFSM VF IR
GBJ 10005 50 35 50 GBJ 1001 100 70 100 GBJ 1002 200 140 200 GBJ 1004 400 280 400 GBJ 1006 600 420 600 GBJ 1008 800 560 800 GBJ 1010 1000 700 1000
units
V V V A A V A A2Sec pF
C/W
10 170 1.05 10 500 120 55 1.4
Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Maximum Forward Voltage Drop per element at 5.0A DC Maximum DC Reverse Current @ TA=25C at Rated DC Blocking Voltage @ TA=125C per element
I2t I2t Rating for Fusing (t<8.3ms) CJ Typical Junction Capacitance per Element(Note 1) Typical Thermal Resistance, Junction to Case RJA (Note 2) Notes: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
2. Thermal resistance from junction to case per element. Unit mounted on 150 x 150 x 1.6mm copper plate heat sink.
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of GBJ10005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X