Part Number Hot Search : 
AD7817AR 2SJ604 B2300 PCL6045 MAX6855 DS1831D T1637 MRF5943
Product Description
Full Text Search
 

To Download GBJ10005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBJ10005 thru GBJ1010
Single Phase Bridge Rectifiers
Dimensions GBJ(RS6M)
GBJ10005 GBJ1001 GBJ1002 GBJ1004 GBJ1006 GBJ1008 GBJ1010
VRRM V 50 100 200 400 600 800 1000
VRMS V 35 70 140 280 420 560 700
VDC V 50 100 200 400 600 800 1000
Symbol I(AV) IFSM VF IR I2t CJ ROJC TJ TSTG
Characteristics Maximum Average Forward (With Heatsink Note 2) Rectified Current @TC=110oC (Without Heatsink) Peak Forward Surge Current 8.3ms Single Half-Sine-Wave Superimposed On Rated Load (JEDEC METHOD) Maximum Forward Voltage At 5.0A DC Maximum DC Reverse Current At Rated DC Blocking Voltage I2t Rating For Fusing (t < 8.3 ms) Typical Junction Capacitance Per Element (Note 1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range @TJ=25oC @TJ=125oC
Maximum Ratings 10.0 3.0 170 1.05 10 500 120 55 1.4 -55 to +150 -55 to +150
Unit A A V uA A2S pF
o
C/W
o o
C C
NOTES: 1. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC. 2. Device Mounted On 150mm x 150mm x 1.6mm Cu Plate Heatsink.
FEATURES
* Rating to 1000V PRV * Ideal for printed circuit board * Low forward voltage drop, high current capability * Reliable low cost construction utilizing molded plastic technique results in inexpensive product
MECHANICAL DATA
* Polarity: Symbols molded on body * Weight: 0.23 ounces, 6.6 grams * Mounting position: Any
GBJ10005 thru GBJ1010
Single Phase Bridge Rectifiers


▲Up To Search▲   

 
Price & Availability of GBJ10005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X